Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download IRF7457PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF7457PBF smps mosfet notes   through  are on page 8 absolute maximum ratings symbol parameter max. units v ds drain-source voltage 20 v v gs gate-to-source voltage 20 v i d @ t a = 25c continuous drain current, v gs @ 10v 15 i d @ t a = 70c continuous drain current, v gs @ 10v 12 a i dm pulsed drain current  120 p d @t a = 25c maximum power dissipation  2.5 w p d @t a = 70c maximum power dissipation  1.6 w linear derating factor 0 .02 w/c t j , t stg junction and storage temperature range -55 to + 150 c hexfet   power mosfet benefits v dss r ds(on) max i d 20v 7.0m ? 15a www.irf.com 1 10/12/04  ultra-low r ds(on)  very low gate impedance  fully characterized avalanche voltage and current so-8 top view 8 1 2 3 4 5 6 7 d d d d g s a s s a symbol parameter typ. max. units r jl junction-to-drain lead ??? 20 r ja junction-to-ambient  ??? 50 c/w thermal resistance pd- 95032  high frequency dc-dc isolated converters with synchronous rectification for telecom and industrial use applications  high frequency buck converters for computer processor power  lead-free
IRF7457PBF 2 www.irf.com symbol parameter min. typ. max. units conditions g fs forward transconductance 30 ??? ??? s v ds = 16v, i d = 12a q g total gate charge ??? 28 42 i d = 12a q gs gate-to-source charge ??? 11 17 nc v ds = 10v q gd gate-to-drain ("miller") charge ??? 10 15 v gs = 4.5v,  q oss output gate charge ??? 25 38 v gs = 0v, v ds = 10v t d(on) turn-on delay time ??? 14 ??? v dd = 10v, t r rise time ??? 16 ??? i d = 12a t d(off) turn-off delay time ??? 16 ??? r g = 1.8 ? t f fall time ??? 7.5 ??? v gs = 4.5v   c iss input capacitance ??? 3100 ??? v gs = 0v c oss output capacitance ??? 1600 ??? v ds = 10v c rss reverse transfer capacitance ??? 270 ??? pf ? = 1.0mhz symbol parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. ??? 0.8 1.3 v t j = 25c, i s = 12a, v gs = 0v   ??? 0.67 ??? t j = 125c, i s = 12a, v gs = 0v t rr reverse recovery time ??? 50 75 ns t j = 25c, i f = 12a, v r = 15v q rr reverse recovery charge ??? 70 105 nc di/dt = 100a/s   t rr reverse recovery time ??? 50 75 ns t j = 125c, i f = 12a, v r =15v q rr reverse recovery charge ??? 74 110 nc di/dt = 100a/s   parameter typ. max. units e as single pulse avalanche energy  ??? 265 mj i ar avalanche current  ??? 15 a avalanche characteristics s d g diode characteristics 2.5 120  v sd diode forward voltage dynamic @ t j = 25c (unless otherwise specified) ns parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 20 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.023 ??? v/c reference to 25c, i d = 1ma ??? 5.5 7.0 v gs = 10v, i d = 15a   ??? 8.0 10.5 v gs = 4.5v, i d = 12a   v gs(th) gate threshold voltage 1.0 ??? 3.0 v v ds = v gs , i d = 250a ??? ??? 20 a v ds = 16v, v gs = 0v ??? ??? 100 v ds = 16v, v gs = 0v, t j = 125c gate-to-source forward leakage ??? ??? 200 v gs = 16v gate-to-source reverse leakage ??? ??? -200 na v gs = -16v static @ t j = 25c (unless otherwise specified) i gss i dss drain-to-source leakage current r ds(on) static drain-to-source on-resistance m ?
IRF7457PBF www.irf.com 3 fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 0.1 1 10 100 1000 2.5 3.0 3.5 4.0 4.5 v = 15v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 15a
IRF7457PBF 4 www.irf.com fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage fig 8. maximum safe operating area 1 10 100 0 1000 2000 3000 4000 5000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 0 10 20 30 40 50 60 0 2 4 6 8 10 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 12a v = 10v ds 0.1 1 10 100 1000 0.2 0.8 1.4 2.0 2.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 0.1 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms
IRF7457PBF www.irf.com 5 fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %          + -   0.01 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 0 3 6 10 13 16 t , case temperature ( c) i , drain current (a) c d
IRF7457PBF 6 www.irf.com fig 14. on-resistance vs. gate voltage fig 12. on-resistance vs. drain current fig 13a&b. basic gate charge test circuit and waveform fig 14a&b. unclamped inductive test circuit and waveforms fig 14c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   q g q gs q gd v g charge t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 0 20 40 60 80 100 120 i d , drain current ( a ) 0.000 0.005 0.010 0.015 0.020 0.025 0.030 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) vgs = 4.5v vgs = 10v 3.0 3.5 4.0 4.5 5.0 5.5 v gs, gate -to -source voltage (v) 0.006 0.008 0.010 0.012 0.014 0.016 0.018 0.020 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) i d = 15a 25 50 75 100 125 150 0 100 200 300 400 500 600 700 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 5.4a 9.6a 12a
IRF7457PBF www.irf.com 7 so-8 package outline dimensions are shown in milimeters (inches) e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 min max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 bas ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot pr i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. ou t l i ne conf or ms t o j e de c ou t l i ne ms -012aa. not e s : 1. dime ns ioning & t ole rancing pe r as me y14.5m-1994. 2. cont rol ling dimens ion: mil l ime t er 3. dimens ions are s hown in millimet ers [inches ]. 5 dime ns ion doe s not incl ude mol d prot rus ions . 6 dime ns ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o e xcee d 0.25 [.010]. 7 dimens ion is t he lengt h of lead f or s oldering t o a subs t rat e. mold prot rus ions not t o e xcee d 0.15 [.006]. 8x 1.78 [.070] so-8 part marking information (lead-free) dat e code (yww) xxxx int ernat ional rect ifier logo f 7101 y = l as t digit of t he ye ar part number lot code ww = we e k example: t his is an irf7101 (mosfet ) p = de s i gnat e s l e ad-f r e e product (optional) a = as s e mb l y s i t e code
IRF7457PBF 8 www.irf.com 
repetitive rating; pulse width limited by max. junction temperature.  
starting t j = 25c, l = 3.7mh r g = 25 ? , i as = 12a.  pulse width 300s; duty cycle 2%.  when mounted on 1 inch square copper board, t<10 sec data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 10/04 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel


▲Up To Search▲   

 
Price & Availability of IRF7457PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X