Part Number Hot Search : 
YAAMUA AOL1436 6010QM3 GS001 274QS16E A5954 5N03L LSIT124
Product Description
Full Text Search
 

To Download HMC311LP3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  driver & gain block amplifiers - smt 1 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz for price, delivery, and to place orders: analog devices, inc., one technology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d information furnished by analog devices is believed to be ac curate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infrin gements of patents or other rights of third parties that may result from its use. speciications subje ct to change without notice. no license is granted by implication or otherwise under any patent or patent r ights of analog devices. trademarks and registered trademarks are the property of their respective o wners. general description features functional diagram the hmc311lp3(e) is a gaas ingap heterojunction bipolar transistor (hbt) gain block mmic smt dc to 6 ghz ampliiers. this 3x3mm qfn packaged ampliier can be used as either a cascadable 50 ohm gain stage or to drive the lo of hmc mixers with up to +17 dbm output power. the hmc311lp3(e) offers 14.5 db of gain and an output ip3 of +32 dbm while requiring only 56 ma from a +5v supply. the darlington feedback pair used results in reduced sensitivity to normal process variations and yields excellent gain stability over temperature while requiring a minimal number of external bias components. p1db output power: +15.5 dbm output ip3: +32 dbm gain: 14.5 db 50 ohm i/os 16 lead 3x3mm smt package: 9mm 2 typical applications the hmc311lp3(e) is ideal for: cellular / pcs / 3g fixed wireless & wlan catv & cable modem microwave radio electrical speciications, vs= 5v, rbias= 22 ohm, t a = +25 c parameter min. typ. max. units gain dc - 1.0 ghz 1.0 - 4.0 ghz 4.0 - 6.0 ghz 13.0 12.5 12.0 14.5 14.3 14.0 dbdb db gain variation over temperature dc - 2.0 ghz 2.0 - 4.0 ghz 4.0 - 6.0 ghz 0.005 0.008 0.012 0.008 0.012 0.016 db/ c db/ c db/ c return loss input / output dc - 1.0 ghz 1.0 - 3.0 ghz 3.0 - 6.0 ghz 13 11 15 dbdb db reverse isolation dc - 6 ghz 18 db output power for 1 db compression (p1db) dc - 2.0 ghz 2.0 - 4.0 ghz 4.0 - 6.0 ghz 13.5 12.0 10.0 15.5 15.0 13.0 dbm dbm dbm output third order intercept (ip3) dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 4.0 ghz 4.0 - 6.0 ghz 32 30 28 24 dbm dbm dbm dbm noise figure dc - 6 ghz 4.5 db supply current (icq) 55 74 ma note: data taken with broadband bias tee on device output.
for price, delivery, and to place orders: analog devices, inc., one techn ology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d driver & gain block amplifiers - smt 2 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz output return loss vs. temperature gain & return loss gain vs. temperature reverse isolation vs. temperature input return loss vs. temperature noise figure vs. temperature -25 -20 -15 -10 -5 0 5 10 15 20 0123456789 s21 s11 s22 response (db) frequency (ghz) 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 012345678 +25 c +85 c -40 c gain (db) frequency (ghz) -2 0 -15 -10 -5 0 012345678 +25 c +85 c -40 c input return loss (db) frequency (g) -20 -15 -10 -5 0 012345678 +25 c +85 c -40 c output return loss (db) frequency (gh) -2 5 -20 -15 -10 -5 0 012345678 +25 c +85 c -40 c reverse isolation (db) frequency () 0 1 2 3 4 5 6 7 8 9 10 12345678 +25 c +85 c - 40 c n o ise figure (db) frequency (ghz)
for price, delivery, and to place orders: analog devices, inc., one techn ology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d driver & gain block amplifiers - smt 3 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz power compression @ 6 ghz p1db vs. temperature psat vs. temperature output ip3 vs. temperature power compression @ 1 ghz gain, power, output ip3 & supply current vs. supply voltage @ 1 ghz 0 2 4 6 8 10 12 14 16 18 20 012345678 +25 c +85 c -40 c p1db (dbm) frequency (ghz) 0 2 4 6 8 10 12 14 16 18 20 012345678 +25 c +85 c -40 c p sat (dbm) frequency (gh) -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 18 20 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 8 p out gain pae pout (dbm), gain (db), pae (%) input powe (dbm) -10 -8 -6 -4 -2 0 2 4 6 8 10 12 14 16 18 20 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 2 4 6 p out gain pae pout (dbm), gain (db), pae (%) input powe (dbm) 10 12 14 16 18 20 22 24 26 28 30 32 34 012345678 +25 c +85 c -40 c ip3 (dbm) frequency (ghz) 0 5 10 15 20 25 30 35 40 0 20 40 60 80 4.5 4.75 5 5.25 5.5 gain p1db psat oip3 icq gain (db), p1db (dbm), psat (dbm), oip3 (dbm) icq (ma) vs(vdc)
for price, delivery, and to place orders: analog devices, inc., one techn ology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d driver & gain block amplifiers - smt 4 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz outline drawing absolute maximum ratings collector bias voltage (vcc) +7v rf input power (rfin)(vs = +5v) +10 dbm junction temperature 150 c continuous pdiss (t = 85 c) (derate 5.21 mw/c above 85 c) 0.339 w thermal resistance (junction to ground paddle) 192 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c esd sensitivity (hbm) class 1a, passed 250v notes: 1. leadframe material: copper alloy 2. dimensions are in inches [millimeters] 3. lead spacing tolerance is non-cumulative 4. pad burr length shall be 0.15mm maximum. pad burr height shall be 0.05mm maximum. 5. package warp shall not exceed 0.05mm. 6. all ground leads and ground paddle must be soldered to pcb rf ground. 7. refer to hittite application note for suggested land pat tern. part number package body material lead finish msl rating package marking [3] h m c 311lp3 low stress injection molded plastic sn/pb solder msl1 [1] 311 xxxx HMC311LP3E rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] 311 xxxx [1] max peak relow temperature of 235 c [2] max peak relow temperature of 260 c [3] 4-digit lot number xxxx package information electrostatic sensitive device observe handling precautions
for price, delivery, and to place orders: analog devices, inc., one techn ology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d driver & gain block amplifiers - smt 5 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz application circuit pin descriptions pin number function description interface schematic 1, 2, 4 - 9, 11 - 16 n/c this pin may be connected to rf ground. 3 rfin this pin is dc coupled. an off chip dc blocking capacitor is required. 10 rfout rf output and dc bias for the output stage. gnd package bottom must be connected to rf/dc ground. recommended component values component frequency (mhz) 50 900 1900 2200 2400 3500 5200 5800 l1 270 nh 56 nh 18 nh 18 nh 15 nh 8.2 nh 3.3 nh 3.3 nh c1, c2 0.01 f 100 pf 100 pf 100 pf 100 pf 100 pf 100 pf 100 pf note: 1. select rbias to achieve icq using equation below, r bias > 22 ohm. 2. external blocking capacitors are required on rfin and rfout. icq = vs - 3.8 rbias
for price, delivery, and to place orders: analog devices, inc., one techn ology way, p.o. box 9106, norwood, ma 02062-9106 phone: 781-329-4700 order online at www.analog.com application support: phone: 1-800-analog-d driver & gain block amplifiers - smt 6 hmc311lp3 / 311lp3e v06.0617 ingap hbt gain block mmic amplifier, dc - 6 ghz evaluation pcb the circuit board used in the inal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appropriate heat sink. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 106789 [1] item description j1 - j2 pc mount sma connector j3 2 mm dc header c1, c2 capacitor, 0402 pkg. c3 10,000 pf capacitor, 0805 pkg. r1 22 ohm resistor, 0805 pkg. l1 inductor, 0805 pkg. u1 hmc311lp3 / HMC311LP3E pcb [2] 106493 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 pin number description 1, 2, 3 vs 4, 5, 6 gnd j3


▲Up To Search▲   

 
Price & Availability of HMC311LP3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X