Part Number Hot Search : 
C1510 MIHW2000 LA1845 NDY2405 STK6714A ZRA245A 05DRL SAA5291A
Product Description
Full Text Search
 

To Download HLMP-0103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HLMP-0103 t-1 3 / 4 (5 mm) panel mount clip and retaining ring product overview description the HLMP-0103 is a black plastic mounting clip and retaining ring. it is designed to panel mount agilent solid state high profle t-13/4 size lamps. this clip and ring combination is intended for installation in instrument panels from 1.52 mm (0.060) to 2.67 mm (0.105) thick. for panels greater than 2.67 mm (0.105), counterboring may be needed to the required thickness. mounting instructions drill a 6.45/6.63 (0.254/0.261in.) dia. hole in the panel. deburr but do not chamfer the edges of the hole. press the panel clip into the hole from the front of the panel. press the led into the clip from the back. use blunt long nose pliers to push on the led. do not use force on the led leads. a tool such as a nut driver may be used to press on the clip. slip a plastic retaining ring onto the back of the clip and press tight using tools such as two nut drivers. note: clip and retaining ring are also available for t-1 package, from a non-agilent source. please contact inter - consal association, 2584 wyandotte way, mountain view, ca for additional information. telephone: (408) 745-0161. see diagram that follows. package dimensions 0.110 2.79 0.038 0.003 0.97 0.08 0.022 0.001 0.56 0.03 0.005 0.003 0.13 0.08 6.73 0.290 0.010 7.37 0.25 0.250 0.005 6.35 0.13 0.318 8.08 0.065 1.65 2.03 0.240 6.10 4.57 9.53 0.151 0.005 0.238 0.220 0.010 5.59 0.25 0.265 +0.010- 6.73 +0.25- 3.84 0.13 0.265 120 o typ. 6x 6.05 ? 0.080 typ. 6x ? 0.025 +0.005-0.010 0.64 +0.13-0.25 typ. 4x 0.180 typ. 4x ? ? ? ? ? 0.375 ? note: ? all dimensions are in inches (millimeters) . 0.200 + 0.0040 5.08 + 0.100
mounting instructions for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies, limited in the united states and other countries. data subject to change. copyright ? 2007 avago technologies limited. all rights reserved. 5989-0046en - may 14, 2007


▲Up To Search▲   

 
Price & Availability of HLMP-0103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X