Part Number Hot Search : 
V48C1 MIC83301 SMZ140 51206 012T470M BR100 TC9309 LM324
Product Description
Full Text Search
 

To Download GM6380 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gm 6380 sot-23 w (sot-23 field effect transistors) n n n n -channel -channel -channel -channel enhancement-mode enhancement-mode enhancement-mode enhancement-mode mos mos mos mos fets fets fets fets n n n n ? mos mos mos mos ? maximum maximum maximum maximum ratings ratings ratings ratings ~? characteristic ? symbol ? max ? unit drain - source voltage ? O - ? O? b v dss 60 v gate - source voltage ? O - ? O? v gs + 2 0 v drain current - continuous ? O - Bm i dr 3 a drain current - pulsed ? O - i drm 5 a thermal thermal thermal thermal characteristics characteristics characteristics characteristics characteristic symbol ? max ? unit total device dissipation ? t a = 25 h?? 25 derate above25 ^ 25 fp p d 1000 3 .8 mw mw/ thermal resistance junction to ambient r ja 150 /w junct io n and storage temperature Y??? t j , t stg 150 , -55to+150
electrical electrical electrical electrical characteristics characteristics characteristics characteristics (t a =25 unless otherwise noted of?? 25 ) characteristic ? symbol ? min ? typ ? max ? unit drain - source breakdown voltage ? O - ? O? ( i d = 25 0 u a, v gs =0 v ) b v dss 6 0 v gate threshold voltage ? O _ ? ( i d = 25 0 u a, v gs = v ds ) v gs ( th ) 0.8 1.4 v diode forward voltage drop ? O ( i sd = 1 a, v gs =0 v ) v sd 1 . 5 v zero gate voltage drain current ? ? O (v gs = 0 v, v ds = 60 v) i dss 1 u a gate body leakage ? O ? (v gs = + 20 v, v ds = 0 v) i gss + 100 n a static drain-source on-state resistance ??? ? ( i d = 3 a, v gs = 10 v ) ( i d = 3 a, v gs = 4.5 v ) r ds ( on ) 80 90 10 5 12 5 m input capacitance ? (v gs = 0 v, v ds = 25 v, f=1 mhz) c iss 5 50 pf common source output capacitance ? ? (v gs = 0 v, v ds = 25 v, f=1 mhz) c oss 1 25 pf turn-on time rg (v ds = 30 v, i d = 200ma , r gen = 25 ) t (on) 4 0 ns turn-off time ? rg (v ds = 30 v, i d = 200ma , r gen = 25 ) t (off) 8 0 ns 1. fr-5=1.0 0.75 0.062in. 2. alumina=0.4 0.3 0.024in.99.5%alumina. 3. pulse width < 300 s; duty cycle < 2.0%.
dimension dimension dimension dimension b? (unit) mm


▲Up To Search▲   

 
Price & Availability of GM6380

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X