Part Number Hot Search : 
MR852 D8222 SN74L 2SK1918 24WC16 90010 CAR6AC MJ14000
Product Description
Full Text Search
 

To Download GCM2165C1H151JA16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GCM2165C1H151JA16_ (0805, c0g, 150pf, 50vdc) _: packaging code reference sheet 1.scope 2.murata part no. system (ex.) 3. type & dimensions (unit:mm) 4.rated value 5.package product specifications in this catalog are as of jan.26,2013,and are subject to change or obsolescence without notice. please consult the approval sheet before ordering. please read rating and !cautions first. chip monolithic ceramic capacitor for automotive g 0.2 to 0.7 150 pf temp. range (ref.temp.) (8) packaging mark (4) dc rated voltage packaging unit 5 % -55 to 125 c 030 ppm/c 25 to 125 c (25 c) (3) temperature characteristics (public std code):c0g(eia) specifications and test methods (operationg temp. range) temp. coeff or cap. change (5) nominal capacitance (6) capacitance tolerance 50 vdc 0.7 min. (2) t 0.60.1 this product specification is applied to chip monolithic ceramic capacitor used for automotive electronic equipment. (1)-1 l 2.00.15 (1)-2 w 1.250.15 e d f 180mm reel paper w8p4 4000 pcs./reel j f 330mm reel paper w8p4 10000 pcs./reel (1)l/w dimensions (2)t dimensions (3)temperature characteristics (4)dc rated voltage (5)nominal capacitance (6)capacitance tolerance (8)packaging code (7)muratas control code t l w e e g GCM2165C1H151JA16-01 1 gcm 21 6 5c 1h 151 j a16 d
temperature compensating type high dielectric type pre-and post-stress
electrical test 2 high temperature the measured and observed characteristics should satisfy the set the capacitor for 100012 hours at 1503 . set for exposure (storage) specifications in the following table. 242 hours at room temperature, then measure. appearance no marking defects capacitance within 2.5% or 0.25pf r7/l8/r9: within 10.0% change (whichever is larger) q/d.f. 30pfmin. : q R 1000 r7/l8 w.v.: 25vmin.: 0.03 max. 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.05 max. c: nominal capacitance(pf) r9 : 0.075max. i.r. more than 10,000m or 500 ? f (whichever is smaller) r9 : more than 150 ? f 3 temperature cycling the measured and observed characteristics should satisfy the fix the capacitor to the supporting jig in the same manner and under specifications in the following table. the same conditions as (19). perform cycle test according to the four appearance no marking defects heat treatments listed in the following table. set for 242 hours at capacitance within 2.5% or 0.25pf r7/l8/r9: within 10.0% room temperature, then measure change (whichever is larger) q/d.f. 30pfmin. : q R 1000 r7/l8 w.v.: 25vmin.: 0.03 max. 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.05 max. c: nominal capacitance(pf) r9 : 0.05max. i.r. more than 10,000m or 500 ? f (whichever is smaller) ? initial measurement for high dielectric constant type perform a heat treatment at 150+0/-10 for one hour and then set for 242 hours at room temperature. perform the initial measurement. 4 destructive no defects or abnormalities per eia-469. phisical analysis 5 moisture resistance the measured and observed characteristics should satisfy the apply the 24-hour heat (25 to 65 ) and humidity (80 to 98%) specifications in the following table. treatment shown below, 10 consecutive times. appearance no marking defects set for 24 2 hours at room temperature, then measure. capacitance within 3.0% or 0.30pf r7/l8/r9: within 12.5% change (whichever is larger) q/d.f. 30pfmin. : q R 350 r7/l8 : w.v.: 25vmin.: 0.03 max. 10pf and over, 30pf and below: w.v.: 16v/10v : 0.05 max. q R 275+5c/2 r9 : 0.075max. 10pfmax.: q R 200+10c c: nominal capacitance(pf) i.r. more than 10,000m or 500 ? f (whichever is smaller) r9 : more than 150 ? f 6 biased humidity the measured and observed characteristics should satisfy the apply the rated voltage and 1.3+0.2/-0vdc (add 6.8k resister) specifications in the following table. at 853 and 80 to 85% humidity for 100012 hours. appearance no marking defects remove and set for 242 hours at room temprature, then measure. capacitance within 3.0% or 0.30pf r7/l8/r9: within 12.5% the charge/discharge current is less than 50ma. change (whichever is larger) q/d.f. 30pf and over: q R 200 r7/l8 w.v.: 25vmin.: 0.035 max. 30pf and below: q R 100+10c/3 w.v.: 16v/10v : 0.05 max. c: nominal capacitance(pf) r9 : 0.075max. i.r. more than 1,000m or 50 ? f (whichever is smaller) aec-q200 murata standard specification and test methods no aec-q200 test item aec-q200 test method specification. 1 - jemcgs-0363s 2 step time(min) cycles 1000 ( for c/r7 ) 300( for 5g/l8/r9 ) 1 15 3 - 55 +0/ - 3 - 55 +0/ - 3 2 1 room room 3 15 3 125 +3/ - 0 1 50 +3/ - 0 4 1 room room one cycle 24 hours hours initial measuremt +10 - 2 humidity 90 98% humidity 80 98% humidity 80 98% humidity 90 98% humidity 90 98% 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 temperature 70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 - 5 - 1 0 ( )
temperature compensating type high dielectric type 7 operational life the measured and observed characteristics should satisfy the apply 200% of the rated voltage for 1000 12 hours at 125 3 (for specifications in the following table. c/r7), 150 3 (for 5g/l8/r9). appearance no marking defects set for 24 2 hours at room temperature, then measure. capacitance within 3.0% or 0.30pf r7/l8/r9: within 12.5% the charge/discharge current is less than 50ma. change (whichever is larger) q/d.f. 30pfmin. : q R 350 r7/l8 : w.v.: 25vmin.: 0.035 max. ? initial measurement for high dielectric constant type. 10pf and over, 30pf and below: (gcm155r71h 562-223: 0.05max) apply 200% of the rated dc voltage for one hour at the maximun q R 275+5c/2 w.v.: 16v/10v : 0.05 max. operating temperature 3 . remove and set for 24 2 hours at 10pfmax.: q R 200+10c r9 : 0.075max. room temperature. perform initial measurement. c: nominal capacitance(pf) i.r. more than 1,000m or 50 ? f (whichever is smaller) 8 external visual no defects or abnormalities visual inspection 9 phisical dimension within the specified dimensions using calipers 10 resistance to appearance no marking defects per mil-std-202 method 215 solvents capacitance within the specified tolerance solvent 1 : 1 part (by volume) of isopropyl alcohol change 3 parts (by volume) of mineral spirits q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. solvent 2 : terpene defluxer 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035 max. solvent 3 : 42 parts (by volume) of water c: nominal capacitance(pf) r9 : 0.05max. 1part (by volume) of propylene glycol monomethylether 1 part (by volume) of monoethanolomine i.r. more than 10,000m or 500 ? f (whichever is smaller) 11 mechanical appearance no marking defects three shocks in each direction should be applied along 3 mutually shock capacitance within the specified tolerance perpendicular axes of the test specimen (18 shocks). change the specified test pulse should be half-sine and should have a q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. duration :0.5ms, peak value:1500g and velocity change: 4.7m/s. 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035 max. c: nominal capacitance(pf) r9 : 0.05max. i.r. more than 10,000m or 500 ? f (whichever is smaller) 12 vibration appearance no defects or abnormalities solder the capacitor to the test jig (glass epoxy board) in the same capacitance within the specified tolerance manner and under the same conditions as (19). the capacitor change should be subjected to a simple harmonic motion having a total q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. amplitude of 1.5mm, the frequency being varied uniformly between 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035 max. the approximate limits of 10 and 2000hz. the frequency range, from c: nominal capacitance(pf) r9 : 0.05max. 10 to 2000hz and return to 10hz, should be traversed in approximately 20 minutes. this motion should be applied for 12 i.r. more than 10,000m or 500 ? f items in each 3 mutually perpendicular directions (total of 36 times). (whichever is smaller) 13 resistance to the measured and observed characteristics should satisfy the immerse the capacitor in a eutectic solder solution at 260 5 for soldering heat specifications in the following table. 10 1 seconds. set at room temperature for 24 2 hours, then appearance no marking defects measure. capacitance within the specified tolerance change ? initial measurement for high dielectric constant type q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. perform a heat treatment at 150+0/-10 for one hour and then set 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035 max. for 24 2 hours at room temperature. c: nominal capacitance(pf) r9 : 0.05max. perform the initial measurement. i.r. more than 10,000m or 500 ? f (whichever is smaller) aec-q200 murata standard specification and test methods no aec-q200 test item aec-q200 test method specification. jemcgs-0363s 3
temperature compensating type high dielectric type 14 thermal shock the measured and observed characteristics should satisfy the fix the capacitor to the supporting jig in the same manner and under specifications in the following table. the same conditions as (19). perform the 300 cycles according to appearance no marking defects the two heat treatments listed in the following table(maximum capacitance within 2.5% or 0.25pf r7/l8/r9: within 10.0% transfer time is 20 seconds). set for 242 hours at room change (whichever is larger) temperature, then measure q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max.* 30pfmax.: q R 400+20c *0.05max:gcm188r71e/1h563 to 104 c: nominal capacitance(pf) w.v.: 16v/10v : 0.035 max. r9 : 0.05max i.r. more than 10,000m or 500 ? f (whichever is smaller) ? initial measurement for high dielectric constant type perform a heat treatment at 150+0/-10 for one hour and then set for 242 hours at room temperature. perform the initial measurement. 15 esd appearance no marking defects per aec-q200-002 capacitance within the specified tolerance change q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. 30pfmax.: q R 400+20c w.v.: 16v/10v :0.035 max. c: nominal capacitance(pf) r9 : 0.05max. i.r. more than 10,000m or 500 ? f (whichever is smaller) 16 solderability (a) preheat at 155 for 4 hours. after preheating, immerse the capacitor in a solution of ethanol(jis-k-8101) and rosin (jis-k- 5902) (25% rosin in weight propotion). immerse in eutectic solder solution for 5+0/-0.5 seconds at 2355 . (b) should be placed into steam aging for 8 hours15 minutes. after preheating, immerse the capacitor in a solution of ethanol(jis-k-8101) and rosin (jis-k-5902) (25% rosin in weight propotion). immerse in eutectic solder solution for 5+0/-0.5 seconds at 2355 . (c) should be placed into steam aging for 8 hours15 minutes. after preheating, immerse the capacitor in a solution of ethanol(jis-k-8101) and rosin (jis-k-5902) (25% rosin in weight propotion). immerse in eutectic solder solution for 1205 seconds at 2605 . 17 electrical appearance no defects or abnormalities visual inspection. chatacteri- capacitance within the specified tolerance the capacitance/q/d.f. should be measured at 25 at the zation change frequency and voltage shown in the table. q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035 max. c: nominal capacitance(pf) r9 : 0.05max. i.r. 25 more than 100,000m or 1000 ? f more than 10,000m or 500 ? f the insulation resistance should be measured with a dc voltage not (whichever is smaller) (whichever is smaller) exceeding the rated voltage at 25 and 125 (for c/r7)/ 150 for 5g/l8/r9 within 2 minutes of charging. i.r. 125 more than 10,000m or 100 ? f more than 1,000m or 10 ? f (whichever is smaller) (whichever is smaller) i.r. 150 more than 10,000m or 100 ? f more than 1,000m or 1 ? f (whichever is smaller) (whichever is smaller) dielectric no failure no failure should be observed when 250% of the rated voltage is strength applied between the terminations for 1 to 5 seconds, provided the charge/ discharge current is less than 50ma. 95% of the terminations is to be soldered evenly and continuously. aec-q200 murata standard specification and test methods no aec-q200 test item aec-q200 test method specification. jemcgs-0363s 4 step 1 2 temp.( - 55+0/ - 3 125+3/ - 0 (forc/r7) 150 + 3/ - 0 for 5g/l8/r9 time (min. 153 153 char. item c,5g (1000 pf and below) c,5g (more than 1000pf) r7, r 9, l8(c Q 10 f) frequency 10.1 m hz 10.1khz voltage 0. 5 to 5 vrms 10.2vrms
temperature compensating type high dielectric type 18 board flex appearance no marking defects solder the capacitor on the test jig (glass epoxy board) shown in fig1 using a eutectic solder. then apply a force in the direction shown in fig 2 for 5 1sec. the soldering should be done by the reflow method and should be conducted with care so that the capacitance within 5.0% or 0.5pf r7/l8/r9: within 10.0% soldering is uniform and free of defects such as heat shock. change (whichever is larger) q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035max. c: nominal capacitance(pf) r9 : 0.05max. i.r. more than 10,000m or 500 ? f (whichever is smaller) 19 terminal appearance no marking defects solder the capacitor to the test jig (glass epoxy board) shown in strength fig.3 using a eutectic solder. then apply *18n force in parallel with capacitance within specified tolerance the test jig for 60sec. change the soldering should be done either with an iron or using the reflow q/d.f. 30pfmin. : q R 1000 r7/l8 : w.v.: 25vmin.: 0.025 max. method and should be conducted with care so that the soldering is 30pfmax.: q R 400+20c w.v.: 16v/10v : 0.035max. uniform and gree of defects such as heat shock c: nominal capacitance(pf) r9 : 0.05max. i.r. more than 10,000m or 500 ? f (whichever is smaller) in mm 20 beam load test destruction value should be exceed following one. place the capacitor in the beam load fixture as fig 4. < chip l dimension : 2.5mm max. > apply a force. < chip length : 2.5mm max. > < chip l dimension : 3.2mm max. > < chip length : 3.2mm min. > speed supplied the stress load : *0.5mm / sec. *gcm03: 0.1mm/sec. chip thickness < 1.25mm rank : 15n chip thickness R 1.25mm rank : 54.5n chip thickness > 0.5mm rank : 20n chip thickness Q 0.5mm rank : 8n aec-q200 murata standard specification and test methods no aec-q200 test item aec-q200 test method specification. t : 1.6mm fig.3 fig.4 *2n(gcm03/15) (gcm03/15:0.8mm jemcgs-0363s 5 type a b c gcm03 0.3 0.9 0.3 gc m 15 0.5 1.5 0.6 g c m 18 0.6 2.2 0.9 g c m 21 0.8 3.0 1.3 g cm 31 2.0 4.4 1.7 g c m 32 2.0 4.4 2.6 ( in mm ) 100 40 a c b f 4.5 c fig.1 2 4.0 0.1 8.0 0.3 3.5 0.05 0.05 1 1.5 +0.1 - 0 t * 1,2 2.0 0.05 1.75 0.1 type a b c gcm03 0.3 0.9 0.3 gc m 15 0.4 1.5 0.5 gcm 18 1.0 3.0 1.2 g cm 21 1.2 4.0 1.65 g cm 31 2.2 5.0 2.0 g c m 32 2.2 5.0 2.9 a a c b ???? f 4.5 c solder resist baked electrode or c opper foil b t: 1 .6mm ( gcm03/15: 0.8mm ) 2 4.0 0.1 8.0 0.3 3.5 0.05 0.05 1 1.5 +0.1 - 0 t * 1,2 2.0 0.05 1.75 0.1 iron board 45 45 fle x ure Q 2 ( high dielectric type ) c apacitance meter pressurizing s peed: 1.0mm/ s pressurize ?? ?????? 45 45 fig.2 flexure Q 3 (temperature compensating type) r 4 20 114 l 0.6l
temperature compensating type high dielectric type 21 capacitance capacitance within the specified tolerance. r7 : within 15% the capacitance change should be measured after 5 min. at temperature change (table a) (-55 to +125 ) each specified temperature stage. characteristics l8 : within 15% (1)temperature compensating type (-55 to +125 ) the temperature coefficient is determind using the capacitance within +15/-40% measured in step 3 as a reference. when cycling the temperature (+125 to +150 ) sequentially from step1 through 5 ( c: +25 to +125 , r9 : within 15% 5g:+25 to +150 other temp. coeffs.:+25 to +85 ) the (-55 to +150 ) capacitance should be within the specified tolerance for the temperature coefficient and capacitance change as table a-1. the capacitance drift is caluculated by dividing the differences betweeen the maximum and minimum measured values in the step temperature within the specified tolerance. 1,3 and 5 by the cap value in step 3. coefficent (table a) capacitance within 0.2% or 0.05 pf drift (whichever is larger.) (2) high dielectric constant type the ranges of capacitance change compared with the above 25 value over the temperature ranges shown in the table should be within the specified ranges. initial measurement for high dielectric constant type. perform a heat treatment at 150+0/-10 for one hour and then set for 24 2 hours at room temperature. perform the initial measurement. aec-q200 murata standard specification and test methods no aec-q200 test item aec-q200 test method specification. jemcgs-0363s 6 step temperature.( ? c ) 1 252 2 - 553(for c to r7) 3 252 4 1253 for c/r7 , 1503 for 5g /r 9 /l8 ,853 for other tc 5 252 table a char. nominal values (ppm/ ? c ) capacitance change from 2 5 ? c ( % ) - 55 - 30 - 10 max. min. max. min. max. min. 5 c/ 5g 0 3 0 0.58 - 0.24 0.40 - 0.17 0.25 - 0.11 note 1: nominal values denote the temperature coefficient within a range of 2 5 ? c to 125 ? c (for ? c )/ 15 0 ? c (for 5g )/85 ? c (for other tc).
1.tape carrier packaging(packaging code:d/e/w/f/l/j/k) 1.1 minimum quantity(pcs./reel) 180mm reel 330mm reel plastic tape paper tape plastic tape code:d/e code:w code:l code:j/ f code:k gc 03 15000(w8p2) 30000(w8p1) 50000(w8p2) gc 15 10000(w8p2) 20000(w8p1) 50000(w8p2) gc 18 4000 10000 6 4000 10000 9 4000 10000 b 3000 10000 6 4000 10000 9 4000 10000 m 3000 10000 c 2000 6000 9 4000 10000 m 3000 10000 n 2000 8000 r/d/e 1000 4000 m 1000 5000 n/r 1000 4000 e 500 2000 m 1000 5000 n/r 1000 4000 1.2 dimensions of tape (1)gc 03/15(w8p2 code:d/e/j/f) (in:mm) code gc 03 gc 15 a *3 0.37 0.65 b *3 0.67 1.15 *3 nominal value 0.5 max. 0.8 max. (2)gc 03/15(w8p1 code:w) (in:mm) code gc 03 gc 15 a * 0.37 0.65 b * 0.67 1.15 * nominal value 0.5 max. 0.8 max. package gc type gc 55 paper tape type gc 21 gc 31 gc 32 gc 43 jemcgp-01894a 7 *1,2 2 .0 0. 05 4.0 0.1 *1 1.5 +0.1 - 0 1.75 0.1 8.0 0.3 3.5 0.05 t *2 0.05 max. 2 4.0 0.1 8.0 0.3 3.5 0.05 0.05 1 1.5 +0.1 - 0 t * 1,2 2.0 0.05 1.75 0.1 1 .0 0. 05 4.0 0.1 1.5 +0.1 - 0 1.75 0.1 8.0 0.3 3.5 0.05 t 1 .0 0.05
(3)gc 18/21/31/32 t:0.85 rank max. (in:mm) code gc 18 gc 21 gc 31 gc 32 a 1.050.1 1.550.15 2.00.2 2.80.2 b 1.850.1 2.30.15 3.60.2 3.60.2 (4)gc 21/31/32 t:1.15 rank min. (in:mm) code gc 21 gc 31 gc 32 a 1.450.2 1.90.2 2.80.2 b 2.250.2 3.50.2 3.50.2 (5)gc 43/55 (in:mm) code gc 43 gc 55 a *2 3.6 5.2 *2 nominal value b *2 4.9 6.1 package gc type jemcgp-01894a 8 4.0 0.1 4.0 0.1 2.0 0.1 1.5 +0.1 - 0 1.75 0.1 8.0 0.3 3.5 0.05 1.1 max. 8.0 0.3 4.0 0.1 3.5 0.05 1.75 0.1 2 .0 0.1 1.5 +0.1 - 0 1.7 max. (t Q 1.25mm) 2.5 max. (t:1.35/1.6mm) 3.0 max. (t:1.8/ 2.0mm) 3.7 max. (t R 2.5mm) 4.0 0.1 0.25 0.1 (t Q 2.0 mm) 0.3 0.1 (t 2.5mm) 1.5 +0.1 - 0 4.0 0.1 8.0 0.1 1.5 +0. 2 - 0 12 .0 0.3 5 .5 0.1 1.75 0.1 * * 1 2.5 max. (t Q 1. 8 mm) *1 * 2.0 0.1 0.3 0.1
package gc type jemcgp-01894a 9 1 ??????B ( g mm) 210.8 1 w top tape : thickness 0.06 feeding hole :as specified in 1 .2. h ole for chip : as specified in 1 .2. base tape : as specified in 1 .2. bottom tape :thickness 0.05 (only a bottom tape existence ) w w 1 g c 32 max. 16.5 max. 101.5 g c 43/55 20.5 max. 141.5 180+0/ - 3.0 3302.0 50 min. 130.5 2.00.5 chip (in: mm) fig.1 package chips fig.2 dimensions of reel fig.3 taping diagram
1.3 tapes for capacitors are wound clockwise shown in fig.3. (the sprocket holes are to the right as the tape is pulled toward the user.) 1.4 part of the leader and part of the vacant section are attached as follows. (in:mm) 1.5 accumulate pitch : 10 of sprocket holes pitch = 40 0.3mm 1.6 chip in the tape is enclosed by top tape and bottom tape as shown in fig.1. 1.7 the top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches. 1.8 there are no jointing for top tape and bottom tape. 1.9 there are no fuzz in the cavity. 1.10 break down force of top tape : 5n min. break down force of bottom tape : 5n min. (only a bottom tape existence ) 1.11 reel is made by resin and appeaser and dimension is shown in fig 2. there are possibly to change the material and dimension due to some impairment. 1.12 peeling off force : 0.1n to 0.6n * in the direction as shown below. * gc 03:0.05n 0.5n 1.13 label that show the customer parts number, our parts number, our company name, inspection number and quantity, will be put in outside of reel. package gc type jemcgp-01894a 10 1 ??????B ( g mm) tail vacant section chip - mounting unit leader vacant section leader unit (top tape only) direction of feed 160 min. 190 min. 210 min. 1 ??????B ( g mm) 165 180 top tape
caution limitation of use please contact our sales representatives or product engineers before using our products for the applications listed below which require of our products for other applications than specified in this product. aircraft equipment aerospace equipment undersea equipment power plant control equipment medical equipment transportation equipment(vehicles,trains,ships,etc.) traffic signal equipment disaster prevention / crime prevention equipment data-processing equipment application of similar complexity and/or requirements to the applications listed in the above fail-safe be sure to provide an appropriate fail-safe function on your product to prevent a second damage that may be caused by the abnormal function or the failure of our product. storage and operation condition 1. the performance of chip monolithic ceramic capacitors may be affected by the storage conditions. 1-1. store capacitors in the following conditions: temperature of +5 to +40 and a relative humidity of 20% to 70%. (1) sunlight, dust, rapid temperature changes, corrosive gas atmosphere or high temperature and humidity conditions during storage may affect the solderability and the packaging performance. please use product within six months of receipt. (2) please confirm solderability before using after six months. store the capacitors without opening the original bag. even if the storage period is short, do not exceed the specified atmospheric conditions. 1-2. corrosive gas can react with the termination (external) electrodes or lead wires of capacitors, and result in poor solderability. do not store the capacitors in an atmosphere consisting of corrosive gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine, ammonia gas etc.). 1-3. due to moisture condensation caused by rapid humidity changes, or the photochemical change caused by direct sunlight on the terminal electrodes and/or the resin/epoxy coatings, the solderability and electrical performance may deteriorate. do not store capacitors under direct sunlight or in high huimidity conditions ! jemcgc-2702n 11
rating 1.temperature dependent characteristics 1. the electrical characteristics of the capacitor can change with temperature. 1-1. for capacitors having larger temperature dependency, the capacitance may change with temperature changes. the following actions are recommended in order to insure suitable capacitance values. (1) select a suitable capacitance for the operating temperature range. (2) the capacitance may change within the rated temperature. when you use a high dielectric constant type capacitors in a circuit that needs a tight (narrow) capacitance tolerance. example: a time constant circuit., please carefully consider the characteristics of these capacitors, such as their aging, voltage, and temperature characteristics. and check capacitors using your actual appliances at the intended environment and operating conditions. typical temperature characteristics char.r6 (x5r) typical temperature characteristics char.r7 (x7r) typical temperature characteristics char.f5 (y5v) 2.measurement of capacitance 1. measure capacitance with the voltage and the frequency specified in the product specifications. 1-1. the output voltage of the measuring equipment may decrease when capacitance is high occasionally. please confirm whether a prescribed measured voltage is impressed to the capacitor. 1-2. the capacitance values of high dielectric constant type capacitors change depending on the ac voltage applied. please consider the ac voltage characteristics when selecting a capacitor to be used in a ac circuit. caution - 20 - 15 - 10 - 5 0 5 10 15 20 - 75 - 50 - 25 0 25 50 75 100 capacitance change (%) temperature ( ) - 100 - 80 - 60 - 40 - 20 0 20 40 - 50 - 25 0 25 50 75 100 capacitance change (%) temperature ( ) ! jemcgc-2702n 12
3.applied voltage 1. do not apply a voltage to the capacitor that exceeds the rated voltage as called-out in the specifications. 1-1. applied voltage between the terminals of a capacitor shall be less than or equal to the rated voltage. (1) when ac voltage is superimposed on dc voltage, the zero-to-peak voltage shall not exceed the rated dc voltage. when ac voltage or pulse voltage is applied, the peak-to-peak voltage shall not exceed the rated dc voltage. (2) abnormal voltages (surge voltage, static electricity, pulse voltage, etc.) shall not exceed the rated dc voltage. typical voltage applied to the dc capacitor dc voltage dc voltage+ac ac voltage pulse voltage e maximum possible applied voltage. 1-2. influence of overvoltage overvoltage that is applied to the capacitor may result in an electrical short circuit caused by the breakdown of the internal dielectric layers . the time duration until breakdown depends on the applied voltage and the ambient temperature. 4. applied voltage and self-heating temperature 1. when the capacitor is used in a high-frequency voltage, pulse voltage, application, be sure to take into account self-heating may be caused by resistant factors of the capacitor. 1-1. the load should be contained to the level such that when measuring at atomospheric temperature of 25 , the product's self-heating remains below 20 and surface temperature of the capacitor in the actual circuit remains wiyhin the maximum operating temperature. caution e e e e 0 0 0 0 ! jemcgc-2702n 13
5. dc voltage and ac voltage characteristic 1. the capacitance value of a high dielectric constant type capacitor changes depending on the dc voltage applied. please consider the dc voltage characteristics when a capacitor is selected for use in a dc circuit. 1-1. the capacitance of ceramic capacitors may change sharply depending on the applied voltage. (see figure) please confirm the following in order to secure the capacitance. (1) whether the capacitance change caused by the applied voltage is within the range allowed or not. dc voltage characteristics (2) in the dc voltage characteristics, the rate of capacitance change becomes larger as voltage increases. even if the applied voltage is below the rated voltage. when a high dielectric constant type capacitor is in a circuit that needs a tight (narrow) capacitance tolerance. example: a time constant circuit., please carefully consider the characteristics of these capacitors, such as their aging, voltage, and temperature characteristics. and check capacitors using your actual appliances at the intended environment and operating conditions. 2. the capacitance values of high dielectric constant type capacitors change depending on the ac voltage applied. please consider the ac voltage characteristics when selecting a capacitor to be used in a ac circuit. ac voltage characteristics 6. capacitance aging 1. the high dielectric constant type capacitors have the characteristic in which the capacitance value decreases with the passage of time. when you use a high dielectric constant type capacitors in a circuit that needs a tight (narrow) capacitance tolerance. example: a time constant circuit., please carefully consider the characteristics of these capacitors, such as their aging, voltage, and temperature characteristics. and check capacitors using your actual appliances at the intended environment and operating conditions. caution - 60 - 50 - 40 - 30 - 20 - 10 0 10 20 30 0.0 0.5 1.0 1.5 2.0 2.5 capacitance change (%) ac voltage (vr.ms.) - 100 - 80 - 60 - 40 - 20 0 20 0 2 4 6 8 capacitance change(%) dc voltage (vdc) ! jemcgc-2702n 14
7.vibration and shock 1. the capacitors mechanical actress (vibration and shock) shall be specified for the use environment. please confirm the kind of vibration and/or shock, its condition, and any generation of resonance. please mount the capacitor so as not to generate resonance, and do not allow any impact on the terminals. 2. mechanical shock due to falling may cause damage or a crack in the dielectric material of the capacitor. do not use a fallen capacitor because the quality and reliability may be deteriorated. 3. when printed circuit boards are piled up or handled, the corners of another printed circuit board should not be allowed to hit the capacitor in order to avoid a crack or other damage to the capacitor. soldering and mounting 1.mounting position 1. confirm the best mounting position and direction that minimizes the stress imposed on the capacitor during flexing or bending the printed circuit board. 1-1.choose a mounting position that minimizes the stress imposed on the chip during flexing or bending of the board. [component direction] locate chip horizontal to the direction in which stress acts [chip mounting close to board separation point] chip arrangement worst a-c-(b~d) best caution floor crack mounting printed circuit board crack ! a b c d perforation slit jemcgc-2702n 15
2.information before mounting 1. do not re-use capacitors that were removed from the equipment. 2. confirm capacitance characteristics under actual applied voltage. 3. confirm the mechanical stress under actual process and equipment use. 4. confirm the rated capacitance, rated voltage and other electrical characteristics before assembly. 5. prior to use, confirm the solderability for the capacitors that were in long-term storage. 6. prior to measuring capacitance, carry out a heat treatment for capacitors that were in long-term storage. 7.the use of sn-zn based solder will deteriorate the reliability of the mlcc. please contact our sales representative or product engineers on the use of sn-zn based solder in advance. 3.maintenance of the mounting (pick and place) machine 1. make sure that the following excessive forces are not applied to the capacitors. 1-1. in mounting the capacitors on the printed circuit board, any bending force against them shall be kept to a minimum to prevent them from any bending damage or cracking. please take into account the following precautions and recommendations for use in your process. (1) adjust the lowest position of the pickup nozzle so as not to bend the printed circuit board. (2) adjust the nozzle pressure within a static load of 1n to 3n during mounting. [incorrect] [correct] 2.dirt particles and dust accumulated between the suction nozzle and the cylinder inner wall prevent the nozzle from moving smoothly. this imposes greater force upon the chip during mounting, causing cracked chips. also the locating claw, when worn out, imposes uneven forces on the chip when positioning, causing cracked chips. the suction nozzle and the locating claw must be maintained, checked and replaced periodically. caution suction nozzle board deflection support pin board guide ! jemcgc-2702n 16
4-1.reflow soldering 1. when sudden heat is applied to the components, the [standard conditions for reflow soldering] mechanical strength of the components will decrease because a sudden temperature change causes infrared reflow deformation inside the components. in order to prevent mechanical damage to the components, preheating is required for both the components and the pcb board. preheating conditions are shown in table 1. it is required to keep the temperature differential between the solder and the components surface (t) as small as possible. 2. solderability of tin plating termination chips might be deteriorated when a low temperature soldering profile where the peak solder temperature is below the melting point of tin is used. please confirm the solderability of tin plated termination chips before use. vapor reflow 3. when components are immersed in solvent after mounting, be sure to maintain the temperature difference (t) between the component and the solvent within the range shown in the table 1. table 1 gc 03/15/18/21/31 [allowable soldering temperature and time] gc 32 recommended conditions infrared reflow vapor reflow peak temperature 230 250 230 240 240 260 atmosphere air air air or n2 pb-sn solder: sn-37pb lead free solder: sn-3.0ag-0.5cu in case of repeated soldering, the accumulated soldering time must be within the range shown above. 4. optimum solder amount for reflow soldering 4-1. overly thick application of solder paste results in a excessive solder fillet height. this makes the chip more susceptible to mechanical and thermal stress on the board and may cause the chips to crack. * gc 03: 1/3 of chip thickness min. 4-2. too little solder paste results in a lack of adhesive in section strength on the outer electrode, which may result in chips breaking loose from the pcb. 4-3. make sure the solder has been applied smoothly to the end surface to a height of 0.2mm* min. make sure not to impose any abnormal mechanical shocks to the pcb. inverting the pcb caution part number temperature differential t Q 190 t Q 130 pb-sn solder lead free solder 0.2mm* min. ! soldering soldering 60 - 120 seconds 60 - 120 seconds 30 - 60 seconds 20 seconds soldering temperature() 280 270 260 250 240 230 220 time time temperature() peak temperature 200 170 150 130 gradual cooling temperature() peak temperature 170 150 130 gradual cooling 0 30 60 90 120 soldering time(sec.) preheating preheating jemcgc-2702n 17
4-2.flow soldering 1. when sudden heat is applied to the components, the [standard conditions for flow soldering] mechanical strength of the components will decrease because a sudden temperature change causes deformation inside the components. in order to prevent mechanical damage in the components, preheating should be required for both of the components and the pcb board. preheating conditions are shown in table 2. it is required to keep temperature differential between the solder and the components surface (t) as small as possible. 2. excessively long soldering time or high soldering temperature can result in leaching of the outer electrodes, causing poor adhesion or a reduction in capacitance value due to loss of contact between electrodes and end termination. [allowable soldering temperature and time] 3. when components are immersed in solvent after mounting, be sure to maintain the temperature difference (t) between the component and solvent within the range shown in the table 2. 4. do not apply flow soldering to chips not listed in table 2. table 2 in case of repeated soldering, the accumulated soldering time must be within the range shown above. recommended conditions pb-sn solder lead free solder 90 110 100 120 240 250 250 260 air n 2 pb-sn solder: sn-37pb lead free solder: sn-3.0ag-0.5cu 5. optimum solder amount for flow soldering 5-1. the top of the solder fillet should be lower than the thickness of components. if the solder amount is excessive, the risk of cracking is higher during board bending or any other stressful condition. in section caution preheating peak temperature soldering peak temperature atmosphere part number gc 18/21/31 temperature differential t Q 150 up to chip thickness adhesive ! temperature() soldering peak temperature preheating peak soldering gradual cooling preheating 30 - 90 seconds 5 seconds max. time 280 270 260 240 230 220 250 soldering temperature() 0 30 60 90 120 soldering time(sec.) jemcgc-2702n 18
4-3.correction with a soldering iron 1. when sudden heat is applied to the components when using a soldering iron, the mechanical strength of the components will decrease because the extreme temperature change can cause deformations inside the components. in order to prevent mechanical damage to the components, preheating is required for both the components and the pcb board. preheating conditions, (the "temperature of the soldering iron tip", "preheating temperature", "temperature differential" between the iron tip and the components and the pcb), should be within the conditions of table 3. it is required to keep the temperature differential between the soldering iron and the component surfaces (t) as small as possible. 2. after soldering, do not allow the component/pcb to rapidly cool down. 3. the operating time for the re-working should be as short as possible. when re-working time is too long, it may cause solder leaching, and that will cause a reduction in the adhesive strength of the terminations. table 3 *applicable for both pb-sn and lead free solder. pb-sn solder: sn-37pb lead free solder: sn-3.0ag-0.5cu 4. optimum solder amount when re-working with a soldering lron 4-1. in case of sizes smaller than 0603, (gc 03/15/18), the top of the solder fillet should be lower than 2/3's of the thickness of the component or 0.5mm whichever is smaller. in case of 0805 and larger sizes, (gc 21/ 31/32), the top of the solder fillet should be lower than 2/3's of the thickness of the component. if the in section solder amount is excessive, the risk of cracking is higher during board bending or under any other stressful condition. 4-2. a soldering iron with a tip of ?3mm or smaller should be used. it is also necessary to keep the soldering iron from touching the components during the re-work. 4-3. solder wire with ?0.5mm or smaller is required for soldering. 4-4.leaded component insertion 1. if the pcb is flexed when leaded components (such as transformers and ics) are being mounted, chips may crack and solder joints may break. before mounting leaded components, support the pcb using backup pins or special jigs to prevent warping. caution 150 min. t Q 190 air part number temperature of soldering iron tip t Q 130 air preheating temperature gc 03/15/18/21/31 temperature differential (t) atmosphere gc 32 280 max. 150 min. 350 max. solder amount ! jemcgc-2702n 19
5.washing excessive ultrasonic oscillation during cleaning can cause the pcbs to resonate, resulting in cracked chips or broken solder joints. take note not to vibrate pcbs. 6.electrical test on printed circuit board 1. confirm position of the support pin or specific jig, when inspecting the electrical performance of a capacitor after mounting on the printed circuit board. 1-1. avoid bending printed circuit board by the pressure of a test pin, etc. the thrusting force of the test probe can flex the pcb, resulting in cracked chips or open solder joints. provide support pins on the back side of the pcb to prevent warping or flexing. 1-2. avoid vibration of the board by shock when a test pin contacts a printed circuit board. not recommended recommended caution support pin test - pin peeling test - pin ! jemcgc-2702n 20
7.printed circuit board cropping 1. after mounting a capacitor on a printed circuit board, do not apply any stress to the capacitor that is caused by bending or twisting the board. 1-1. in cropping the board, the stress as shown right may cause the capacitor to crack. try not to apply this type of stress to a capacitor. bending twisting 2. check of the cropping method for the printed circuit board in advance. 2-1. printed circuit board cropping shall be carried out by using a jig or an apparatus to prevent the mechanical stress which can occur to the board. (1) example of a suitable jig recommended example: the board should be pushed as close to the near the cropping jig as possible and from the back side of board in order to minimize the compressive stress applied to capacitor. not recommended example* when the board is pushed at a point far from the cropping jig and from the front side of board as below, the capacitor may form a crack caused by the tensile stress applied to capacitor. outline of jig (2) example of a suitable machine an outline of a printed circuit board cropping machine is shown as follows. along the lines with the v-grooves on printed circuit board, the top and bottom blades are aligned to one another when cropping the board. the misalignment of the position between top and bottom blades may cause the capacitor to crack. outline of machine principle of operation cross-section diagram top blade top blade top blade top blade bottom blade bottom blade bottom blade bottom blade recommended not recommended caution recommended not recommended top-bottom misalignment left-right misalignment front-rear misalignment printed circuit board v - groove board cropping jig printed circuit board top blade v - groove bottom blade load point direction of load components printed circuit board direction of load load point components printed circuit board top blade printed circuit board v - groove ! jemcgc-2702n 21
others 1. under operation of equipment 1-1. do not touch a capacitor directly with bare hands during operation in order to avoid the danger of a electric shock. 1-2. do not allow the terminals of a capacitor to come in contact with any conductive objects (short-circuit). do not expose a capacitor to a conductive liquid, inducing any acid or alkali solutions. 1-3. confirm the environment in which the equipment will operation is under the specified conditions. do not use the equipment under the following environment. (1) being spattered with water or oil. (2) being exposed to direct sunlight. (3) being exposed to ozone, ultraviolet rays or radiation. (4) being exposed to toxic gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine, ammonia gas etc.) (5) any vibrations or mechanical shocks exceeding the specified limits. (6) moisture condensing environments. 1-4. use damp proof countermeasures if using under any conditions that can cause condensation. 2. others 2-1. in an emergency (1) if the equipment should generate smoke, fire or smell, immediately turn off or unplug the equipment. if the equipment is not turned off or unplugged, the hazards may be worsened by supplying continuous power. (2) in this type of situation, do not allow face and hands to come in contact with the capacitor or burns may be caused by the capacitors high temperature. 2-2. disposal of waste when capacitors are disposed, they must be burned or buried by the industrial waste vender with the appropriate licenses. 2-3. circuit design gc series capacitors in this specification are not safety recognized products. 2-4. remarks failure to follow the cautions may result, worst case, in a short circuit and smoking when the product is used. the above notices are for standard applications and conditions. contact us when the products are used in special mounting conditions. select optimum conditions for operation as they determine the reliability of the product after assembly. the data herein are given in typical values, not guaranteed ratings. caution ! jemcgc-2702n 22
rating 1.operating temperature 1. the operating temperature limit depends on the capacitor. 1-1.do not apply temperatures exceeding the upper operating temperature. it is necessary to select a capacitor with a suitable rated temperature which will cover the operating temperature range. also it is necessary to consider the temperature distribution in equipment and the seasonal temperature variable factor. 1-2.consider the self-heating of the capacitor the surface temperature of the capacitor shall be the upper operating temperature or less when including the self-heating factors. 2.atmosphere surroundings (gaseous and liquid) 1. restriction on the operating environment of capacitors. 1-1. the capacitor, when used in the above, unsuitable, operating environments may deteriorate due to the corrosion of the terminations and the penetration of moisture into the capacitor. 1-2. the same phenomenon as the above may occur when the electrodes or terminals of the capacitor are subject to moisture condensation. 1-3. the deterioration of characteristics and insulation resistance due to the oxidization or corrosion of terminal electrodes may result in breakdown when the capacitor is exposed to corrosive or volatile gases or solvents for long periods of time. 3.piezo-electric phenomenon 1. when using high dielectric constant type capacitors in ac or pulse circuits, the capacitor itself vibrates at specific frequencies and noise may be generated. moreover, when the mechanical vibration or shock is added to capacitor, noise may occur. notice jemcgc-2702n 23
soldering and mounting 1.pcb design 1. notice for pattern forms 1-1. unlike leaded components, chip components are susceptible to flexing stresses since they are mounted directly on the substrate. they are also more sensitive to mechanical and thermal stresses than leaded components. excess solder fillet height can multiply these stresses and cause chip cracking. when designing substrates, take land patterns and dimensions into consideration to eliminate the possibility of excess solder fillet height. 1-2. it is possible for the chip to crack by the expansion and shrinkage of a metal board. please contact us if you want to use our ceramic capacitors on a metal board such as aluminum. pattern forms lateral mounting prohibited correct notice placing close to chassis placing of chip components and leaded components placing of leaded components after chip component chassis solder (ground) electrode pattern lead wire solder resist solder resist soldering iron lead wire solder resist solder resist jemcgc-2702n 24
2. land dimensions 2-1. chip capacitor can be cracked due to the stress of pcb bending / etc if the land area is larger than needed and has an excess amount of solder. please refer to the land dimensions in table 1 for flow soldering, table 2 for reflow soldering. please confirm the suitable land dimension by evaluating of the actual set / pcb. table 1 flow soldering method dimensions part number gc 31 3.21.6 2.2 2.6 1.0 1.1 1.0 1.4 (in mm) table 2 reflow soldering method dimensions part number gc 31 3.21.6 2.2 2.4 0.8 0.9 1.0 1.4 gc 32 3.22.5 2.0 2.4 1.0 1.2 1.8 2.3 (in mm) gc 15 gc 18 gc 21 0.6 0.8 2.01.25 1.0 1.2 0.9 1.0 0.8 1.1 gc 18 chip lw gc 03 c 0.60.3 0.2 0.3 0.2 0.35 0.2 0.4 gc 21 1.60.8 0.6 1.0 notice a b chip lw 0.6 0.7 0.6 0.8 a b c 0.8 0.9 2.01.25 1.0 1.2 0.6 0.7 0.8 1.1 1.00.5 0.3 0.5 0.35 0.45 0.4 0.6 1.60.8 0.6 0.8 chip capacitor land solder resist a b c jemcgc-2702n 25
2.adhesive application 1. thin or insufficient adhesive can cause the chips to loosen or become disconnected during flow soldering. the amount of adhesive must be more than dimension c, shown in the drawing at right, to obtain the correct bonding strength. the chip's electrode thickness and land thickness must also be taken into consideration. a=20 70m b=30 35m c=50 105m 2. low viscosity adhesive can cause chips to slip after mounting. the adhesive must have a viscosity of 5000pa ? s (500ps) min. (at 25 ) 3.adhesive coverage part number adhesive coverage* gc 18 0.05mg min. gc 21 0.1mg min. gc 31 0.15mg min. *nominal value 3.adhesive curing 1. insufficient curing of the adhesive can cause chips to disconnect during flow soldering and causes deterioration in the insulation resistance between the outer electrodes due to moisture absorption. control curing temperature and time in order to prevent insufficient hardening. 4.flux application 1. an excessive amount of flux generates a large quantity of flux gas, which can cause a deterioration of solderability. so apply flux thinly and evenly throughout. (a foaming system is generally used for flow soldering). 2. flux containing too a high percentage of halide may cause corrosion of the outer electrodes unless there is sufficient cleaning. use flux with a halide content of 0.2% max. 3. do not use strong acidic flux. 4. do not use water-soluble flux. (*water-soluble flux can be defined as non ro in type flux including wash-type flux and non-wash-type flux.) 5.flow soldering set temperature and time to ensure that leaching of the outer electrode does not exceed 25% of the chip end area as a single chip (full length of the edge a-b-c-d shown right) and 25% of the length a-b shown below as mounted on substrate. notice chip capacitor board adhesive land a b c a b d c outer electrode as a single chip as mounted on substrate a b jemcgc-2702n 26
6.washing 1. please evaluate a capacitor by actual cleaning equipment and condition surely for confirming the quality and select the applicable solvent. 2. unsuitable cleaning solvent may leave residual flux, other foreign substances, causing deterioration of electrical characteristics and the reliability of the capacitors. 3. select the proper cleaning conditions. 3-1. improper cleaning conditions (excessive or insufficient) may result in the deterioration of the performance of the capacitors. 7.coating 1. a crack may be caused in the capacitor due to the stress of the thermal contraction of the resin during curing process. the stress is affected by the amount of resin and curing contraction. select a resin with small curing contraction. the difference in the thermal expansion coefficient between a coating resin or a molding resin and capacitor may cause the destruction and deterioration of the capacitor such as a crack or peeling, and lead to the deterioration of insulation resistance or dielectric breakdown. select a resin for which the thermal expansion coefficient is as close to that of capacitor as possible. a silicone resin can be used as an under-coating to buffer against the stress. 2. select a resin that is less hygroscopic. using hygroscopic resins under high humidity conditions may cause the deterioration of the insulation resistance of a capacitor. an epoxy resin can be used as a less hygroscopic resin. others 1.transportation 1. the performance of a capacitor may be affected by the conditions during transportation. 1-1. the capacitors shall be protected against excessive temperature, humidity and mechanical force during transportation. (1) climatic condition low air temperature 40 change of temperature air/air 25 / 25 low air pressure 30 kpa change of air pressure 6 kpa/min (2) mechanical condition transportation shall be done in such a way that the boxes are not deformed and forces are not directly passed on to the inner packaging. 1-2. do not apply excessive vibration, shock, and pressure to the capacitor. (1) when excessive mechanical shock or pressure is applied to a capacitor, chipping or cracking may occur in the ceramic body of the capacitor. (2) when a sharp edge of an air driver, a soldering iron, tweezers, a chassis, etc. impacts strongly on the surface of capacitor, the capacitor may crack and short-circuit. 1-3. do not use a capacitor to which excessive shock was applied by dropping etc. the capacitor dropped accidentally during processing may be damaged. notice jemcgc-2702n 27
1.please make sure that your product has been evaluated in view of your specifications with our product being mounted to your product. 2.your are requested not to use our product deviating from this product specification. 3.we consider it not appropriate to include any terms and conditions with regard to the business transaction in the product specifications, drawings or other technical documents. therefore, if your technical documents as above include such terms and conditions such as warranty clause, product liability clause, or intellectual property infringement liability clause, they will be deemed to be invalid. note ! jemcgc-2702n 28


▲Up To Search▲   

 
Price & Availability of GCM2165C1H151JA16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X