Part Number Hot Search : 
C2255 EX24064 74LVT162 995030 PSMN1 160MT80K A8FXL58D A0510
Product Description
Full Text Search
 

To Download EPSA120100U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page | for information on related products, view dc power jacks ????????? ?????????????????? cui .com date 08/21/2012 page 1 of 5 series: epsa 12w description: ac-dc power supply model output voltage output current output power ripple and noise 1 ef ciency level (vdc) max (a) max (w) max (mvp-p) epsa050250u 5 2.5 12 50 v epsa060200u 6 2 12 60 v epsa090130u 9 1.3 12 100 v EPSA120100U 12 1 12 120 v notes: 1. at full load, 100 ~ 240 vac input, 20 mhz bandwidth oscilloscope, each output terminated with 10 f aluminum electrolytic and 0.1 f ceramic capacitors. part number key epsa050250u - xx - ej - cxx dc plug type factory designation base number example of 5 vdc, 2.5 a reserved for custom con gurations features ? up to 12 w power ? universal input (90~264 vac) ? single regulated output from 5~12 v ? over voltage, over current, and short circuit protections ? ul/cul safety approvals ? level v efficiency ? custom designs available rohs discontinued
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 08/21/2012 page 2 of 5 cui inc series: epsa 12w description: ac-dc power supply input parameter conditions/description min nom max units voltage 90 264 vac frequency 47 63 hz current 0.4 a rms inrush current at 115 vac, full load, cold start 30 a no load power consumption 0.3 w input fuse at 250 v 2a output parameter conditions/description min nom max units line regulation 5 % load regulation 5 % start-up 2s hold-up at 110 vac, 50 hz, 80% max. load 10 ms protections parameter conditions/description over voltage protection output shut down over current protection 200 % short circuit protection output shut down and auto restart safety & compliance parameter conditions/description min nom max units isolation voltage input to output at 10 ma for 2 seconds 3,000 vac isolation resistance input to output at 500 vdc 10 m safety approvals ul 60950-1, csa c22.2 no. 60950-1-07 emi/emc fcc part 15b class b leakage current 0.25 ma rohs compliant yes mtbf at full load, 25c, telcordia sr-332, issue 2 300,000 hours environmental parameter conditions/description min nom max units operating temperature 04 0 c storage temperature -25 85 c operating humidity 10 95 % storage humidity 10 95 % discontinued
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 08/21/2012 page 3 of 5 cui inc series: epsa 12w description: ac-dc power supply mechanical drawing mechanical parameter conditions/description min typ max units dimensions 6 v output: 2.953 x 2.165 x 1.378 (75 x 55 x 35 mm) all other outputs: 2.953 x 1.850 x 1.378 (75 x 47 x 35 mm) inch inch input plug xed us 6 v model all other models dc cord model no. cable gauge cord length epsa050250u 18 awg 1,500 mm 30 epsa060200u 20 awg 1,500 mm 30 epsa090130u 20 awg 1,500 mm +50/-30 EPSA120100U 22 awg 1,500 mm +50/-30 6 v model all other models cord length cord length units: mm discontinued
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 08/21/2012 page 4 of 5 cui inc series: epsa 12w description: ac-dc power supply output plug options stripped and tinned *tip positive ?3.5 +0/-0.1 140.5 ?3.5 +0/-0.1 140.5 a c b a b c d c a b c c a b a b p1r p1 right angle pxr standard px right angle pxxr st stripped and tinned p xx x x standard pxx n = center negative plug polarity: ?blank? = n/a p = center positive plug angle: ?blank? = standard r = right angle plug type dc plug type eiaj plugs locking dc plug standard dc plug 3.5 mm phono plug 255 92 *contact cui for additional output plug options. a b c unit p5/p5r 5.5 2.1 9.5 mm p6/p6r 5.5 2.5 9.5 mm p7/p7r 3.5 1.35 9.5 mm p8/p8r 3.8 1.35 9.5 mm p9/p9r 3.8 1.05 9.5 mm a b c unit p10 5.5 2.1 9.5 mm p11 5.5 2.5 9.5 mm eiaj a b c d unit p12/p12r eiaj-1 2.35 0.7 9.5 na mm p13/p13r eiaj-2 4.0 1.7 9.5 5.0 mm p14/p14r eiaj-3 4.75 1.7 9.5 5.0 mm discontinued
for more information, please visit the product page | for information on related products, view dc power jacks ????????? date 08/21/2012 page 5 of 5 cui inc series: epsa 12w description: ac-dc power supply this device complies with part 15 of the fcc rules. operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause undesired operation. cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use. cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 03/08/2010 1.01 updated output plug options 10/07/2010 1.02 v-in nity branding removed, p7/p7r b dimension updated, drawing and dc cord layout updated, safety data updated 08/21/2012 the revision history provided is for informational purposes only and is believed to be accurate. revision history discontinued


▲Up To Search▲   

 
Price & Availability of EPSA120100U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X