Part Number Hot Search : 
DS3013 1020C PA0801NL SE5117 1H101J 4081B M54522WP SKIIP
Product Description
Full Text Search
 

To Download EMUG22-4REL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2942399 04/27/2016???page? 1 ?/? 4 multiple relay module?-?emug 22- 4rel/ksr-g 24/ 1au?-?2942399 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) relay module, multi-channel, with 4 soldered-in miniature switching relays for dc voltage with light indicator and 1 n/o contact each, contact for small to large loads, input voltage 24 v dc key commercial data packing unit 1 pc weight per piece (excluding packing) 88.54 g custom tariff number 85364190 country of origin germany technical data dimensions width 22.5 mm height 60 mm depth 79 mm ambient conditions ambient temperature (operation) -20 c ... 55 c coil side nominal input voltage u n 24 v dc input voltage range in reference to u n 0.8 ... 1.1 typical input current at u n 12 ma typical response time 7 ms typical release time 8 ms protective circuit damping diode, polarity protection damping diode, polarity protection diode, bridge rectifier at ac input operating voltage display yes power dissipation for nominal condition 0.29 w
https://www.phoenixcontact.com/us/products/2942399 04/27/2016???page? 2 ?/? 4 multiple relay module?-?emug 22- 4rel/ksr-g 24/ 1au?-?2942399 technical data contact side contact type single contact, 1 n/o contact contact material fine grained silver (agni 0,15), 5 m hard gold-plated maximum switching voltage 60 v ac/dc maximum inrush current 0.2 a limiting continuous current 2 a interrupting rating (ohmic load) max. 5 w (at 24 v dc) 10 w (at 48 v dc) 12 w (at 60 v dc) 12 va (for 60 v ac) note the following values are applicable if a gold layer is destroyed maximum switching voltage 250 v ac/dc limiting continuous current 6 a maximum inrush current 6 a interrupting rating (ohmic load) max. 144 w (at 24 v dc) 70 w (at 48 v dc) 55 w (at 60 v dc) 60 w (at 100 v dc) 65 w (at 220 v dc) 1500 va (for 250 v ac) general test voltage relay winding/relay contact 2.5 kv ac (50 hz, 1 min.) operating mode 100% operating factor mechanical service life approx. 2 x 10 7 cycles standards/regulations iec?60664 iec?60664a din vde 0110 din vde 0109-11, draft iec 60255/din vde 0435 (in relevant parts) degree of pollution 2 overvoltage category iii mounting position any assembly instructions in rows with zero spacing standards and regulations standards/regulations iec?60664 iec?60664a din vde 0110
https://www.phoenixcontact.com/us/products/2942399 04/27/2016???page? 3 ?/? 4 multiple relay module?-?emug 22- 4rel/ksr-g 24/ 1au?-?2942399 technical data standards and regulations din vde 0109-11, draft iec 60255/din vde 0435 (in relevant parts) degree of pollution 2 overvoltage category iii classifications ecl@ss ecl@ss 4.0 27371102 ecl@ss 4.1 27371102 ecl@ss 5.0 27371001 ecl@ss 5.1 27371001 ecl@ss 6.0 27371001 ecl@ss 7.0 27371001 ecl@ss 8.0 27371601 etim etim 2.0 ec000196 etim 3.0 ec000196 etim 4.0 ec000196 etim 5.0 ec001437 unspsc unspsc 6.01 30211916 unspsc 7.0901 39121543 unspsc 11 39121543 unspsc 12.01 39121543 unspsc 13.2 39121543 drawings
https://www.phoenixcontact.com/us/products/2942399 04/27/2016???page? 4 ?/? 4 multiple relay module?-?emug 22- 4rel/ksr-g 24/ 1au?-?2942399 circuit diagram phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of EMUG22-4REL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X