Part Number Hot Search : 
MC1403D TA7256 MCP79521 HC165 A347C MCP79521 0T502 C3520
Product Description
Full Text Search
 

To Download CMT2217AW-EQR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmt2210/17aw rev 1. 3 | page 1 / 28 www. hoperf .com cmt2210/ 17aw low - cost 300 ? 96 0 mhz ook stand - alone rf receiver copyright ? by cmostek features ? embedded eeprom ? very easy development with rfpdk ? all features programmable ? frequency range ? 30 0 to 480 mhz (cmt2210aw) ? 30 0 to 96 0 mhz (cmt2217aw) ? symbol rate: 0. 1 to 4 0 ksps ? sensitivity: - 11 3 dbm at 1 ksps , 0.1% ber ? configurable receiver bandwidth: 50 to 500 khz ? 3 - wire spi interface for eeprom programming ? stand - alone, no ext ernal mcu control required ? configurable d uty - c ycle o peration m ode ? supply voltage: 1.8 to 3.6 v ? low power consumption: 3. 8 ma ? low s leep c urrent ? 60 na w hen s leep t imer o ff ? 4 4 0 na w hen s leep t imer o n ? rohs compliant ? 1 6 - pin qfn 3 x3 and sop16 package options applications ? low - cost consumer electronics applications ? home and building automation ? infrared receiver replacements ? industrial monitoring and controls ? remote automated meter reading ? remote lighting control system ? wireless alarm and security systems ? remote keyless entry (rke) ordering information part number frequency package moq cmt22 10aw - eqr 433.92 0 mhz qfn16 5,000 pcs cmt22 10aw -e sr 433.92 0 mhz sop 16 2, 5 00 pcs cmt22 17aw - eqr 868.350 mhz qfn16 5,000 pcs more ordering info: see page 2 1 descriptions the cmt2210/17aw devices are ultra low power, high performance, low - cost ook stand - alone rf receiver for various 30 0 to 96 0 mhz wireless applications. the cmt2210aw covers the frequency range from 300 to 480 mhz while the cmt2217aw covers the 300 to 960 mhz frequency range. t hey are part of the cmostek nextgenrf tm family, which include s a complete line of transmitters , receiver s and transceivers. an embedded eeprom allows the frequency, symbol rate and other features to be programmed into the device using the cmostek usb programmer an d rfpdk. a lternatively, in stock products of 433.92 /868.35 mhz are available for immediate dem ands without the need of eeprom programming. w hen the cmt2210/17aw is always on , it consumes only 3.8 ma current while achiev ing - 113 dbm receiving sensitivity. i t consumes even less power when work ing in duty - cycle operation mode via the built - in sleep timer. the cmt2210/17aw receiver together with the cmt211x transmitter enable s a n ultra low cost rf link. qfn16 (3 x 3) sop16 gnd rfin gnd vdd csb sda scl nc xin xout clko dout vcon vcop nrsto nc 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 1 2 3 4 5 6 7 14 13 12 10 9 11 vcop vcon gnd rfin gnd vdd csb nrsto nc xin xout clko dout 8 sda scl 15 16 nc cmt2210/17aw top view
cmt2210/17aw rev 1. 3 | page 2 / 28 www. hoperf .com typical application u 1 cmt2210/17aw xin xout clko dout nc n r s t o v c o p v c o n gnd rfin gnd c sb s d a s c l nc vdd l 1 c 1 c 0 ant 13 14 15 16 9 1 0 1 1 1 2 5 6 7 8 c 2 x 1 1 2 3 4 dout c sb s d a s c l vdd j 1 1 2 3 4 5 csb sda scl l 2 c 3 vdd figure 1 . cmt 2210/ 17 aw typical application schematic table 1 . bom of 433.92/ 868.35 mhz typical app lication [1] designator descriptions value (match to 50 ant) value (common used ant) unit manufacturer 433.92 mhz 868.35 mhz 433.92 mhz 868.35 mhz u1 cmt2210/ 17aw , l ow - c ost 300 ? 96 0 mhz ook s tand - a lone rf r eceiver - - - cmostek x1 20 ppm, smd32*25 mm, crystal 26 26 mhz epson l1 5% , 0603 multi - layer chip inductor 27 6.8 33 6.8 nh murata lqg 18 l 2 [2] 5% , 0603 multi - layer chip inductor , for qfn16 22 3.9 22 3.9 nh murata lqg 18 5% , 0603 multi - layer chip inductor , for sop16 15 -- 15 -- c1 0.25 pf , 0402 np0, 50 v 3.3 2.7 2.7 2.7 pf murata grm15 c 0 20% , 0402 x7r , 25 v 0.1 0.1 uf murata grm15 c 2, c 3 5% , 0402 np0, 50 v 27 27 pf murata grm15 note: [1]. the 868.35 mhz a pplication is for cmt2 2 17aw only. [2]. cmt2 2 10aw devices in qfn16 and sop16 packages share the same bom except for the l2. table 2 . product selection table product modulation/ frequency sensitivity r x current embedded eeprom package cmt2 2 10aw ook/ 300 - 480 mhz - 113 dbm (433.92 mhz, 1 ksps, 0.1% ber) 3.8 ma (433.92 mhz) qfn16(3x3) / sop16 cmt2 2 17aw ook/ 30 0 - 960 mhz - 110 dbm (868.35 mhz, 1 ksps, 0.1% ber) 5.2 ma (868.35 mhz) qfn16(3x3) note : connector j1 is for eeprom programming
cmt2210/17aw rev 1. 3 | page 3 / 28 www. hoperf .com abbreviations abbreviations used in this data sheet are described below agc automatic gain control pc personal computer an application notes pcb printed circuit board ber bit error rate pll phase lock loop bom bill of materials pn9 pseudorandom noise 9 bsc basic spacing between centers por power on reset bw dc bandwidth direct current pup power up qfn quad flat no - lead eeprom electrically erasable programmable read - only memory rf radio frequency rfpdk rf products development kit esd electro - static discharge rohs restriction of hazardous substances esr equivalent series resistance rssi received signal strength indicator ext extended rx receiving, receiver if intermediate frequency sar successive approximation register lna low noise amplifier sop small outline package lo local oscillator spi serial port interface lposc low power oscillator th threshold max maximum tx transmission, transmitter mcu microcontroller unit typ typical min minimum usb universal serial bus moq minimum order quantity vco voltage controlled oscillator np0 negative - positive - zero wor wake on radio nc not connected xosc crystal oscillator ook on - off keying xtal/xtal crystal
cmt2210/17aw rev 1. 3 | page 4 / 28 www. hoperf .com table of contents 1. electrical characteristics ............................................................................................................................................ 5 1.1 recommended operation conditions ................................................................................................................... 5 1.2 absolute maximum ratings ................................................................................................................................... 5 1.3 receiver specifications ......................................................................................................................................... 6 1.4 crystal oscillator ................................................................................................................................................... 7 1.5 lposc .................................................................................................................................................................. 7 2. pin descriptions .......................................................................................................................................................... 8 3. typical performance characteri stics ....................................................................................................................... 10 4. typical application schematic ................................................................................................................................. 11 5. functional descriptions ............................................................................................................................................ 12 5.1 overview ............................................................................................................................................................. 12 5.2 modulation, frequency and symbol rate ........................................................................................................... 12 5.3 embedded eeprom and rfpdk ...................................................................................................................... 13 5.4 all configurable options ..................................................................................................................................... 13 5.5 internal blocks descr iption .................................................................................................................................. 15 5.5.1 rf front - end and agc ............................................................................................................................ 15 5.5.2 if filter ..................................................................................................................................................... 15 5.5.3 rssi ........................................................................................................................................................ 15 5.5.4 sar adc ................................................................................................................................................. 15 5.5.5 crystal oscillator ...................................................................................................................................... 16 5.5.6 frequency synthesizer ............................................................................................................................ 16 5.5.7 lposc ..................................................................................................................................................... 16 5.6 operation mode .................................................................................................................................................. 16 5.7 always receive mode ......................................................................................................................................... 17 5.8 duty - cycle receive mode ................................................................................................................................... 18 5.9 easy duty - cycle configurations .......................................................................................................................... 19 5.10 the nrsto ......................................................................................................................................................... 19 5.11 the clko ........................................................................................................................................................... 20 6. ordering information ................................................................................................................................................. 21 7. package outline ......................................................................................................................................................... 22 8. top marking ............................................................................................................................................................... 24 8.1 cmt2210/ 17a w top marking ............................................................................................................................. 24 9. other documentations .............................................................................................................................................. 26 10. document change list .............................................................................................................................................. 27 11. contact information .................................................................................................................................................. 28
cmt2210/17aw rev 1. 3 | page 5 / 28 www. hoperf .com 1. electrical characteristics vdd = 3.3 v, t op = 25 , f rf = 433.92 mhz, sensitivities are measured in receiving a pn9 sequence and matching to 50 impedance, with the ber of 0.1%. all measurements are performed using the board cmt 2210/ 17aw - em v1.0 , unless otherwise noted . 1.1 recommended operati on conditions table 3 . recommended operation conditions parameter symbol conditions min typ max unit operation voltage supply v dd 1.8 3.6 v operation temperature t op - 40 85 supply voltage slew rate 1 mv/us 1.2 absolute maximum ratings table 4 . absolute maximum ratings [1] parameter symbol conditions min max unit supply voltage v dd - 0.3 3.6 v interface voltage v in - 0.3 v dd + 0.3 v junction temperature t j - 40 125 storage temperature t stg - 50 150 soldering temperature t sdr lasts at least 30 seconds 255 esd rating [2] human body model (hbm) - 2 2 kv latch - up current @ 85 - 100 100 ma note s : [1]. stresses above those listed as ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device under these conditions is not implied. exposure to maximum rating conditions for extended periods may affect device reliability . [2]. the cmt 2210/ 17aw is high - performance rf integrated circuits with vcon/p pins having an esd rating < 2 kv hbm. handling and assembly of this device should only be done at esd - protected workstations. caution! esd sensitive device. precaution should be used when handling the device in order to prevent permanent damage.
cmt2210/17aw rev 1. 3 | page 6 / 28 www. hoperf .com 1.3 receiver specifications table 5 . receiver specifications parameter symbol conditions min typ max unit frequency range f rf cmt22 10aw 300 480 mhz cmt22 17aw 300 960 mhz symbol rate sr 0. 1 4 0 ksps sensitivity s 433.92 f rf = 433.92 mhz, sr = 1 ksps, ber = 0.1% - 113 dbm s 868.35 f rf = 868.35 mhz, sr = 1 ksps , ber = 0.1% - 1 10 dbm saturation input signal level p lvl 10 dbm working current i dd f rf = 433.92 mhz 3.8 ma f rf = 868.35 mhz 5.2 ma sleep current i sleep when sleep timer is on 4 4 0 na when sleep timer is off 6 0 na frequency resolution f res 24.8 hz frequency synthesizer settle time t lock from xosc settled 150 us blocking immunity bi sr = 1 ksps , 1 mhz offset, cw interference 5 2 db sr = 1 ksps , 2 mhz offset, cw interference 74 db sr = 1 ksps , 10 mhz offset, cw interference 75 db image rejection ratio imr if = 280 khz 35 db input 3 rd order intercept point iip3 two tone test at 1 mhz and 2 mhz offset frequency. maximum system gain setting s - 2 5 dbm receiver bandwidth bw 50 500 khz receiver start - up time t start - up from power up to receive , in always receive mode 7 .3 m s receiver wake - up time t wake - up from sleep to receive , in duty - cycle receive mode 0.61 m s
cmt2210/17aw rev 1. 3 | page 7 / 28 www. hoperf .com 1.4 crystal oscillator table 6 . crystal oscillator specifications parameter symbol conditions min typ max unit crystal frequency [1] f xtal 26 26 26 mhz crystal tolerance [2] 20 ppm load capacitance c load 1 0 15 20 pf crystal esr rm 60 xtal startup time [3 ] t xtal 400 us note s : [1]. the cmt 2210/ 17aw can directly work with external 26 mhz reference clock input to xin pin ( a coupling capacitor is required) with peak - to - peak amplitude of 0.3 to 0.7 v . [2]. this is the total tolerance including (1) initial tolerance, (2) crystal loading, (3) aging, and (4) temperature dependence. the acceptable crystal tolerance depends on rf frequency and channel spacing/bandwidth. [3]. this parameter is to a large degree crystal dependent . 1.5 lposc table 7 . l po sc specifications parameter symbol conditions min typ max unit calibrated f requency [1] f lposc 1 khz frequency a ccuracy after calibration 1 % temperature c oefficient [2] - 0.02 %/c supply v oltage c oefficient [3] + 0.5 %/ v initial c alibration t ime t lposc - cal 4 ms note s : [1]. t he lposc is automatically calibrated to the c rystal o scillator during the pup state, and is periodically calibrated since then . [2]. frequency drift s when temperature changes after calibration . [3]. frequency drift s when supply voltage changes after calibration .
cmt2210/17aw rev 1. 3 | page 8 / 28 www. hoperf .com 2. pin descriptions gnd rfin gnd vdd csb sda scl nc xin xout clko dout vcon vcop nrsto nc 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 figure 2 . cmt 2210/ 17 aw pin assignments in qfn16 (3x3) package table 8 . cmt 2210/ 17 aw pin descriptions in qfn16 (3x3) package pin number name i/o descriptions 1 csb i 3 - wire spi chip select input for eeprom programming , internal ly pulled high 2 sda io 3 - wire spi data input and output for eeprom programming 3 scl i 3 - wire spi clock input for eeprom programming , internal ly pulled low 4,9 nc na not connected, leave floating 5 dout o received data output 6 clko o programmable clock output to drive an external mcu 7 xout o crystal oscillator output 8 xin i crystal oscillator input or external reference clock input 10 nrsto o active - low power - on- reset output to reset an external mcu 11 vcop io vco tank, connected to an external inductor 12 vcon 13, 15 gnd i ground 14 rfin i rf signal input to the lna 16 vdd i power supply input
cmt2210/17aw rev 1. 3 | page 9 / 28 www. hoperf .com 1 2 3 4 5 6 7 14 13 12 10 9 11 vcop vcon gnd rfin gnd vdd csb nrsto nc xin xout clko dout 8 sda scl 15 16 nc figure 3 . cmt2 2 10 aw pin assignments in sop16 package table 9 . cmt2 2 10 aw pin assignments in sop16 package pin number name i/o descriptions 1 vcop io vco tank, connected to an external inductor 2 vcon 3, 5 gnd i ground 4 rfin i rf signal input to the lna 6 vdd i power supply input 7 csb i 3 - wire spi chip select input for eeprom programming 8 sda io 3 - wire spi data input and output for eeprom programming 9 scl i 3 - wire spi clock input for eeprom programming 1 0 ,15 nc - not connected, leave floating 1 1 dout o received data output 12 clko o programmable clock output to drive an external mcu 13 xout o crystal oscillator output 14 xin i crystal oscillator input or external reference clock input 16 nrsto o active - low power - on- reset output to reset an external mcu
cmt2210/17aw rev 1. 3 | page 10 / 28 www. hoperf .com 3. typical performance characteristics 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50 6.00 1.60 1.85 2.10 2.35 2.60 2.85 3.10 3.35 3.60 3.85 current consumption (ma) supply voltage (v) current vs. supply voltage 868.35 mhz 433.92 mhz 3.00 3.40 3.80 4.20 4.60 5.00 5.40 5.80 6.20 6.60 - 50 - 30 - 10 10 30 50 70 90 current consumption ma temperature ( ) current vs. temperature 868.35mhz/3.6v 868.35mhz/3.3v 868.35mhz/1.8v 433.92mhz/3.6v 433.92mhz/3.3v 433.92mhz/1.8v - 115.0 - 114.0 - 113.0 - 112.0 - 111.0 - 110.0 - 109.0 - 108.0 - 107.0 1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 4 sensitivity (dbm) supply voltage (v) sensitivity vs. supply voltage 868.35 mhz 433.92 mhz - 116 - 115 - 114 - 113 - 112 - 111 - 110 - 109 - 108 - 60 - 40 - 20 0 20 40 60 80 100 sensitivity (dbm) temperature ( ) sensitivity vs. temperature 868.35 mhz 433.92 mhz - 120 - 115 - 110 - 105 - 100 - 95 - 90 0 5 10 15 20 25 30 35 40 sensitivity (dbm) symbol rate (ksps) sensitivity vs. symbol rate 868.35 mhz 433.92 mhz - 117 - 116 - 115 - 114 - 113 - 112 - 111 - 110 - 109 - 108 0.01% 0.10% 1.00% 10.00% sensitivity (dbm) bit error rate sensitivity vs. ber 868.35 mhz 433.92 mhz figure 5 . current vs. voltage, f rf = 433.92 / 868.35 mhz, sr = 1 ksps figure 9 . sensitivity vs. ber, f rf = 433.92 / 868.35mhz, v dd = 3.3 v, sr = 1 ksps figure 4 . current vs. temperature, f rf = 433.92/868.35 mhz, sr = 1 ksps figure 7 . sensitivity vs. supply voltage, sr = 1 ksps, ber = 0.1% figure 8 . sensitivity vs. sr, f rf = 433.92 / 868.35 mhz, v dd = 3.3 v, ber = 0.1% figure 6 . sensitivity vs. temperature, f rf = 433.92 / 868.35 mhz, sr = 1 ksps, ber = 0.1%
cmt2210/17aw rev 1. 3 | page 11 / 28 www. hoperf .com 4. typical application schematic u 1 cmt2210/17aw xin xout clko dout nc n r s t o v c o p v c o n gnd rfin gnd c sb s d a s c l nc vdd l 1 c 1 c 0 ant 13 14 15 16 9 1 0 1 1 1 2 5 6 7 8 c 2 x 1 1 2 3 4 dout c sb s d a s c l vdd j 1 1 2 3 4 5 csb sda scl l 2 c 3 vdd figure 10 . typical application sch ematic note s : 1. connector j1 is a must for the cmt 2210/ 17aw eeprom access during development or manufacture. 2. t he general layout guidelines are listed below. for more design details, please refer to ?an10 7 cmt221x schematic and pcb layout design guideline ? . ? u se as much continuous ground plane metallization as possible. ? use as many grounding vias (especially near to the gnd pins) as possible to minimize series parasitic inductance between the ground pour and the gnd pins . ? avoid using long and/or thin transmission lines to connect the components . ? place c 0 as close to the cmt 2210/ 17aw as possible for better filtering . 3. the t able below shows the bom of typical application. table 10. bom of 433.92/ 868.35 mhz typical applicati on [1] designator descriptions value (match to 50 ant) value (common used ant) unit manufacturer 433.92 mhz 868.35 mhz 433.92 mhz 868.35 mhz u1 cmt2210/ 17aw , l ow - c ost 300 ? 96 0 mhz ook s tand - a lone rf r eceiver - - - cmostek x1 20 ppm, smd32*25 mm, crystal 26 26 mhz epson l1 5% , 0603 multi - layer chip inductor 27 6.8 33 6.8 nh murata lqg 18 l 2 [2] 5% , 0603 multi - layer chip inductor , for qfn16 22 3.9 22 3.9 nh murata lqg 18 5% , 0603 multi - layer chip inductor , for sop16 15 -- 15 -- c1 0.25 pf , 0402 np0, 50 v 3.3 2.7 2.7 2.7 pf murata grm15 c 0 20% , 0402 x7r , 25 v 0.1 0.1 uf murata grm15 c 2, c 3 5% , 0402 np0, 50 v 27 27 pf murata grm15 note: [1]. the 868.35 mhz a pplication is for cmt2 2 17aw only. [2]. cmt2 2 10aw devices in qfn16 and sop16 packages share the same bom except for the l2.
cmt2210/17aw rev 1. 3 | page 12 / 28 www. hoperf .com 5. functional descriptions image rejection band-pass filter ook demod afc & agc lo gen agc radio controller lna eeprom xosc bandgap i-lmt q-lmt i-mxr q-mxr sar por rssi rfi gnd loop filter divider afc & - modulator 26 mhz vcon vcop xin xout csb scl sda dout ldos vco pfd/cp vdd gnd 3-wire spi lposc nrsto clko figure 11 . functional block diagram 5.1 overview the cmt 2210/ 17aw devices are ultra low power, high performance, low - cost ook stand - alone rf receiver for various 30 0 to 96 0 mhz wireless applications. the cmt22 10aw covers the frequency range from 300 to 480 mhz while the cmt22 17aw covers the 300 to 960 mhz frequency range. they are part of the cmostek nextgenrf tm family, which include s a complete line of transmitters , receiver s and transceivers. t he chip is b ased on a fully integrated, low - if receiver architecture. the low - if architecture facilitates a very low external component count and does not suffer from p owerline - induced interference problems. the synthesizer contains a vco and a low noise fractional - n pll with an output frequency resolution of 24.8 hz. the vco operates at 2 x the local oscillator ( lo ) frequency to reduce spurious emissions . every analog block is calibrated on each power - on reset (por) to the internal reference voltage. the calibration help s the device to finely work under different temperatures and supply voltages. the baseband filtering and demodulation is done by the digit al demodulator. the demodulated signal is output to the external mcu via the dout pin. no external mcu control is needed in the applications. the 3 - wire spi interface is only used for configuring the device . the configuration can be done with the rfpdk an d the usb programmer. the rf frequency, symbol rate and other product features are all configurable. this saves the cost and simplifies the design, development and manufacture. a lternatively, in stock products of 433.92 / 868.35 mhz are available for immediate demands with no need of eeprom programming. the cmt 2210/ 17aw operates from 1.8 to 3.6 v so that it can finely work with most batteries to their useful power limits. the receive current is only 3. 8 ma at 433.92 mhz and 5.2 m a at 868.35 mhz . the cmt 2210/ 17aw receiver together with the cmt211x transmitter enable s a n ultra low cost rf link. 5.2 modulation, frequency and symbol rate the cmt 2210/ 17aw supports ook de modulation with the symbol rate from 0. 1 to 4 0 ksps . t he cmt22 10aw continuously covers the frequency range from 300 to 480 mhz, including the license free ism frequency band around 315 mhz and 433.92 mhz. and the cmt22 17aw covers the frequency range from 300 mhz to 960 mhz, including the license free ism frequency band a round 315 mhz, 433.92 mhz, 868.35 mhz and 915 mhz. the internal frequency synthesizer contains a high - purity vco and a low noise fractional - n pll with an output frequency resolution of 24.8 hz. see the t able below for the de modulation, frequency and symbol rate information.
cmt2210/17aw rev 1. 3 | page 13 / 28 www. hoperf .com table 11 . modulation, frequency and symbol rate parameter value unit dem odulation ook - frequency (cmt22 10aw ) 300 to 480 mhz frequency (cmt22 17aw ) 300 to 96 0 mhz frequency resolution 24.8 hz symbol rate 0. 1 to 4 0 ksps 5.3 embedded eepro m and rfpdk the rfpd k is a pc application developed to help the user to configure the cmostek nextgen rf tm product s in the most intuit ional way. the user only needs to connect the usb programmer between the pc and the device, fill in/select the proper value of each parameter on the rfpdk , and click the ?burn? button to program the configurations into the device. the configurations of the device wi ll then remain unchanged until the next programming. no external mcu control is required in the application program. the rfpdk also allows the user to save the active configuration into a list by clicking on the ?list? button, so that the saved configura tion can be directly reloaded from the list in the future. furthermore, it supports exporting the configuration into a hexadecimal file by clicking on the ?export? button. this file can be used to burn the same configuration into a large amount of devices during the mass production. see the figure below for the accessing of the eeprom . cmt2210/17aw interface cmostek usb programmer scl sda rfpdk eeprom csb figure 12 . accessing embedded eeprom for more d etail s of the cmostek usb programmer and the rfpdk , please refer to ? an 103 cmt211xa - 221xa one - way rf link development kits users guide ? . 5.4 all configurable options beside the demodulation, frequency and symbol rate, more options can be used to customize the device . the following is a table of all the confi gurable options. on the rfpdk , the basic mode only contains a few options allow ing the user to perform easy and f ast configurations. the advanced mode shows all the options that allow the user to customize the device in a deeper level. the options in ? basic mode ? are a subset of that in the ? a dvanced mode ? .
cmt2210/17aw rev 1. 3 | page 14 / 28 www. hoperf .com table 12. configurable parameters in rfpdk category parameters descriptions default mode rf settings frequency (cmt22 10aw ) the receive radio frequency, the range is from 300 to 480 mhz, wi th resolution of 0.0 0 1 mh z. 433.92 0 mhz basic advanced frequency (cmt22 17aw ) the receive radio frequency, the range is from 300 to 96 0 mhz, with resolution of 0.0 0 1 mhz. 868.35 0 mhz basic advanced demodulation the demodulation type, only ook demodulation is supported in this product. ook basic advanced symbol rate the receiver symbol rate, the range is from 0.1 to 40 ksps, with resolution of 0.1 ksps. 2.4 ksps basic advanced squelch th (cmt22 10aw /cmt22 17aw ) the threshold of the squelch circuit to suppress the noise, the range is from 0 to 255. 54 / 40 basic advanced xtal tol . | rx bw (cmt22 10aw /cmt22 17aw ) the sum of the crystal frequency tolerance of the tx and the rx, the range is from 0 to 3 00 ppm. a nd the calculated bw is configured and displayed . 15 0 ppm | 200 khz / 4 0 ppm | 100 khz basic advanced xtal stabilizing time time for the device to wait for the crystal to get settled after power up. the options are: 78, 155, 310, 620, 1240 or 2480 us. 310 us basic advanced operation setting s duty - cycle mode turn on/off the duty - cycle receive mode, the options are: on or off. on basic advanced sleep time the sleep time in duty - cycle receive mode, the range is from 3 to 134,152,192 ms. 3 ms basic advanced rx time the receive time in duty - cycle receive mode, the range is from 0.04 to 2,683,043.00 ms. 2 ,000 ms basic advanced rx time ext the extended receive time in duty - cycle receive mode, the range is from 0.04 to 2,683,043.00 m s. i t is only available when wor is on. 200.00 ms advanced wake - on radio turn on/off the wake - on radio function, the options are: on or off. off advanced wake - on condition the condition to wake on the radio . t he options are: extended by preamble, or extended by rs si . i t is only available when wor is on . extended by preamble advanced system clock output turn on/off the system clock output on clko, the options are: on or off. off advanced system clock frequency the system clock output frequency, the options are: 13.000, 6.500, 4.333, 3.250, 2.600, 2.167, 1.857, 1.625, 1.444, 1.300, 1.182, 1.083, 1.000, 0.929, 0.867, 0.813, 0.765, 0.722, 0.684, 0.650, 0.619, 0.591, 0.565, 0.542, 0.520, 0.500, 0.481, 0.464, 0.448, 0.433, 0.419 or 0.406 mhz. it is only available when system clock output is on. 6.5 mhz advanced ook setting s demod method the ook demodulation methods, the options are: peak th, or fixed th peak th advanced fixed demod th (cmt22 10aw /cmt22 17aw ) the threshold value when the demod method is ?fixed th?, the minimum input value is the value of squelch threshold set on the rfpdk, the maximum value is 255. 6 0 / 50 advanced
cmt2210/17aw rev 1. 3 | page 15 / 28 www. hoperf .com category parameters descriptions default mode peak drop turn on/off the rssi peak drop function, the options are on, or off. on advanced peak drop step the rssi peak drop step, the options are: 1, 2, 3, 5, 6 , 9, 12 or 15. 1 advanced peak drop rate the rssi peak drop rate, the options are: 1 step/4 symbol s , 1 step/2 symbol s , 1 step /1 symbol, or 1 step/0.5 symbol. 1 step / 4 symbol s advanced agc automatic gain control, the options are: on or off. on advanced decode setting s preamble the size of the valid preamble, the options are: 1 - byte, 2 - byte, 3 - byte, or 4 - byte . i t is only available when wor is on. 2 - byte advanced 5.5 i nternal b locks d escription 5.5.1 rf front - end and agc the cmt 2210/ 17aw features a low - if receiver. the rf front - end of the receiver consists of a low noise amplifier (lna), i/q mixer and a wide - band power detector. only a low - cost inductor and a capacitor are required for matching t he lna to any common used antennas. the input rf signal induced on the antenna is amplified and down - converted to the if fr equency for further processing. by means of the wide - band power detector and the attenuation networks built around the lna, the automatic gain control (agc) loop regulates the rf front - end?s gain to get the best system linearity, selectivity and sensitivity performance, even though the receiver suffers from strong out - of - band interference. 5.5.2 if filter the signals coming from the rf front - end are filtered by the fully integrated 3 rd - order band - pass image rejection if filter which achieves over 35 db image rejection ratio typically. the if center frequency is dynamically adjusted to enable the if filter to locate to the right frequency band, thus the receiver sensitivity and out - of - band interference attenuation performance are kept optimal despite the manufacturing process tolerances. the if bandwidth is automatically computed according to the three basic system para meters input from the rfpdk: rf frequency, xtal tolerance, and symbol rate. 5.5.3 rssi the subsequent multistage i/q log amplifiers enhance the output signal from if filter before it is fed for demodulation. rece ive signal strength indicator (rssi) generators a re included in both log amplifiers which produce dc voltages that are directly proportional to the input signal level in both of i and q path. the resulting rssi is a sum of both these two paths. extendin g from the nominal sensitivity level, the rssi achie ves over 66 db dynamic range. the cmt 2210/ 17aw integrates a patented dc - offset cancellation engine. the receiver sensitivity performance benefits a lot from the novel, fa st and accurate dc - offset remov al implement ation . 5.5.4 sar adc the on - chip 8 - bit sar adc digitalizes the rssi for ook demodulation.
cmt2210/17aw rev 1. 3 | page 16 / 28 www. hoperf .com 5.5.5 crystal oscillator the crystal oscillator is used as the reference clock for the pll frequency synthesizer and system clock for the digital bloc ks. a 26 mhz crystal should be used with appropriate loading capac itors (c2 and c3 in figure 10 of page 11 ). the values of t he loading capacitors depend on the total load capacitance c l specified for the crystal. the total load capacitance seen between the xin and xout pin should equal c l for the crystal to oscillate at 26 mhz. c l = 1 1 c 2 1 c 3 + + c parasitic the parasitic capacitance is constituted by the input capacit ance and pcb tray capacitance . the esr of the crystal should be within the specification in order to ensure a reliable start - up. an external signal source can easily be used in place of a conventional xtal and should be connected to the xin pin. the incoming clock signal is recommended to have a peak - to - peak swing in the range of 300 mv to 700 mv and ac - coupled to the xin pin. 5.5.6 frequency synthesizer a fractional - n frequency synthesizer is used to generate the l o frequency for the down conversion i/q mixer. the frequency synthesizer is fully integrated except the vco tank inductor which enables the ultra low - power receiver system design. using the 26 mhz reference clock provided by the crystal oscillator or the e xternal clock source, i t can generate any receive frequency between 300 to 480 mhz with a frequency resolution of 24.8 hz. the vco always operates at 2x of lo frequency. a high q (at vco frequency) tank inductor should be chosen to ensure the vco oscilla tes at any conditions meanwhile burns less power and gets better phase noise performance. in addition, properly layout the inductor matters a lot of achieving a good phase noise performance and less spurious emission. the recommended vco inductors for diff erent lo frequency bands are shown as bellow. table 13 . vco inductor for 315/433.92/ 868.35 /915 mhz frequency band lo frequency band (mhz) 315 433 .92 868.35 915 vco inductor for qfn16 package (nh) 33 22 3.9 3.9 vco inductor for sop16 package (nh) 27 15 -- -- multiple subsystem calibrations are performed dynamically to ensure the frequency synthesizer operates reliably in any workin g conditions. 5.5.7 lposc an internal 1 khz low power oscillator is integrated in the cmt 2210/ 17aw . it generates a clock to drive the sleep timer to periodically wake the device from sleep state. the sleep time can be configured from 3 to 134,152,192 ms (more than 37 hours ) when the device works in duty - cycle receive mode. since t he frequency of the lposc d rifts when the temperature and supply voltage change, it is automatically calibrated during the pup state, and is periodically calibrated since then. the calibration scheme allows the lposc to maintain its frequency tolerance to less than 1%. 5.6 operation mode an option ?duty - cycle on - off? on the rfpdk allows the user to determine how the device behaves. the device is able to work in two operation modes, as shown in the figure below.
cmt2210/17aw rev 1. 3 | page 17 / 28 www. hoperf .com pup sleep xtal tune rx duty-cycle receive mode (duty-cycle mode is set to on ) pup always receive mode (duty-cycle mode is set to off ) sleep tune rx figure 13 . two different operation modes power up (pup) state once the device is powered up, the device will go through the power up (pup) sequence which includes the task of releasing th e power - on reset (por), turning on the crystal and calibrating the internal blocks. the pup takes about 4 ms to finish in the always receive mode , and about 9.5 ms to finish in the d uty - c ycle r eceive m ode. this is because that the lposc and sleep timer is turned off in the a lways r eceive m ode, while it must be turned on and calibrated dur ing the pup in the d uty - c ycle r eceive m ode. the average current of the pup sequence is about 0.9 ma. sleep state in this state, all the internal blocks are powered down except the sleep timer. in always receive mode , the sleep time is fixed at about 3 ms. in duty - cycle receive mode, the sleep time is defined by the option ? sleep time ? on the rfpdk. the sleep current is about 60 na in the always receive mode , and about 440 na (with lposc and sleep timer turned on) in the duty - cycle receive mode . xtal state the xtal state only exists in the duty - cycle receive mode . once the device wakes up from the sleep state, the crystal oscillator restarts to work. the option ? xtal stabilizing time ? on the rfpdk defines the time for the device to wait for the crystal oscillator to settle. the current consumption in this state is about 520 ua. tune state the device is tuned to the desired frequency defined by the option ? frequency ? on the rfpdk and ready to receive. it usually takes approximately 300 us to complete th e tuning sequence . the current consumption in this state is about 2 ma. rx state the device receives the incoming signals and outputs the demodulated data from the dout pin. in duty - cycle receive mode , the device only stays in the rx state for a certain a mount of time, which is defined by the option ? rx time ? on the rfpdk. the current in this state is about 3.8 ma . 5.7 always receive mode if the duty - cycle receive mode is turned off, the device will go through the power up (pup) sequence, stay in the sleep state for about 3 ms, tune the receive frequency, and finally stay in the rx state until the device is powered down. the power up sequence , which takes about 4 ms to finish, includes the task of turning on the crystal and calibrating the internal blocks. the device will continuously receive the incoming rf signals during the rx state and send out the demodulated data on the dout pin. the configurable system clock is also output from the clko pin if it is enabled in the advanced mode on th e rfpdk. the figure below shows the timing characteristics and current consumption of the device from the pup to rx.
cmt2210/17aw rev 1. 3 | page 18 / 28 www. hoperf .com sleep 440 na tune rx current 3.8 ma 2.0 ma state data ( dout pin) system clock ( clko pin) 900 ua pup about 4 ms about 3 ms about 300 us figure 14 . timing and current consumption for always receive mode 5.8 duty - cycle receive mode if the duty - cycle mode is turned on, after the pup the device will automatically repeat the sequence of sleep, xtal, tune and rx until the device is powered down. this a llows the device to re - tune the synthesizer regularly to adept to the chan geable environment and therefore remain its highest performance . the device will continuously receive any incoming signals during the rx state and send out the demodulated data on the dout p in. the configurable system clock output is output from the clko p in during the tune and rx state. the pup sequence consumes about 9.5 ms which is longer than the 4 ms in the always receive mode. this is because the lposc, which drives the sleep timer, must be calibrated during the pup. sleep tune rx current 3.8 ma xtal sleep tune rx xtal data ( dout pin) system clock ( clko pin) 440 na 520 ua 2.0 ma 3.8 ma 440 na 520 ua 2.0 ma 900 ua about 9.5 ms sleep time xtal stabilizing time about 300 us rx time pup state sleep time xtal stabilizing time about 300 us rx time figu re 15 . timing and current consumption for duty - cycle receive mode it is strongly recommended for the user to turn on the duty - cycle receive mode option. the advantages are: ? maintaining the highest performance of the device by regular frequency re - tune. ? increasing the system stability by regular sleep (resetting most of the blocks). ? saving power consumptions of both of the tx and rx device. as long as the sleep time and rx time are properly configured, the transmitted data can always be captured by the device.
cmt2210/17aw rev 1. 3 | page 19 / 28 www. hoperf .com 5.9 easy duty - cycle configurations when the user wants to take the advantage of maintaining the highest system stability and performance, and the power consumption is not the first concern in the system, the easy configuratio n can be used to let the device to work in the duty - cycle mode without complex calculations, the following is a good example: rx t = rx time (1000 ms) rx state tx data sleep, xtal and tune t = sleep time (3 ms) + xtal stabilizing time (310 us) + tuning time (300 us) = 3.61 ms t = packet length (72 ms) a missed packet two missed packets data ( dout pin) output data corrupted output data corrupted time figure 16 . tx and rx relationship of easy configuration in this example, the tx device transmits the data at 1.2 ksps and there are 60 symbols in one data packet. thus, the packet length is 50 ms. the user can do the following: ? set the sleep time to the minimum value of 3 ms. ? set the rx time to 1 second which is much longer than the packet length. ? let the tx device to send out 3 continuous data packets in each transmission. because the sleep time is very short, the non - receiv e time is only about 3. 61 ms (the sum of the sleep time, xtal stabilizing time and the tuning time), which is much shorter than the packet length of 50 ms . therefore, this non - receive time period will only have a change to corrupt no more than 2 packets receiving. during the non - receive time period , the d out p in will output logic 0. because the rx time is very long, and 3 continuous data packets are sent in each transmission, there is at least 1 packet that can be completely received by the device and sen t out via the dout p in with no corruption. the exte rnal mcu will only need to observe the dout p in status to perform data capturing and further data processing. if the system power consumption is a sensitive and important factor in the application, the precise configuration can be used . also, based on the duty - cycle receiv e mode, the ?wake - on radio? technique allows the device to even save more power. for the precise duty - cycle configurations and the use of wake - on radio, please refer to the ?an108 cmt2210/ 17aw configuration guideline ? . 5.10 the nrsto by default, an active low reset signal is generated by the internal por and output via the nrsto pin. it can be used to reset th e external mcu if it is required.
cmt2210/17aw rev 1. 3 | page 20 / 28 www. hoperf .com v dd vth (por) nrsto trise t por figure 17 . nrsto timing characteristics on the above figure, trise is the time taken for the v dd to rise from 0 v to its ultimate stabilized level. after the internal power - on reset circuit detects that the v dd has risen over the threshold voltage ( vth ) , it takes the time t por for the por to change its state from logical 0 to 1. the vth is about 1.2 v. the value of t por varies according to the time taken for the v dd to rise from 0 to 3 v, as listed in the t able below . w hen the v dd falls, the nrsto follow s with the v dd simultane ously. table 14. t por timing characteristics t rise (us) t por (us) 3 ,000 500 1 ,000 300 300 160 100 100 30 70 10 60 5.11 the clko a clock divided down from the crystal oscillator clock is output via the clko pin if the ?system clock output? is set to ?on? on the rfpdk. this clock can be used to drive the external mcu , and is available when the device is in the xtal, tune and rx state s. the clock frequency is selected by the option ?system clock frequency?. more details of using the clko can be referre d to the ?an108 cmt2210/ 17aw configuration guideline ?.
cmt2210/17aw rev 1. 3 | page 21 / 28 www. hoperf .com 6. ordering information table 15. cmt 2210/ 17 aw ordering information p art number description s package type package option operating condition moq / multiple cmt22 10aw - e q r [1] low - cost 300 ? 480 mhz ook stand - alone rf receiver qfn16 (3x3) tape & reel 1.8 to 3.6 v, - 40 to 85 5 ,000 cmt22 10aw - e s r [1] low - cost 300 ? 480 mhz ook stand - alone rf receiver sop16 tape & reel 1.8 to 3.6 v, - 40 to 85 2 , 5 00 cmt22 10aw - e sb [1] low - cost 300 ? 480 mhz ook stand - alone rf receiver sop16 tube 1.8 to 3.6 v, - 40 to 85 1 , 0 00 cmt22 17aw - e q r [1] low - cost 300 ? 96 0 mhz ook stand - alone rf receiver qfn16 (3x3) tape & reel 1.8 to 3.6 v, - 40 to 85 5 ,000 note: [1]. ?e? stands for extended industrial product grade, which supports the temperature range from - 40 to +85 . ? q ? stands for the package type of qfn16 (3x3). ? s ? stands for the package type of sop16 . ?r? stands for the ta pe and reel package option, the minimum order quantity (moq) is 5 ,000 pieces for qfn package type and 1,000 pieces for sop package type . ? b ? stands for the tube package option, the moq is 1 ,000 pi eces for sop16 package type. t he default frequency for cmt22 10aw is 433.920 mhz, and for cmt22 17aw is 868.350 mhz. please refer to the table 12 in p age 14 for details of other settings . visit www.cmostek.com/products to know more about the product and product line. contact sales@cmostek.com or your local sales representatives for more information.
cmt2210/17aw rev 1. 3 | page 22 / 28 www. hoperf .com 7. package outline the 1 6 - pin qfn 3 x 3 illustrates the package details for the cmt 2210/ 17aw . the t able below lists the values for the dimensions shown in the illustration. d 2 e 2 b e l d e a a 1 c top view bottom view side view 1 1 16 16 figure 18 . 1 6 - pin qfn 3x3 package table 16. 1 6 - pin qfn 3x3 package dimensions symbol size (millimeters) min max a 0.7 0.8 a1 ? 0.05 b 0.18 0.30 c 0.18 0.25 d 2.90 3.10 d2 1.55 1.75 e 0.50 bsc e 2.90 3.10 e2 1.55 1.75 l 0.35 0.45
cmt2210/17aw rev 1. 3 | page 23 / 28 www. hoperf .com t he cmt22 10aw is also available in the sop16 package, see below figures and tables for the dimension details. c h 0.25 l l1 a1 a3 a2 a d b e e1 e figure 19 . sop16 package table 17. sop16 package dimensions symbol size (millimeters) min typ max a - - 1.75 a1 0.05 - 0.225 a2 1.30 1.40 1.50 a3 0.60 0.65 0.70 b 0.39 - 0.48 c 0.21 - 0.26 d 9.70 9.90 10.10 e 5.80 6.00 6.20 e1 3.70 3.90 4.10 e 1.27 bsc h 0.25 - 0.50 l 0.50 - 0.80 l1 1.05 bsc 0 - 8
cmt2210/17aw rev 1. 3 | page 24 / 28 www. hoperf .com 8. top marking 8.1 cmt 2210/ 17aw top marking 2 1 7 a y w w 2 1 0 a y w w figure 20 . cmt2210 (left) and cmt22 17 aw (right) top marking in qfn 16 package table 18. cmt 2210/ 17 aw qfn16 top marking explanation mark method laser pin 1 mark circle ? s diameter = 0. 3 mm font size 0. 5 mm, right - justified line 1 marking 2 10a , represents part number cmt22 10aw 2 17a , represents part number cmt22 17aw line 2 marking ??? internal tracking number line 3 marking date code assigned by the assembly house . y represents the last digit of the mold year and ww represents the workweek
cmt2210/17aw rev 1. 3 | page 25 / 28 www. hoperf .com c m t 2 2 1 0 a y y w w figure 21 . cmt2 2 10 aw top marking in sop16 package table 19 . cmt2 2 10 aw sop16 top marking explanation mark method laser pin 1 mark circle?s diameter = 1 mm font size 0.35 mm, right - justified line 1 marking cmt2 2 10a , represents part number cmt2 2 10aw line 2 marking yyww is the date code assigned by the assembly house. yy represents the last two digits of the mold year and ww represents the workweek ????? is the internal tracking number
cmt2210/17aw rev 1. 3 | page 26 / 28 www. hoperf .com 9. other documentations table 20 . other d ocumentations for cmt 2210/ 17aw brief name description s an 10 3 cmt211xa - 221xa one - way rf link development kits users guide user ? s guides for cmt211 x a and cmt 221 x a development kits, including evaluation board and evaluation module , cmostek usb programmer and rfpdk . an10 7 cmt221x schematic and pcb layout design guideline detail s of cmt2210 /13/17/19 a w and cmt2210l w pcb schematic and layout design rules, rf matching network and other application layout design related issues . an10 8 cmt2210/ 17a configuration guideline detail s of configuring cmt2210/ 17aw features on the rfpdk .
cmt2210/17aw rev 1. 3 | page 27 / 28 www. hoperf .com 10. document change list table 21. document change list rev. no . chapter description of changes date 0.9 all initial released version 2014 - 06- 1 4 1.0 5 update section 5.7 and figure 14 2014 - 06- 30 1.1 a ll add product cmt22 17aw to the datasheet 2015 - 01- 23 1.2 all add sop16 to product cmt22 10aw 2015 - 05- 04 1.3 all update the vco inductor for cmt22 10aw in sop16 package 2015 - 06- 17
cmt2210/17aw rev 1. 3 | page 28 / 28 www. hoperf .com 11. contact information hope microelectronics co., ltd address: 2/f,building3,pingshan private enterprise science and technology park,xili town,nanshan district,shenzhen,china tel: +86 - 755- 82973805 fax: +86 - 755- 82973550 email: sales@hoperf.com hoperf@gmail.com w ebsite: http://www.hoperf.com http://www.hoperf.cn the information furnished by cmostek is believed to be accurate and reliable. however, no responsibility is assumed for inaccuracies and specifications within this document are subject to change wit hout notice. the material contained herein is the exclusive property of cmostek and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of cmostek. cmostek products are not authorized for use as critical components in life support devices or systems without express written approval of cmostek. the cmostek logo is a registered trademark of cmostek microelectronics co., ltd. all other names are the property of their respective owners. copyright. cmostek m icroelectronics co., ltd. all rights are reserved.


▲Up To Search▲   

 
Price & Availability of CMT2217AW-EQR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X