Part Number Hot Search : 
A3930 M4A20 CTA41AC6 15000 A3930 BZV80TRL EV0042 1N626
Product Description
Full Text Search
 

To Download C0805C475Z8VACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 11/21/2017 - eed30e0d-76bf-4461-9a37-372b76aba658 kemet part number: C0805C475Z8VACTU (c0805c475z8vac7800) smd comm y5v, ceramic, 4.7 uf, -20/+80%, 10 v, y5v, smd, mlcc, general purpose, class iii, 0805 dimensions l 2mm +/-0.2mm w 1.25mm +/-0.2mm t 1.25mm +/-0.15mm s 0.75mm min b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 2500 general information supplier: kemet series: smd comm y5v style: smd chip description: smd, mlcc, general purpose, class iii features: class iii rohs: yes termination: tin marking: no failure rate: n/a miscellaneous: note: referee time for y5v dielectric for this part number is 48 hours chip size: 0805 specifications capacitance: 4.7 uf capacitance tolerance: -20/+80% voltage dc: 10 vdc dielectric withstanding voltage: 25 v temperature range: -30/+85c temperature coefficient: y5v dissipation factor: 10% 120hz 25c aging rate: 7% loss/decade hour insulation resistance: 11 mohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C0805C475Z8VACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X