Part Number Hot Search : 
ORD221 ZUR53W U4065B FN4782 MAX354 PT1204 NCV4276 CD3022B
Product Description
Full Text Search
 

To Download C0805C475M4RACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 11/23/2017 - f2ff3562-8e73-489c-94db-fad652491d78 kemet part number: C0805C475M4RACTU (c0805c475m4rac7800) smd comm x7r, ceramic, 4.7 uf, 20%, 16 v, x7r, smd, mlcc, temperature stable, class ii, 0805 dimensions l 2mm +/-0.2mm w 1.25mm +/-0.2mm t 1.25mm +/-0.15mm s 0.75mm min b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 2500 general information supplier: kemet series: smd comm x7r style: smd chip description: smd, mlcc, temperature stable, class ii features: temperature stable, class ii rohs: yes termination: tin marking: no failure rate: n/a miscellaneous: note: referee time for x7r dielectric for this part number is 48 hours chip size: 0805 specifications capacitance: 4.7 uf capacitance tolerance: 20% voltage dc: 16 vdc dielectric withstanding voltage: 40 v temperature range: -55/+125c temperature coefficient: x7r dissipation factor: 10% 1khz 25c aging rate: 3% loss/decade hour insulation resistance: 21 mohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C0805C475M4RACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X