Part Number Hot Search : 
101M10 TS8P05G 1N4001 27S21 74LS3 2SA1635 2SC5044 PJ3100
Product Description
Full Text Search
 

To Download C0805C475K4RACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated - 1ea1c539-0895-4947-b4e7-3f7a190d0871 kemet part number: C0805C475K4RACTU (c0805c475k4rac7800) ceramic, commercial-(cxxxxc), 4.7 uf, 10%, 16 v, 0805, x7r, smd, mlcc, temperature stable, class ii dimensions l 2mm +/-0.2mm w 1.25mm +/-0.2mm t 1.25mm +/-0.15mm s 0.75mm min b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 2500 general information style: smd chip series: commercial-(cxxxxc) chip size: 0805 description: smd, mlcc, temperature stable, class ii features: temperature stable, class ii rohs: yes termination: tin marking: no failure rate: n/a miscellaneous: note: referee time for x7r dielectric for this part number is 48 hours specifications capacitance: 4.7 uf capacitance tolerance: 10% voltage dc: 16 vdc temperature range: -55/+125c temperature coefficient: x7r dissipation factor: 3.5% aging rate: 3% loss/decade hour insulation resistance: 110 mohms dielectric strength: 40 v ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of C0805C475K4RACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X