Part Number Hot Search : 
RU6085H UPD75066 C74AC IK1589KB PUMD6 NJM2801 D102K 000X1
Product Description
Full Text Search
 

To Download AST125XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1/5 data sheet p/n AST125XX xx=number of poles 2017/05/09 st125xxvdnn illustration see enlarged drawing at the end of the document product specification ? spring clamp terminal block, solderable, double solder pins ? centerline 5.00 mm, direction of connection vertical 0 ? color gray ? finger push-button, double solder pins
page 2/5 data sheet p/n AST125XX xx=number of poles 2017/05/09 st125xxvdnn technical data general data solder pin length 3.4 mm min. number of poles 2 max. number of poles 24 insulating material class cti 600 clearance/creepage dist. 4.5 mm protection category ip 20 overvoltage category iii iii ii pollution degree 3 2 2 rated voltage 160.0 v 400.0 v 400.0 v rated test voltage 2.5 kv 2.5 kv 2.5 kv min. insul. strip length 15 mm connection data rated wiring solid wire 0.2 - 2.5 mm2 / awg 28 - 12 rated wiring stranded wire 0.2 - 2.5 mm2 / awg 28 - 12 approvals v / a / awg 300 / 15 / 28 - 12 1 mm2 250 v / 13.5 a / t60 material insulating material pa66 flammability class v0 spring material spring steel contact material cusn glow-wire flammability gwfi 960 glow-wire flammability gwit 775 contact surface sn climatic properties upper limit temperature 105 c
page 3/5 data sheet p/n AST125XX xx=number of poles 2017/05/09 st125xxvdnn lower limit temperature -40 c general solderability acc. to jedec jesd22-b102e 245c/5s tolerance iso 2768 -mh
page 4/5 data sheet p/n AST125XX xx=number of poles 2017/05/09 st125xxvdnn illustration drawing l=(pole size - 1) x centerline + 6.6 [0.26]
page 5/5 data sheet p/n AST125XX xx=number of poles 2017/05/09 st125xxvdnn pcb layout powered by tcpdf (www.tcpdf.org)


▲Up To Search▲   

 
Price & Availability of AST125XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X