Part Number Hot Search : 
IPW60R SMBJ51 33J400 150K30AM VPM05 724BC 15AC44 2730129
Product Description
Full Text Search
 

To Download ADF41020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 ghz microwave pll synthesizer data sheet ADF41020 features 18 ghz maximum rf input frequency integrated sige prescaler software compatible with the adf410 6 / adf4107 / adf4108 family of plls 2.85 v to 3.15 v pll power supply programmable dual - modulus prescaler 8/9 , 16/17 , 32/33 , 64/65 programmable charge pump currents 3 - wire serial interface d igital lock detect hardware a nd software power - down mode 4000 v hbm/ 1500 v cdm esd performance applications microwave point - to - point/m ulti p oint r adios wireless infrastructure vsat r adios test equipment instrumentation general description the ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 ghz in the up conversion and down conversion sections of wireless receivers and transmitters. it consists of a low noise, digital phase frequency detector (pfd), a precision charge pump, a programmable reference divider , and high frequency programmable feedback dividers (a, b , and p). a complete phase - locked loop (pll) can be implemen ted if the synthesizer is used with an external loop filter and voltage controlled oscillator (vco). the synthesizer can be used to drive external microwave vcos via an active loop filter. its very high bandwidth means a frequency doubler stage can be elim inated, simplifying system architecture and reducing cost . the ADF41020 is software - compatible with the existing adf4106 / adf4107 / adf4108 family of devices from analog devices , inc . the ir pinout s match very closely with the exception of the ADF41020 s single - ended rf input pin, meaning only a minor layout change is required when updating current design s. functional block dia gram figure 1. clk data le ref in rf in 24-bit input register av dd dv dd ce gnd gnd r counter r counter latch function latch a, b counter latch p/p+ 1 n = 4(bp + a) a and b m3 m2 m1 mux sd out av dd high-z muxout gnd r set v p cp phase frequency detector lock detect reference charge pump current setting 1 ADF41020 cpi3 cpi2 cpi1 cpi6 cpi5 cpi4 current setting 2 50? 3pf counters divide by 4 10304-001 rev. c document feedback information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements o f patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trade marks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062 - 9106, u.s.a. tel: 781.329.4700 ? 2012 C 2014 analog devices, inc. all rights reserved. technical support www.analog.com
ADF41020 data sheet rev. c | page 2 of 16 table of contents features .............................................................................................. 1 applications ....................................................................................... 1 general description ......................................................................... 1 functional block diagram .............................................................. 1 revision history ............................................................................... 2 specifications ..................................................................................... 3 timing characteristics ................................................................ 4 absolute maximum ratings ............................................................ 5 esd caution .................................................................................. 5 pin configuration and function descriptions ............................. 6 typical performance characteristics ............................................. 7 theory of operation ........................................................................ 8 reference input section ............................................................... 8 rf input stage ................................................................................8 prescaler ..........................................................................................8 a counter and b counter ............................................................8 r counter .......................................................................................9 pfd and charge pump .................................................................9 muxout and lock detect .........................................................9 input shift register .......................................................................9 the function latch .................................................................... 13 applications information .............................................................. 15 interfacing ................................................................................... 15 pcb design guidelines ............................................................. 15 outline dimensions ....................................................................... 16 ordering guide .......................................................................... 16 revision history 12/14rev. b to rev. c changes to features section............................................................ 1 changes to lock detect section ..................................................... 9 1/14rev. a to rev. b changes to figure 6 .......................................................................... 7 11/13rev. 0 to rev. a changes to features section............................................................ 1 changes to absolute maximum ratings section and table 3 .... 5 10/12revision 0: initial version
data sheet ADF41020 specifications dv dd = av dd = v p = 3 .0 v 5 % , gnd = 0 v, r set = 5.1 k?, dbm referred to 50 ?, t a = t max to t min , unless otherwise noted. table 1 . parameter min t yp max unit test conditions/comments rf characteristics see figure 1 for input circuit rf input frequency (rf in ) 4.0 18.0 ghz rf input sensitivity ? 10 + 10 dbm maximum allowable prescaler output frequen cy 1 350 mhz ref in characteristics ref in input frequency 10 400 mhz for f < 10 mhz, ensure slew rate > 50 v/ s ref in input sensitivity 0.8 dv dd v p -p biased at dv dd / 2 when input is ac - coupled ref in input capacitance 10 pf ref in input curre nt 100 a phase detector phase detector frequency 2 100 mhz charge pump programmable, see figure 17 i cp sink/source high value 5.0 ma with r set = 5.1 k low value 625 a absolute ac curacy 3 % with r set = 5.1 k r set 5.1 5.1 5.1 k see figure 17 i cp three - state leakage 1 2 na t a = 25 c sink and source current matching 2 % 0.5 v v cp v p ? 0.5 v i cp vs. v cp 1 % 0.5 v v cp v p ? 0.5 v i cp vs. temperature 2 % v cp = v p / 2 logic inputs v ih , input high voltage 1.4 v the spi interface is 1.8 v and 3 v logic compatible v il , input low voltage 0.6 v i inh , i inl , input current 1 a c in , input capacitance 10 pf logi c outputs v oh , output high voltage 1.4 v open - drain output chosen, 1 k pull - up resistor to 1.8 v v oh , output high voltage dv dd ? 0.4 v cmos output chosen i oh , output high current 500 a v ol , output low voltage 0.4 v i ol , output low current 500 a power supplies av dd 2.85 3. 15 v dv dd 2.85 3. 15 v v p 2.85 3. 15 v i dd 3 27 30 ma t a = 25c i p 3 4.5 5 ma t a = 25 c power - down mode 1 a t a = 25c rev. c | page 3 of 16
ADF41020 data sheet parameter min t yp max unit test conditions/comments noise characteristics normalized phase noise floor 4 ? 221 dbc/hz p ll lo op bandwidth = 500 khz normalized 1/f noise 5 ? 118 dbc/hz normalized to 10 khz offset at 1 ghz phase noise performance 6 at vco output 5.7 ghz ? 89 dbc/hz at 1 khz offset and 2.5 mhz pfd frequency with 20 khz l oop bandwidth 12.5 ghz 7 ? 8 2 d bc/hz at 3 khz offset and 2.5 mhz pfd frequency with 20 khz l oop b andwidth 17.64 ghz ? 96 dbc/hz at 100 khz offset and 90 mhz pfd frequency with 700 khz l oop b andwidth spurious signals 5.7 ghz ? 80/ ? 86 dbc at 2.5 mhz/5 mhz and 2.5 mhz pfd frequen cy 12.5 ghz 7 ? 98/< ? 110 dbc at 2.5 mhz/5 mhz and 2.5 mhz pfd frequency 1 7.64 ghz ? 109/ ? 113 dbc at 90 mhz/18 0 mhz and 90 mhz pfd frequency 1 this is the maximum operating frequency of the cmos counters. the prescaler value should be chosen to ensure that the rf inpu t is divided down to a frequency that is less than this valu e. 2 guaranteed by design. sample tested to ensure compliance. 3 t a = 25c; av dd = dv dd = v p = 3.0 v; p = 16; f ref in = 100 mh z ; f pfd = 100 mhz; rf in = 12.8 ghz. 4 the synthesizer phase noise floor is estimated by measuring the in - band phase noise at the ou tput of the vco and subtracting 20 log n (where n is the n divider value) and 10 log f pfd . pn synth = pn tot ? 10 log f pfd ? 20 log n. 5 the pll phase noise is composed of 1/f (flicker) noise plus the normalized pll noise floor. the formula for calculating t he 1/f noise contribution at an rf frequency, f rf , and at a frequency offset, f, is given by pn = pn 1_f + 10 log(10 khz/f) + 20 log(f rf /1 ghz). both the normalized phase noise floor and flicker noise are modeled in adisimpll. 6 the phase noise is measured with a rohde & schwarz fsup spectrum analyzer. the reference is provided by a rohde & schwarz sma100a. 7 the phase noise and spurious noise is measured wi th the ev - ADF41020eb1z evaluation board and the rohde & schwarz fsup spectrum analyzer. timing characteristi cs av dd = dv dd = v p = 3.0 v, g n d = 0 v, r set = 5.1 k?, dbm referred to 50 ?, t a = t max to t min , unless otherwise noted. table 2 . parameter limit unit test conditions/comments t 1 10 ns min data to clk setup time t 2 10 ns min data to clk hold time t 3 25 ns min cl k high d uration t 4 25 ns min cl k low duration t 5 10 ns min cl k to le setup time t 6 20 ns min le pulse width f igure 2 . timing diagram clk db22 db2 data le t 1 le db23 (msb) t 2 db1 (control bit c2) db0 (lsb) (control bit c1) t 3 t 4 t 6 t 5 10304-002 rev. c | page 4 of 16
data sheet ADF41020 absolute maximum rat ings t a = 25 c, unless otherwise noted. table 3 . param eter rating av dd to gnd ? 0.3 v to + 3.9 v av dd to dv dd ? 0.3 v to + 0.3 v v p to gnd ? 0.3 v to + 3.9 v v p to av dd ? 0.3 v to + 0.3 v digital i/o voltage, ref in to gnd ? 0.3 v to dv dd + 0.3 v analog i/o voltage to gnd ? 0.3 v to v p + 0.3 v ref in , rf in to gnd ? 0.3 v to av dd + 0.3 v operating temperature range industrial ? 40 c to + 85 c storage temperature range ? 65 c to + 125 c maximum junction temperature 150 c lfcsp ja thermal impedance 1 (paddle soldered) 62.82 c/w reflow soldering peak temperature 260 c time at peak t emperature 40 sec transistor count cmos 6610 bipolar 358 esd (charged device model) 1500 v esd (human body model) 4000 v 1 two signal planes (that is, on the top and bottom surfaces of the board), two buried planes , and four vias. stresses at or above those listed under absolute maximum ratings may caus e permanent damage to the product . this is a stress ra ting only; fu nctional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. operation beyond the maximum ope rating conditions for ex tended periods may affect product reliability. esd caution rev. c | page 5 of 16
ADF41020 data sheet pin configuration an d function descripti ons figure 3. pin configuration table 4 . pin function descriptions pin no. mnemonic description 1, 2, 3, 5, 9, 10 gnd ground p ins. 4 rf in input to the rf prescaler. this input is ac - coupled internally. 6 , 7 av dd analog power supply. this may range from 2.85 v to 3.15 v . decoupling capacitors to the ground plane should be placed as close as possible to this pin. pin 6 is the sup ply for the fixed divide -by -4 prescaler. 8 ref in reference input. this is a cmos input with a nominal threshold of dv dd /2 and a dc equivalent input resistance of 100 k (s ee figure 9 ) . this input can be driven from a ttl or cmos crystal oscillator or it can be ac - coupled. 11 ce chip enable. a logic low on this pin powers down the device and puts the charge pump output into three - state mode. taking the pin high powers up the device, depending on the status of the p ower - down bit, pd 1 . 12 clk serial clock input. this serial clock is used to clock in the serial data to the registers. the data is latched into the 24- bit shift register on the clk rising edge. this is a high impedance cmos input. 13 data serial data inp ut. the serial data is loaded msb first with the two lsbs being the control bits. this is a high impedance cmos input. 14 le load enable, cmos input. when le goes high, the data stored in the shift registers is loaded into one of the four latches with the latch being selected using the control bits. 15 muxout this multiplexer output allows either the lock detect, the scaled rf, or the scaled reference frequency to be accessed externally. 16, 17 dv dd digital power supply. this may range from 2.85 v to 3.1 5 v . decoupling capacitors to the ground plane should be placed as close as possible to this pin . dv dd must be the same value as av dd . 18 v p charge pump power supply. 19 r set connecting a resistor between this pin and gnd sets the maximum charge pump ou tput current. the nominal voltage potential at the r set pin is 0.66 v. the relationship between i cp and r set is set max cp r i = 14 13 12 1 3 4 le 15 muxout dat a clk 11 ce gnd gnd 2 gnd rf in 5 gnd 7 av dd 6 av dd 8 ref in 9 gnd 10 gnd 19 r set 20 c p 18 v p 17 dv dd 16 dv dd top view notes 1. the exposed pad must be connected to gnd. ADF41020 10304-003 rev. c | page 6 of 16
data sheet ADF41020 rev. c | page 7 of 16 typical performance characteristics figure 4. rf input sensitivity figure 5. charge pump output characteristics figure 6. closed-loop phase noise, rf = 12.5 ghz, pfd = 2.5 mhz, loop bandwidth = 20 khz figure 7. ref in sensitivity figure 8. s-parameters ?70 ?60 ?50 ?40 ?30 ?20 ?10 0 10 20 0 5 10 15 20 25 rf in lev e l (db) frequency (ghz) 8/9 prescaler 16/17 prescaler 10304-004 ?6 ?5 ?4 ?3 ?2 ?1 0 1 2 3 4 5 6 0 0.5 1.0 1.5 2.0 2.5 3.0 i cp (ma) v cp (v) 0.625ma 1.25ma 1.875ma 2.5ma 3.125ma 3.75ma 4.375ma 5.0ma 0.625ma 1.25ma 1.875ma 2.5ma 3.125ma 3.75ma 4.375ma 5.0ma 10304-005 ?180 ?160 ?140 ?120 ?100 ?80 ?60 ?40 ?20 0 1k 10k 100k 1m 10m phase noise (dbc/hz) frequency offset (hz) 10304-006 frequency (mhz) 10304-007 ?25 ?20 ?15 ?10 ?5 0 5 10 0 100 200 300 400 500 600 700 800 900 1000 reference sensitivity (dbm) freq mags11 angs11 freq mags11 angs11 freq unit: ghz keyword: r param type: s data format: ma 0.20099200 0.19669930 0.19140480 0.18317790 0.17232760 0.16071930 0.14943970 0.13791310 0.12839340 0.12090700 0.11516160 0.11252430 0.11213720 0.11236920 0.11323590 0.11401910 0.11361600 0.11225360 0.10909150 0.10484100 0.09871251 0.09258573 0.08667851 0.08075383 0.07542522 0.07048169 0.06751262 0.06561201 0.06308079 0.05995205 0.05666475 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 7.2 7.4 7.6 7.8 8.0 8.2 8.4 8.6 8.8 9.0 9.2 9.4 9.6 9.8 10.0 ?133.9429000 ?134.7069000 ?135.0024000 ?135.1249000 ?135.0415000 ?135.1840000 ?136.0447000 ?137.7694000 ?140.5623000 ?144.7454000 ?149.8260000 ?155.1801000 ?160.0477000 ?164.5794000 ?168.1217000 ?170.9163000 ?173.2882000 ?175.2539000 ?176.9327000 ?179.0774000 178.5525000 175.9697000 172.5878000 168.3692000 163.5676000 159.0954000 154.6976000 149.2087000 142.2284000 137.8226000 134.1730000 0.05542031 0.05306026 0.05123230 0.04471957 0.03846882 0.03402513 0.04456061 0.05158395 0.06039219 0.05580344 0.08402054 0.10374910 0.11639920 0.13647950 0.16700580 0.18309070 0.19458010 0.20377790 0.21170140 0.21883690 0.22280700 0.22498210 0.22589250 0.22572100 0.22596830 0.23197900 0.24339450 0.26023130 0.28636130 0.31905490 10.2 10.4 10.6 10.8 11.0 11.4 11.8 12.2 12.6 13.0 13.4 13.8 14.2 14.6 15.0 15.2 15.4 15.6 15.8 16.0 16.2 16.4 16.6 16.8 17.0 17.2 17.4 17.6 17.8 18.0 130.0581000 126.9556000 115.8988000 102.0333000 86.3895600 51.1515300 21.0829700 16.8124600 16.5178200 31.4631600 36.3540700 18.8428500 0.2817307 ?15.4473000 ?22.3273100 ?24.3333900 ?25.3870800 ?25.0101800 ?24.2554800 ?23.4312200 ?23.5596400 ?24.411100 ?26.5202700 ?30.3773300 ?36.2808700 ?42.8398200 ?50.7222200 ?57.5844600 ?63.0764200 ?67.5389600 10304-008
ADF41020 data sheet rev. c | page 8 of 16 theory of operation reference input section the reference input stage is shown in figure 9. sw1 and sw2 are normally closed switches. sw3 is a normally open switch. when power-down is initiated, sw3 is closed and sw1 and sw2 are opened. this ensures that there is no loading of the ref in pin on power-down. figure 9. reference input stage rf input stage the rf input stage is shown in figure 10. it is followed by a buffer, which generates the differential cml levels needed for the prescaler. figure 10. rf input stage prescaler the ADF41020 uses a two prescaler approach to achieve operation up to 18 ghz. the first prescaler is a fixed divide-by-4 block. the second prescaler, which takes its input from the divide-by-4 output, is implemented as a dual- modulus prescaler (p/p + 1), which allows finer frequency resolution vs. a fixed prescaler. along with the a counter and b counter, this enables the large division ratio, n, to be realized (n = 4(bp + a)). the dual-modulus prescaler, operating at cml levels, takes the clock from the fixed prescaler stage and divides it down to a manageable frequency for the cmos a counter and b counter. the second prescaler is programmable. it can be set in software to 8/9, 16/17, 32/33, or 64/65. it is based on a synchronous 4/5 core. there is a minimum divide ratio possible for contiguous output frequencies. this minimum is given by 4(p 2 ? p). a counter and b counter the a counter and b counter combine with the two prescalers to allow a wide ranging division ratio in the pll feedback counter. the counters are specified to work when the prescaler output is 350 mhz or less. pulse swallow function because of the fixed divide-by-4 block, the generated output frequencies are spaced by four times the reference frequency divided by r. the equation for vco frequency is ?? r f abpf in ref vco ? ???? 4 )( where: f vco is the output frequency of the external voltage controlled oscillator (vco). p is the preset modulus of the dual-modulus prescaler (such as, 8/9, 16/17). b is the preset divide ratio of the binary 13-bit counter (2 to 8191). a is the preset divide ratio of the binary 6-bit swallow counter (0 to 63). f ref in is the external reference frequency oscillator. figure 11. prescalers, a and b counters that make up the n-divide value ref in sw1 sw2 sw3 100k ? nc no nc buffer power-down control to r counter 10304-009 50 ? gnd rf in av dd 3pf buffer to divide by 4 prescaler 10304-010 load load from rf input buffer prescaler p/p + 1 13-bit b counter to pfd 6-bit a counter n divider modulus control n = 4(bp + a) divide by 4 10304-011
data sheet ADF41020 r counter the 14 - bit r counter allows the input reference frequency to be divided down to produce the reference clock to the phase frequency detector (pfd). division ratios from 1 to 16,383 are allowed. pfd and charge pump the pfd takes inputs from the r counter and n count er and produces an output proportional to the phase and frequency difference between them. figure 13 is a simplified schematic. the pfd includes a fixed delay element that controls the width of the antibacklash pu lse. this pulse ensures that there is no dead zone in the pfd transfer function and minimizes phase noise and reference spurs. the charge pump converts the pfd output to current pulses, which are integrated by the pll loop filter. muxout and lock dete ct t he output multiplexer on the adf41 020 allows the user to access various internal points on the chip. the state of muxout is controlled by m3, m2, and m1 in the function latch. figure 17 shows the full truth table. figure 12 shows the muxout section in block diagram form. lock detect muxout can be programm ed with digital lo ck detect . digital lock detect is active high. d igital lock detect is set high when the phase error on five consecutive phase det ec tor cycles is less than 15 ns . it stays set high until a phase error of greater than 25 ns is detected on any subsequent pd cycle. figure 12 . muxout circuit input shift register the ADF41020 digital section includes a 24 - bit input shift register, a 14 - bit r counter, and a 19 - bit n counter, comprising a 6 - bit a counter and a 13 - bit b counter. data is clocked into the 24 - bit shift register on each rising edge of clk. the data is clocked in msb first. data is transferred from the shift register to one of three latches on the rising edge of le. the destination latch is determined by the state of the two control bits (c2, c1) in the shift register. c2 and c1 are the two lsbs, db1 and db0, as shown in the timing diagram of fi gure 2 . the truth table for these bits is shown in table 5 . table 5 shows a summary of how the latches are programmed. the spi is both 1.8 v and 3 v compatible. table 5 . c1, c2 truth table control bits data latch c2 c1 0 0 r c ounter 0 1 n c ounter (a and b) 1 0 function l atch ( i ncluding p rescaler) figure 13 . pfd simplified schematic 10304-013 gnd dv dd control mux digital lock detect r counter output n counter output sdout muxout high high d1 d2 q1 q2 clr2 cp u1 u2 up down gnd u3 r divider fixed delay n divider v p charge pump clr1 10304-012 rev. c | page 9 of 16
ADF41020 data sheet figure 14 . latch summary figure 15 . reference counter latch map db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 r14 1 0 0 0 1 db21 db22 db23 0 0 1 db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) a1 a2 a3 a4 a5 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 b13 a6 db21 db22 db23 g1 0 0 db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) f1 pd1 m1 m2 m3 f3 p1 p2 cpi1 cpi2 cpi5 cpi6 tc4 pd2 f2 cpi3 cpi4 db21 tc3 tc2 tc1 db22 db23 f4 f5 reference counter latch reserved 14-bit reference counter control bits reserved 13-bit b counter 6-bit a counter control bits n counter latch cp gain function latch prescaler value power- down 2 current setting 2 current setting 1 timer counter control fast lock mode fast lock enable cp three- state pd polarity muxout control power- down 1 counter reset control bits 10304-014 r14 r13 r12 .......... r3 r2 r1 0 0 0 .......... 0 0 1 1 0 0 0 .......... 0 1 0 2 0 0 0 .......... 0 1 1 3 0 0 0 .......... 1 0 0 4 . . . .......... . . . . . . . .......... . . . . . . . .......... . . . . 1 1 1 .......... 1 0 0 16380 1 1 1 .......... 1 0 1 16381 1 1 1 .......... 1 1 0 16382 1 1 1 .......... 1 1 1 16383 db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 r14 1 0 0 0 1 db21 db22 db23 0 0 1 reserved 14-bit reference counter control bits divide ratio 10304-015 rev. c | page 10 of 16
data sheet ADF41020 figure 16 . n (a, b) counter latch map db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) a1 a2 a3 a4 a5 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 b13 a6 db21 db22 db23 g1 0 0 0 1 1 0 f4 (function latch) fastlock enable 1 1 a6 a5 .......... a2 a1 0 0 .......... 0 0 0 0 0 .......... 0 1 1 0 0 .......... 1 0 2 0 0 .......... 1 1 3 . . .......... . . . . . .......... . . . . . .......... . . . 1 1 .......... 0 0 60 1 1 .......... 0 1 61 1 1 .......... 1 0 62 1 1 .......... 1 1 63 0 0 b13 b12 b11 b3 b2 b1 0 0 0 .......... 0 0 0 0 0 0 .......... 0 0 1 0 0 0 .......... 0 1 0 0 0 0 .......... 0 1 1 3 . . . .......... . . . . . . . .......... . . . . . . . .......... . . . . 1 1 1 .......... 1 0 0 8188 1 1 1 .......... 1 0 1 8189 1 1 1 .......... 1 1 0 8190 1 1 1 .......... 1 1 1 8191 reserved 13-bit b counter 6-bit a counter control bits cp gain a counter divide ratio b counter divide ratio not allowed not allowed 2 operation cp gain charge pump current setting 1 is permanently used. charge pump current setting 2 is permanently used. charge pump current setting 1 is used. charge pump current is switched to setting 2. the time spent in setting 2 is dependent on which fast lock mode is used. see function latch description. n = 4(bp + a), p is a prescaler value set in the function latch. b must be greater than or equal to a. for continuously adjacent values of (n fref), at the output, n min is 4(p 2 ? p). both of these bits must be set to 0 for normal operation. 10304-016 rev. c | page 11 of 16
ADF41020 data sheet figure 17 . function latch map 10304-017 p2 p1 0 0 8/9 0 1 16/17 1 0 32/33 1 1 64/65 pd2 pd1 mode 0 0 x 1 0 0 1 0 1 cpi6 cpi5 cpi4 cpi3 cpi2 cpi1 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 tc4 tc3 tc2 tc1 0 0 0 0 3 0 0 0 1 7 0 0 1 0 1 1 0 0 1 1 15 0 1 0 0 19 0 1 0 1 23 0 1 1 0 27 0 1 1 1 31 1 0 0 0 35 1 0 0 1 39 1 0 1 0 43 1 0 1 1 47 1 1 0 0 51 1 1 0 1 55 1 1 1 0 59 1 1 1 1 63 f4 0 1 1 m3 m2 m1 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 f3 0 1 f2 0 1 f1 0 1 db20 db19 db18 db17 db16 db15 db14 db13 db12 db 1 1 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) f1 pd1 m1 m2 m3 f3 p1 p2 cpi1 cpi2 cpi5 cpi6 tc4 pd2 f2 cpi3 cpi4 db21 tc3 tc2 tc1 db22 db23 f4 f5 f5 x 0 1 neg a tive positive prescaler v alue power- down 2 current setting 2 current setting 1 timer counter contro l f ast lock mode f ast lock enable c p three- s ta te muxout contro l power- down 1 counter reset contro l bits phase detec t or polarit y counter oper a tion norma l r, a, b counters held in reset charge pum p output norma l three-s ta te f ast lock disabled f ast lock mode 1 f ast lock mode 2 f ast lock mode three-s ta te output digi t a l lock detect (active high) n divider output dv dd r divider output rese r ved seria l d at a output dgnd output timeout (pfd cycles) i cp (ma) asynchronous power-down norma l oper a tion soft w are power-down ce pin prescaler v alue pd polarit y 0.625 1.25 1.875 2.5 3.125 3.75 4.375 5.0 rev. c | page 12 of 16
data sheet ADF41020 the function latch with c2 and c1 set to 1 and 0, respectively, the on - chip function latch is programmed. figure 17 shows the input data format for programming the function latch. counter reset db2 (f1) is the counter reset bit. when this is 1, the r co unter and the n (a, b) counter is reset. for normal operation, this bit should be 0. when powering up, disable the f1 bit (set to 0). the n counter then resume s counting in close alignment with the r counter. (the maximum error is one prescaler cycle). pow er - down bit db3 (pd1) provides a software power - down mode to reduce the overall current drawn by the device. it is enabled by the ce pin. when the ce pin is low, the device is immediately disabled regardless of the state of pd 1 . in the programmed software power - down, the device powers down immediately after latching 1 into the pd 1 bit. pd 2 is a reserved bit and should be cleared to 0 . when a power - down is activated, the following events occur: ? all active dc current paths in the main synthesizer section are removed. however, t he rf divide - by - 4 prescaler remains active. ? the r, n, and timeout counters are forced to their load state conditions. ? the charge pump is forced into three - state mode. ? the digital clock detect circuitry is reset. ? the rf in input is debiase d. ? the reference input buffer circuitry is disabled. ? the input register remains active and capable of loading and latching data. muxout control the on - chip multiplexer is controlled by m3, m2, and m1 on the ADF41020 . figure 17 shows the truth t able. fast lock enable bit bit db9 (f4) of the function latch is the fast lock enable bit. when this bit is 1, fast lock is enabled. fast lock mode bit bit db10 (f5) of the function latch is the fast lock mode bit. when fast lock is enabled, this bit determ ines which fast lock mode is used. if the fast lock mode bit is 0, then fast lock mode 1 is selected; and if the fast lock mode bit is 1, then fast lock mode 2 is selected. fast lock mode 1 the charge pump current is switched to the contents of current se tting 2. the device enters fast lock when 1 is written to the cp gain bit in the n (a, b) counter latch. the device exits fast lock when 0 is written to the cp gain bit in th e n (a, b) counter latch. fast lock mode 2 the charge pump current is switched to the contents of current setting 2. the device enters fast lock when 1 is written to the cp gain bit in the n (a, b) counter latch. the device exits fast lock under the control of the timer counter. after the timeout period, which is determined by the val ue in tc4 to tc1, the cp gain bit in the n (a, b) counter latch is automatically reset to 0, and the device reverts to normal mode instead of fast lock. see figure 17 for the timeout periods. timer counter control the user has the option of programming two charge pump currents. the intent is that current setting 1 is used when the rf output is stable and the system is in a static state. current setting 2 is used when the system is dynamic and in a state of change (t hat is, when a new output frequency is programmed). the normal sequence of events follows. the user initially decides what the preferred charge pump currents are going to be. for example, the choice may be 0.85 ma as current setting 1 and 1.7 ma as current setting 2 . simultaneously, the decision must be made as to how long the secondary current stays active before reverting to the primary current. this is controlled by the timer counter control bits, db14 to db11 (tc4 to tc1), in the function latch. the tru th table is given in figure 17. to program a new output freq uency, simply program the n (a, b) counter latch with new values for a and b. simultaneously, the cp gain bit can be set to 1, which sets the charge pump with the value in cpi6 to cpi4 for a period of time determined by tc4 to tc1. when this time is up, the charge pump current reverts to the value set by cpi3 to cpi1. at the same time, the cp gain bit in the n (a, b) counter latch is reset to 0 and is ready for the next time the user wishes to change the frequency. note that there is an enable feature on the timer counter. it is enabled when fast lock mode 2 is chosen by setting the fast lock mode bit (db 10 ) in the function latch to 1 . charge pump currents cpi3, cpi2, and cpi1 program current setting 1 for the charge pump. cpi6, cpi5, and cpi4 program current setting 2 for the charge pump. the truth table is given in figure 17. prescaler value p2 and p1 in the functi on latch set the programmable p prescaler value. the p value should be chosen so that the prescaler output frequency is always less than or equal to 350 mhz. pd polarity bit db7 (f2) sets the phase detector polarity bit. see figure 17. rev. c | page 13 of 16
ADF41020 data sheet cp three - state bit db8 (f3) controls the cp output pin. with the bit set high, the cp output is put into three - state. with the bit set low, the cp output is enabled. device programming after initial power - up after initial power up of the device, there are three methods for programming the device: function latch, ce pin, and counter reset. function latch method 1. apply v dd . 2. program the function latch load (10 in two lsbs of the control word), making sure that the f1 bit is programmed to a 0 . 3. do an r load ( 00 in two lsbs). 4. do an n (a, b) load ( 01 in two lsbs). ce pin method 1. apply v dd . 2. bring ce low to put the device into power - down. this is an asychronous power - down in that it happens immediately. 3. program the function latch ( 10). 4. program the r counter latch ( 00 ). 5. program the n (a, b) counter latch ( 01). 6. bring ce high to take the device out of power - down. the r and n (a, b) counters now resume counting in close alignment. note that after ce goes high, a 1 s duration may be required for t he prescaler band gap voltage and oscillator input buffer bias to reach steady state. ce can be used to power the device up and down to check for channel activity. the input register does not need to be reprogrammed each time the device is disabled and en abled as long as it is programmed at least once after v dd is initially applied. counter reset method 1. apply v dd . 2. do a function latch load ( 10 in two lsbs). as part of this, load 1 to the f 1 bit. this enables the counter reset. 3. do an r counter load (00 in two lsbs). 4. do an n (a, b) counter load ( 01 in two lsbs). 5. do a function latch load ( 10 in two lsbs). as part of this, load 0 to the f 1 bit. this disables the counter reset. this sequence provides direct control over the internal counter reset. rev. c | page 14 of 16
data sheet ADF41020 rev. c | page 15 of 16 applications information interfacing the ADF41020 has a simple 1.8 v and 3 v spi-compatible serial interface for writing to the device. clk, data, and le control the data transfer. when le goes high, the 24 bits clocked into the input register on each rising edge of clk are transferred to the appropriate latch. see figure 2 for the timing diagram and table 5 for the latch truth table. the maximum allowable serial clock rate is 20 mhz. aduc7020 interface figure 18 shows the interface between the ADF41020 and the aduc7019 to aduc7023 family of analog microcontrollers. the aduc70xx family is based on an amr7 core, although the same interface can be used with any 8051-based micro- controller. the microcontroller is set up for spi master mode with cpha = 0. to initiate the operation, the i/o port driving le is brought low. each latch of the ADF41020 needs a 24-bit word. this is accomplished by writing three 8-bit bytes from the microcontroller to the device. when the third byte is written, bring the le input high to complete the transfer. on first applying power to the ADF41020 , it needs three writes (one each to the function latch, r counter latch, and n counter latch) for the output to become active. i/o port lines on the microcontroller are also used to control power-down (ce input) and to detect lock (muxout configured as lock detect and polled by the port input). when operating in the mode described, the maximum spi transfer rate of the aduc7023 is 20 mbps. this means that the maximum rate at which the output frequency can be changed is 833 khz. if using a faster spi clock, ensure adherence to the spi timing requirements listed in table 1. figure 18. aduc70xx -to- ADF41020 interface blackfin bf527 interface figure 19 shows the interface between the ADF41020 and the blackfin? adsp-bf527 digital signal processor (dsp). the ADF41020 needs a 24-bit serial word for each latch write. the easiest way to accomplish this using the blackfin family is to use the autobuffered transmit mode of operation with alternate framing. this provides a means for transmitting an entire block of serial data before an interrupt is generated. set up the word length for 8 bits and use three memory locations for each 24-bit word. to program each 24-bit latch, store the three 8-bit bytes, enable the autobuffered mode, and write to the transmit register of the dsp. this last operation initiates the autobuffer transfer. as in the microcontroller case, ensure the clock speeds are within the maximum limits outlined in table 1. figure 19. adsp-bf527 -to- ADF41020 interface pcb design guidelines the lands on the lfcsp (cp-20) are rectangular. the printed circuit board (pcb) pad for these should be 0.1 mm longer than the package land length and 0.05 mm wider than the package land width. center the land on the pad to ensure that the solder joint size is maximized. the bottom of the lfcsp has a central thermal pad. the thermal pad on the pcb should be at least as large as the exposed pad. to avoid shorting, on the pcb, provide a clearance of at least 0.25 mm between the thermal pad and the inner edges of the pad pattern. thermal vias may be used on the pcb thermal pad to improve thermal performance of the package. if vias are used, they should be incorporated in the thermal pad at 1.2 mm pitch grid. the via diameter should be between 0.3 mm and 0.33 mm, and plate the via barrel with 1 oz copper to plug the via. connect the pcb thermal pad to gnd. clk data le ce muxout (lock detect) mosi ADF41020 sclock i/o ports aduc70xx 10304-018 clk data le ce muxout (lock detect) mosi ADF41020 sck i/o flags adsp-bf527 gpio 10304-019
ADF41020 data sheet rev. c | page 16 of 16 outline dimensions figure 20. 20-lead lead frame chip scale package [lfcsp_wq] 4 mm 4 mm body, very very thin quad (cp-20-6) dimensions shown in millimeters ordering guide model 1 temperature range package description package option ADF41020bcpz ?40c to +85c 20-lead lead frame chip scale package [lfcsp_wq] cp-20-6 ADF41020bcpz-rl7 ?40c to +85c 20-lead lead frame chip scale package [lfcsp_wq] cp-20-6 ev-ADF41020eb1z evaluation board 1 z = rohs compliant part. 0.50 bsc 0.65 0.60 0.55 0.30 0.25 0.18 compliant to jedec standards mo-220-wggd-1. bottom view top view exposed pad p i n 1 i n d i c a t o r 4.10 4.00 sq 3.90 seating plane 0.80 0.75 0.70 0.05 max 0.02 nom 0.20 ref 0.20 min coplanarity 0.08 pin 1 indicator 2.30 2.10 sq 2.00 for proper connection of the exposed pad, refer to the pin configuration and function descriptions section of this data sheet. 1 20 6 10 11 15 16 5 08-16-2010-b ?2012C2014 analog devices, inc. all rights reserved. trademarks and registered trademarks are the prop erty of their respective owners. d10304-0-12/14(c)


▲Up To Search▲   

 
Price & Availability of ADF41020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X