Part Number Hot Search : 
TMP86CM ER801 82000 LSJPAD50 CO55C ICS85301 A79101 7550BN
Product Description
Full Text Search
 

To Download ACTF8084 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  saw filter act f8084- 879.0 - dcc6c - 1db - 36mhz 879.0 mhz feature s ? low - loss rf filter for mobile systems ? low amplitude ripple ? no matching network required for operation at 50 ? ceramic p ackage for s urface m ounted t echnology ( smt ) ? lead- free production and rohs c omplian t package dimension s ceramic package: dcc6 c pin configuration 2 input 5 output 1, 3, 4, 6 ground marking top view, laser marking " act ?: manufacturer?s mark ? f ?: saw filter ? 8084 ?: part number
maximum ratings rating value unit input power level p 10 dbm dc v oltage v dc 12 v operating t emperature r ange t a -40 ~ + 85 c storage t emperature r ange t stg - 40 ~ +85 c electrical characteristics parameter unit minimum typical maximum center frequency mhz 8 79 insertion loss (8 64 ~8 94 mhz) db 2.0 3.0 amplitude variation( 8 64 ~8 94 mhz ) db 0. 5 1.0 group delay variation( 8 64 ~8 94 mhz ) ns 30 50 absolute attenuation 10~ 705 mhz db 50 60 705 ~7 55 mhz db 48 59 7 55 ~ 805 mhz db 47 57 912 ~ 939 mhz db 18 23 939~9 79 mhz db 35 45 9 79 ~ 1035 mhz db 43 55 1035 ~2600mhz db 25 30 input/output return loss( 8 64 ~8 94 mhz ) db 10 14 rf power dbm +15 input/output impedance ohm 50 rohs c ompli an t electrostatic sensitive device
typical frequency response
stability c haracteristics test item condition of test 1 mechanical shock (a) drops: 3 times on concrete floor (b) height: 1.0 m 2 vibration resistance (a) frequency of vibration: 10 ~ 55hz (b) amplitude: 1.5 mm (c) directions: x,y and z (d) duration: 2 hours 3 moisture resistance (a) condition: 40 c , 90~95% r.h. (b) duration: 96 hours (c) wait 4 hours before measurement 4 climatic sequence (a) + 70c for 16 hours (b) +55 c for 24 hours, 90~95% r.h. (c) -25c for 2 hours (d) +40 c for 24 hours, 90~95% r.h. (e) wait 4 hours before measurement 5 high t emperature e xposure (a) temperature: 70 c (b) duration: 250 hours (c) wait 4 hours before measurement 6 thermal impact (a) +70 c for 30 minutes ? -25 c for 30 minutes repeated 3 times (b) wait 4 hours before measurement requirements : the saw filer shall remain w ithin the electrical specifications after tests. remarks ? saw devices should not be used in any type of fluid such as water, oil, organic solvent, etc. ? be certain not to apply voltage exceeding the rated voltage of components. ? do not operate outside the recommended operating temperature range of components. ? sudden change of temperature shall be avoided, deterioration of the characteristics can occur. ? be careful of soldering temperature and duration of components when soldering. ? do not place soldering iron on the body of components. ? be careful not to subject the terminals or leads of components to excessive force. ? saw devices are electrostatic sensitive . p lease avoid static voltage during operation and storage. ? u ltrasonic cleaning shall be avoided . ultrasonic vibration may ca use destruction of components . test circuit recommended land pattern
packing information carrier tape reel dimensions outer packing type quantity dimension description weight carton box 0.85 carton box 2 0000 190190190 1. 8 0 unit: mm unit: kg
recommended soldering profile c e a act all rights reserved. 1. the specifications of this device are subject to change or obsolescence without notice. 2. typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufacturer. 3. our liability is o nly assumed for the surface acoustic wave (saw) component(s) per se, not for applications, processes and circuits implemented within components or assemblies.


▲Up To Search▲   

 
Price & Availability of ACTF8084

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X