Part Number Hot Search : 
0SERIE 2SA1907 64BEEG M34225M1 SB607 XXXJX EVB90121 2N6394
Product Description
Full Text Search
 

To Download 2SB1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 sot-89 ?? pnp ?? silicon pnp transistor in a sot-89 plastic package.  ????? low v ce(sat ),excellent dc current gain characteristics. ?? general purpose amplifier. ? / equivalent circuit pin1 base pin 2 collector pin 3 emitter ? / marking h fe classifications symbol q r h fe range 120 270 180 390 marking haeq haer / descriptions / features ? / applications / pinning 1 3 2 ** **
2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -20 v collector to emitter voltage v ceo -20 v emitter to base voltage v ebo -6.0 v collector current-continuous i c -3.0 a collector current -continuous(pulse) i cp -5.0 a collector power dissipation p c 0.6 w junction temperature t j 150 storage temperature range t stg -55 150  parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =-50 a i e =0 -20 v collector to emitter breakdown v oltage v ceo i c =-1.0ma i b =0 -20 v emitter to base breakdown voltage v ebo i e =-50 a i c =0 -6.0 v collector cut-off current i cbo v cb =-20v i e =0 -0.1 a emitter base cut-off current i ebo v eb =-5.0v i c =0 -0.1 a dc current gain h fe v ce =-2.0v i c =-0.1a 120 390 collector to emitter saturation v oltage v ce(sat) i c =-2.0a i b =-0.1a -0.5 v transition frequency f t v ce =-2.0v i c =-0.5a f=100mhz 240 mhz collecto r output capacitance c ob v cb =-10v i e =0 f=1.0mhz 35 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6  ? / electrical characteristic curve
2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? h ?? ae  ??? q: ? h fe ? **  ???? note: h: company code. ae: product type. q: h fe classifications symbol **: lot no. code, code change with lot no. haeq **
2SB1424 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box sot-89 1,000 7 7,000 8 56,000 7 12 180120180 385257392 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2SB1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X