Part Number Hot Search : 
ANSMXS CY7B99 P30N05 AN8538 10H2CNX SZ5A12 SFR151 SI7407DN
Product Description
Full Text Search
 

To Download 2SB1424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification low v ce(sat) transistor(-20v,-3a) 2SB1424 e035 www.gmicroelec.com rev.a 1 features z low v ce(sat) =-0.2v(typ.) (i c /i b =-2a/-0.1ma). z excellent dc current gain characterisitics. z complementary the 2sd2150. applications z this device is designed as a general purpose amplifier and switching. sot-89 ordering information type no. marking package code 2SB1424 aeq/aer sot-89 maximum rating @ ta=25 unless otherwise specified symbol parameter value unit v cbo collector-base voltage -20 v v ceo collector-emitter voltage -20 v v ebo emitter-base voltage -6 v i c collector current ?dc -pulse -3 -5 a p c collector power dissipation 0.5 w t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification low v ce(sat) transistor(-20v,-3a) 2SB1424 e035 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =-50 a i e =0 -20 v collector-emitter breakdown voltage v (br)ceo i c =-1ma i b =0 -20 v emitter-base breakdown voltage v (br)ebo i e =-50 a i c =0 -6 v collector cut-off current i cbo v cb =-20v i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a dc current gain h fe v ce =-2v i c =-0.1a 120 390 collector-emitter saturation voltage v ce(sat) i c =-2a i b =-0.1a -0.5 v transition frequency f t v ce =-2v,i c =-0.5a, f=100mhz 240 mhz output capacitance c obo v cb =-10v f=1mhz i e =0 - 35 pf classification h fe rank q r range 120-270 180-390 marking aeq aer typical characteristics @ ta=25 unless otherwise specified
production specification low v ce(sat) transistor(-20v,-3a) 2SB1424 e035 www.gmicroelec.com rev.a 3
production specification low v ce(sat) transistor(-20v,-3a) 2SB1424 e035 www.gmicroelec.com rev.a 4 package outline plastic surface mounted package sot-89 soldering footprint unit:mm package information sot-89 dim min max a 4.30 4.70 b 2.25 2.65 c 1.50 typical d 0.40 typical e 1.40 1.60 f 0.48 typical h 1.60 1.80 j 0.40 typical l 0.90 1.10 k 3.95 4.35 all dimensions in mm device package shipping 2SB1424 sot-89 1000/tape&reel b k c d e j f a h l 4 5 4 5 1.00 1.50 1.50 0.90 2.20 0.90 1.00 1.50


▲Up To Search▲   

 
Price & Availability of 2SB1424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X