Part Number Hot Search : 
GRM319 FDY101PZ SM7512F SW425 SMC20C MUR5020 15020 H8S2318R
Product Description
Full Text Search
 

To Download 2SA2127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60612 tkim/21805ea tsim tb-00000380 no.8022-1/9 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2SA2127 bipolar transistor -50v, -2a, low vce(sat), pnp single mp stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. applications ? voltage regulators, relay drivers, lamp drivers, electrical equipment features ? adoption of mbit process ? low saturation voltage ? high current capacity and wide aso speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo --50 v collector-to-emitter voltage v ceo --50 v emitter-to-base voltage v ebo -- 6 v collector current i c -- 2 a collector current (pulse) i cp -- 4 a base current i b --400 ma collector dissipation p c 1w junction temperature tj 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7520-002 ordering number : en8022a product & package information ? package : mp ? jeita, jedec : sc-51, to-92(1-watt), to-226ae ? minimum packing quantity : 1,000 pcs./box marking electrical connection 123 0.5 0.5 0.5 0.6 1.45 1.45 6.0 4.7 5.0 3.0 1.0 8.5 14.0 1 : emitter 2 : collecto r 3 : base mp 2SA2127 a2127 lot no. 2 1 3
2SA2127 no.8022-2/9 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb = --40v, i e =0a --1 a emitter cutoff current i ebo v eb = --4v, i c =0a --1 a dc current gain h fe 1v ce = --2v, i c = --100ma 200 560 h fe 2v ce = --2v, i c = --1.5a 40 gain-bandwidth product f t v ce = --10v, i c = --300ma 420 mhz output capacitance cob v cb = --10v, f=1mhz 16 pf collector-to-emitter saturation voltage v ce (sat) i c = --1a, i b = --50ma --0.2 --0.4 v base-to-emitter saturation voltage v be (sat) i c = --1a, i b = --50ma --0.9 --1.2 v collector-to-base breakdown voltage v (br)cbo i c = --10 a, i e =0a --50 v collector-to-emitter breakdown voltage v (br)ceo i c = --1ma, r be = --50 v emitter-to-base breakdown voltage v (br)ebo i e = --10 a, i c =0a --6 v turn-on time t on see speci ed test circuit. 35 ns storage time t stg 250 ns fall time t f 24 ns switching time test circuit ordering information device package shipping memo 2SA2127 mp 500pcs./bag pb free 2SA2127-ae mp 1,000pcs./box v r r b v cc = --25v v be =5v + + 50 input output r l 100 f 470 f pw=20 s i b1 d.c. 1% i c i b2 i c =10i b1 = --10i b2 = --0.5a
2SA2127 no.8022-3/9 i c -- v ce i c -- v be collector-to-emitter voltage, v ce -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a --2.0 --1.8 --1.6 --1.2 --1.4 --0.8 --1.0 --0.4 --0.6 --0.2 0 --0.4 0 --0.8 --1.2 --1.6 --2.0 --0.2 --0.6 --1.0 --1.4 --1.8 it07578 --6ma --10ma --20ma --30ma i b =0 --4ma --2ma ta=75 c 25 c --25 c v ce = --2v --2.0 --1.0 --1.6 --1.4 --1.2 --0.6 --0.8 --0.4 --0.2 --1.8 0 0 --0.2 --0.4 --0.6 --0.8 --1.1 --1.0 --0.1 --0.3 --0.5 --0.7 --0.9 it07579 --50ma --40ma 5 3 2 10 100 7 5 7 --0.1 37 25 37 7 25 3 2 --1.0 --10 5 it07582 f=1mhz --0.1 2 3 5 7 --1.0 7 2 3 5 --0.01 --0.01 --0.1 23 57 23 57 23 --1.0 ta=75 c --25 c it07583 i c / i b =20 25 c it07585 2 3 5 7 2 3 5 7 2 3 5 7 --1.0 --10 --0.1 --0.01 23 57 --0.1 --1.0 23 57 --10 23 57 --100 100ms dc operation 100 s 500 s 10ms i cp = - -4a i c = --2a 1ms 3 --1.0 3 --0.01 --0.1 --1.0 t a= --25 c 25 c 75 c 2 7 5 23 57 23 23 57 i c / i b =20 it07584 cob -- v cb v ce (sat) -- i c a s o v be (sat) -- i c collector-to-base voltage, v cb -- v output capacitance, cob -- pf collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v collector-to-emitter voltage, v ce -- v collector current, i c -- a < 10 s ta=25 c single pulse h fe -- i c f t -- i c collector current, i c -- a dc current gain, h fe gain-bandwidth product, f t -- mhz collector current, i c -- a ta=75 c 25 c --25 c 7 100 1000 7 5 3 2 3 5 --0.01 3 25 --0.1 73 257 23 --1.0 7 100 1000 7 5 3 2 3 5 --0.01 3 25 --0.1 73 257 23 --1.0 v ce = --2v it07580 it07581 v ce = --10v
2SA2127 no.8022-4/9 taping speci cation 2SA2127-ae 0 0.6 0.8 1.0 1.2 0.4 0.2 20 060 40 80 100 140 120 160 it07586 p c -- ta collector dissipation, p c -- w ambient temperature, ta -- c
2SA2127 no.8022-5/9
2SA2127 no.8022-6/9 outline drawing 2SA2127-ae mass (g) unit 0.578 * for reference mm
2SA2127 no.8022-7/9 bag packing speci cation 2SA2127
2SA2127 no.8022-8/9 outline drawing 2SA2127 mass (g) unit 0.578 * for reference mm
2SA2127 ps no.8022-9/9 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of 2SA2127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X