Part Number Hot Search : 
ZL50012 ACA1206 SC6011 1012S 3GD17 RB481 Q4840 FDP7045L
Product Description
Full Text Search
 

To Download 1N4948G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low cost glass passivated junction low leakage low forward voltage drop high current capability and s im ilar s olvents mechanical data cas e:jedec do-41,m olded plas tic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.34 grams mounting position: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. 1n 4946g 1n 4947g 1n 4948g units maximum recurrent peak reverse voltage v rrm 600 800 1000 v ma x imum rms v oltag e v rms 420 560 700 v ma x imum dc b lo c king v o lt age v dc 600 800 1000 v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak f orw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =125 ma x imum r ev er s e r e c ov er y time ( note 1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. 1n4942g - - 1N4948G 150 250 500 12 voltage range: 200 --- 1000 v current: 1.0 a 400 1n 4944g 1.0 a fast recovery rectifiers i f(av) the plas tic m aterial carries u/l recognition 94v-0 i r 30.0 5.0 100 1.3 a i fsm 3. thermal resistance f rom junction to ambient. a 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55---- +150 - 55---- + 150 55 galaxy el ectrical do - 41 200 140 200 1n 4942g easily cleaned with freon,alcohol,isopropanol 400 280 www.galaxycn.com bl bl galaxy electrical document number 0261092 1. dimensions in millimeters
.2 tj=25 f=1mhz 1 .1 2 4 .4 1.0 2 40 10 20 60 100 4 10 20 40 100 0 1 8.3ms single half sine-wave 10 20 30 50 40 4 24 0 20 10 8 6 1008060 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 t j =25 pulse width=300 ratings and characteristic curves fi g. 1 -- reverse recovery ti me characteri sti c and test ci rcui t di agram instantaneous forward current 1n4942 g- - - 1N4948G number of cycles at 60 hz reverse voltage,volts fi g. 4--peak forward surge current fi g. 5-- typi cal juncti on capaci tance average forward current ambient temperature, instantaneous forward voltage,volts


▲Up To Search▲   

 
Price & Availability of 1N4948G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X