Part Number Hot Search : 
DC110 4LS37 K1274 S12BDMV4 N1N2980 4FCT2 4S15W 1N5405GM
Product Description
Full Text Search
 

To Download 1N4948G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4942g thru 1N4948G f ast recove r y glass p assi va ted rectifiers reverse v oltage - 200 to 1000 v olts forward current - 1.0 ampere case : jedec do-41 molded plastic body t erminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any w eight :0.012 ounce, 0.33 grams the plastic package carries underwriters laboratory flammability classification 94 v -0 fast switching for high e f ficiency low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 (9.5mm) lead length, 5 lbs. (2.3kg) tension fe a tures mechanica l d at a dimensions in inches and (millimeters) do-41 0.107(2.7) 0.080(2.0) dia. 0.034(0.86) 0.028(0.70) dia. 1.0 (25.4) min. 0.205(5.2) 0.166(4.2) 1.0 (25.4) min. maximum r a tings and electrica l characteristics 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 vo l ts vo l ts vo l ts symbols units amp amps v olts v rrm v rms v dc i ( a v) i fsm v f 1.0 30.0 1.3 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 (9.5mm) lead length at t a =75 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c i r 5.0 50.0 r ja c j t j , t stg 50.0 15.0 -65 to +150 pf c a t ypical thermal resistance (note 3) c/w t ypical junction capacitance (note 2) maximum reverse recovery time (note 1) t rr 150 250 500 ns 1n 4942g 1n 4944g 1n 4947g 1n 4948g 1n 4946g note: 1.reverse recovery condition i f =0.5a,i r =1.0a,irr=0.25a 2.measured at 1mhz and applied reverse voltage of 4.0v d.c. 3.thermal resistance from junction to ambient at 0.375 (9.5mm)lead length, p .c.b. mounted ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. www.shunyegroup.com.cn
r a tings and characteristic cu r ves 1n4942g thru 1N4948G 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 30 25 20 15 10 5.0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse vo lt age,vo l ts t,pulse dur a tion,sec. fig. 5-typica l junction ca p aci t ance fig. 6-typica l transient therma l impedanc e fig. 3-typica l ins t an t aneous fo r w ard characteristics number of cycles a t 60 hz fig. 2-maximum non-repetitive peak fo r w ard surge current fig. 1- fo r w ard current der a ting cu r ve , t n e r r u c d e i f i t c e r d r a w r o f e g a r e v a s e r e p m a d r a w r o f s u o e n a t n a t s n i s e r e p m a , t n e r r u c f p , e c n a t i c a p a c n o i t c n u j , t n e r r u c e g r u s d r a w r o f k a e p s e r e p m a ins t an t aneous fo r w ard vo lt age, vo l ts single phase half w ave 60hz resistive or inductive load 1 10 100 0.0 1 0. 1 1 2 0 1 0 t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse vo lt age,% fig. 4-typica l reverse characteristics , t n e r r u c e s r e v e r s u o e n a t n a t s n i s e r e p m a o r c i m , e c n a d e p m i l a m r e h t t n e i s n a r t w / c ambient temper a ture, c t j =25 c pulse width=300 s 1%dut y cycle 8.3ms single half sine- w a ve (jedec method) www.shunyegroup.com.cn


▲Up To Search▲   

 
Price & Availability of 1N4948G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X