Part Number Hot Search : 
645NIP AEFVBF15 P4V3B P4V3B VA2656 B43712 NAR141 M9707
Product Description
Full Text Search
 

To Download 1837158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/1837158 09/06/2018???page? 1 ?/? 3 printed-circuit board connector?-?ccva 2,5/15-g p20 thr?-?1837158 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) pcb headers, nominal current: 12 a, rated voltage (iii/2): 320 v, number of positions: 15, pitch: 5 mm, color: black, contact surface: tin, mounting: thr soldering, user information and design recommendations for through hole reflow technology can be found under downloads the figure shows a 16-position version why buy this product ?designed for integration into the smt soldering process ?maximum flexibility when it comes to device design C one header for connectors with different connection technologies ?closed contour for optimum stability of the plug-in connection key commercial data packing unit 50 stk gtin gtin 4055626023533 technical data dimensions length [ l ] 8.57 mm width 77.8 mm pitch 5 mm dimension a 70 mm width [ w ] 77.8 mm height [ h ] 14 mm constructional height 12 mm length of the solder pin 2 mm pin dimensions 1 x 1 mm length 8.57 mm general
https://www.phoenixcontact.com/pi/products/1837158 09/06/2018???page? 2 ?/? 3 printed-circuit board connector?-?ccva 2,5/15-g p20 thr?-?1837158 technical data general range of articles ccva 2,5/..-g insulating material group iiia rated surge voltage (iii/3) 4 kv rated surge voltage (iii/2) 4 kv rated surge voltage (ii/2) 4 kv rated voltage (iii/3) 250 v rated voltage (iii/2) 320 v rated voltage (ii/2) 400 v connection in acc. with standard en-vde nominal current i n 12 a maximum load current 12 a (per position) insulating material lcp flammability rating according to ul 94 v0 color black number of positions 15 packaging information type of packaging packed in cardboard pieces per package 50 denomination packing units pcs. standards and regulations connection in acc. with standard en-vde flammability rating according to ul 94 v0 environmental product compliance china rohs environmentally friendly use period: unlimited = efup-e no hazardous substances above threshold values approvals approvals approvals culus recognized ex approvals approval details
https://www.phoenixcontact.com/pi/products/1837158 09/06/2018???page? 3 ?/? 3 printed-circuit board connector?-?ccva 2,5/15-g p20 thr?-?1837158 approvals culus recognized? ? ? http://database.ul.com/cgi-bin/xyv/template/lisext/1frame/index.htm ?e60425-19931011 ? d b nominal voltage un 300 v 300 v nominal current in 10 a 16 a phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 1837158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X