Part Number Hot Search : 
2SB1503 UR551607 DZD30 APTGT 014SBDY CEM9425 1SMA100A CEM9425
Product Description
Full Text Search
 

To Download 1695854 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 1 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) sensor/actuator box, connection method: m12 socket plastic, number of slots: 4, number of positions: 5, slot assignment: double, status indication: no, universal; master cable connection: fixed connection 180, pur halogen free, cable length: 10 m, shielding: no the illustration shows a version with 8 slots product features ?safety in the field, thanks to robust housing and high degree of protection ?flexible, distributed bundling of signals in one master cable ?save space: distributor box with double occupancy for two sensors in one slot key commercial data packing unit 1 pce weight per piece (excluding packing) 1344.0 grm custom tariff number 85444290 country of origin poland technical data general rated voltage 120 v max. operating voltage u max 135 v current carrying capacity per i/o signal 2 a current carrying capacity per slot 4 a total rated current 12 a number of positions 5 number of slots 4 inflammability class according to ul 94 v0 sensor/actuator connection system m12 socket ambient conditions 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 2 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 technical data ambient conditions degree of protection ip65 ip67 ambient temperature (operation) -25 c ... 75 c -40 c ... 90 c (for fixed installation) -5 c ... 80 c (for flexible installation) master cable connection data connection method fixed connection length of cable 10 m tightening torque slot sensor/actuator cable 0.4 nm insulation material housing material pa contact material cusn contact surface material ni/au contact carrier material pa material of threaded sleeve pa material, o-ring nbr pin assignment slot/position = wire color or connection 1 / 4 (a)?=?wh 1 / 2 (b)?=?gy/pk 2 / 4 (a)?=?gn 2 / 2 (b)?=?rd/bu 3 / 4 (a)?=?ye 3 / 2 (b)?=?wh/gn 4 / 4 (a)?=?gy 4 / 2 (b)?=?bn/gn 1-4 / 1 (+ 120 v)?=?bn 1-4 / 3 (0 v)?=?bu 1-4 / 5 (pe)?=?gn/ye cable cable type pur halogen-free black cable type (abbreviation) pur cable abbreviation li9y11y-hf conductor cross section 8x 0.5 mm2 (signal line) 3x 1 mm2 (power line) awg signal line 20 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 3 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 technical data cable awg power supply 17 conductor structure signal line 64x 0.10 mm conductor structure, voltage supply 128x 0.10 mm overall twist wires twisted in layers external sheath, color black ral 9005 external cable diameter d 9.4 mm 0.2 mm smallest bending radius, fixed installation 94 mm smallest bending radius, movable installation 94 mm number of bending cycles 1500000 bending radius 94 mm traversing path 2 m traversing rate 2 m/s outer sheath, material pur material conductor insulation pp conductor material bare cu litz wires nominal voltage, cable 300 v test voltage, cable 2000 v special properties silicone-free flame resistance din en 50265 resistance to oil as per vde 0472 part 803 other resistance highly resistant to acids, alkaline solutions and solvents ambient temperature (operation) -40 c ... 90 c (cable, fixed installation) -5 c ... 80 c (cable, flexible installation) classifications ecl@ss ecl@ss 4.0 27140815 ecl@ss 4.1 27140815 ecl@ss 5.0 27143423 ecl@ss 5.1 27143423 ecl@ss 6.0 27143423 ecl@ss 7.0 27449001 etim etim 2.0 ec000200 etim 3.0 ec001856 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 4 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 classifications etim etim 4.0 ec002585 etim 5.0 ec002585 unspsc unspsc 6.01 31261501 unspsc 7.0901 31261501 unspsc 11 31261501 unspsc 12.01 31261501 unspsc 13.2 31261501 approvals approvals approvals ul recognized / cul recognized / gost / culus recognized ex approvals approvals submitted approval details ul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 120 v cul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 120 v 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 5 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 approvals gost? culus recognized? accessories accessories protective cap screw plug?-?prot-m12?-?1680539 an m12 screw plug for the unoccupied m12 sockets of the sensor/actuator cable, boxes and flush-type connectors ? ? drawings schematic diagram m12 slot, socket, 5-pos. cable cross section pur halogen-free black?[pur] 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 6 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 circuit diagram 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8
https://www.phoenixcontact.com/us/products/1695854 12/2/13???page? 7 ?/? 7 sensor/actuator box?-?sacb-4/ 8-10,0hpur?-?1695854 dimensioned drawing ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 3 4 2 1 5 5 2/4 3 42 1 3 42 1 5 5 3 42 1 5 3 42 1 5 3 42 1 2/2 1/4 1/2 0v 6/4 6/2 7/4 7/2 8/4 8/2 u n 1 2 6 7 8


▲Up To Search▲   

 
Price & Availability of 1695854

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X