Part Number Hot Search : 
SC441 UF2DF GR581 0G226 BC846B 120N6 AE414 VCO55BE
Product Description
Full Text Search
 

To Download 1421771 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1421771 08/16/2016???page? 1 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/ci-1l-z 110v?-?1421771 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) key commercial data packing unit 1 stk minimum order quantity 50 stk weight per piece (excluding packing) 140.0 g custom tariff number 85444290 country of origin poland technical data dimensions length of cable 3 m general rated current at 40c 4 a rated voltage 110 v number of positions 3 status display 1 led protective circuit/component z diode overvoltage category iii degree of pollution 3 material flammability rating according to ul 94 v0 valve plug contact material cusn 1 2 35,5 16 16,1 9,4 2 1 28 9,5 2 1 pe bk 2 bk 1 ye gnye (pe)
https://www.phoenixcontact.com/us/products/1421771 08/16/2016???page? 2 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/ci-1l-z 110v?-?1421771 technical data material valve plug contact surface material sn valve plug contact insert material pa 66 material housing valve plug tpu sealing material tpu (seal molded) standards and regulations flammability rating according to ul 94 v0 cable cable type pvc black cable type (abbreviation) pvc cable abbreviation liyy ul awm style 2464 conductor cross section 3x 0.5 mm2 awg signal line 20 conductor structure signal line 16x 0.20 mm core diameter including insulation 1.5 mm 0.05 mm wire colors black 1, black 2, green/yellow overall twist 3 wires, twisted external sheath, color black ral 9005 external cable diameter d 4.8 mm 0.2 mm minimum bending radius, fixed installation 5 x d outer sheath, material pvc material conductor insulation pvc conductor material bare cu litz wires insulation resistance 20 m*km conductor resistance 39 /km (at 20 c) nominal voltage, cable 300 v test voltage, cable 1200 v flame resistance din vde 0482 din en 50265-2-1 resistance to oil largely oil-resistant ambient temperature (operation) -40 c ... 80 c (cable, fixed installation) -5 c ... 80 c (cable, flexible installation) drawings 1 2 35,5 16 16,1 9,4 2 1 28 9,5 2 1 pe bk 2 bk 1 ye gnye (pe)
https://www.phoenixcontact.com/us/products/1421771 08/16/2016???page? 3 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/ci-1l-z 110v?-?1421771 schematic diagram valve connector connector pin assignment, type ci cable cross section pvc black?[pvc] dimensional drawing valve connector, type ci dimensional drawing valve connector, type ci, side view circuit diagram contact assignment of the valve plug classifications ecl@ss ecl@ss 8.0 27279218 ecl@ss 9.0 27060311 etim etim 5.0 ec001855 1 2 35,5 16 16,1 9,4 2 1 28 9,5 2 1 pe bk 2 bk 1 ye gnye (pe)
https://www.phoenixcontact.com/us/products/1421771 08/16/2016???page? 4 ?/? 4 sensor/actuator cable?-?sac-3p- 3,0-pvc/ci-1l-z 110v?-?1421771 approvals approvals approvals csaus ex approvals approvals submitted approval details csaus? ? ? nominal current in 6 a nominal voltage un 24 v accessories accessories mounting material screw?-?sac-v-screw-m3-29 knurl?-?1403779 fillister head screw with plastic knurl, m3 x 40 ? ? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com 1 2 35,5 16 16,1 9,4 2 1 28 9,5 2 1 pe bk 2 bk 1 ye gnye (pe)


▲Up To Search▲   

 
Price & Availability of 1421771

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X