isometric isometric title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by lasoav11hredwht 1.5:1 10/20/2005 XF0650P b ph 1 1 1 1 f060606 lasoav11 2 1 f051702 25mm ring for la series 3 1 f060253 25mm white lens 4 1 f050417 50-004-17 6vdc led red parts list item qty part number description 27.00 min [1.063 in] 27.00 min [1.063 in] 22.00 n - 0.00 0.50 + .866 - .000 .020 + in [] 28.50 ` 0.50 1.122 ` .020 in [] 11.0 [.433 in] a 15408 released for production 10/20/05 ph note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. rating: 5 amps @ 250vac ul, vde approved 6 amps @ 240vdc ul, vde approved 5. electric life: 50,000 make-and-break cycles at full load. 6. insulation resistance: 1,000 mega-ohm min. 7. operating temp.: -25c to 55c 8. lamp voltage: 6vdc led 9. denotes critical parameter. 2 1 3 4 n 25.00 [.984 in] l 1 3 a 2 4 b (+) spdt contact configuration b 15544 change from dpdt to spdt 11/17/05 ph
|