Part Number Hot Search : 
EN5336QI BP0C5 S2001 10M25 IDT77252 TS339CN ACT04 103ML
Product Description
Full Text Search
 

To Download WP710A10GC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142 t-1 (3mm) solid state lamp part number: WP710A10GC green features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP710A10GC green (gap) water clear 12 40 34 iv (mcd) [2] @ 10ma symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.2 2.5 v i f =20ma i r reverse current green 10 ua v r = 5v parameter green units power dissipation 62.5 mw dc forward current 25 ma peak forward current [1] 140 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142 green WP710A10GC
spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142 packing & label specifications WP710A10GC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datas heet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142
spec no: dsal0500 rev no: v.4b date: jan/19/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029142


▲Up To Search▲   

 
Price & Availability of WP710A10GC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X