Part Number Hot Search : 
ER100 JR16RB CEM4531 MB90F COMPA 19001 CSD2410 D5200C
Product Description
Full Text Search
 

To Download WP710A10EC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141 t-1 (3mm) solid state lamp part number: WP710A10EC high efficiency red features z low power consumption. z popular t-1 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z rohs compliant. description the high efficiency red source color devices are made with gallium arsenide phosphide on gallium phosphide orange light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type iv (mcd) [2] @ 10ma v iewing angle [1] min. typ. 2 1/2 WP710A10EC high efficiency red (gaasp/gap) water clear 25 50 *12 *30 34 symbol parameter device typ. max. units test conditions peak peak wavelength high efficiency red 627 nm i f =20ma d [1] dominant wavelength high efficiency red 617 nm i f =20ma ? 1/2 spectral line half-width high efficiency red 45 nm i f =20ma c capacitance high efficiency red 15 pf v f =0v;f=1mhz v f [2] forward voltage high efficiency red 2 2.5 v i f =20ma i r reverse current high efficiency red 10 ua v r = 5v parameter high efficiency red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 160 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. *luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141 high efficiency red WP710A10EC
spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141 packing & label specifications WP710A10EC terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datas heet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141
spec no: dsal0496 rev no: v.6a date: jan/17/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: p.cheng erp: 1101029141


▲Up To Search▲   

 
Price & Availability of WP710A10EC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X