Part Number Hot Search : 
K2968 AT88S SC700 KSI0M010 BC857A LH28F160 FDS3570 KRA226
Product Description
Full Text Search
 

To Download VEA335K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  17 features applications operating temperature: -40~+100c dimensions single and three phase application. high capacitance 1.0 ~ 10 f. suppressing noise occurring in large power systems, such as 3 phase 500vac inverters, and welding machines. circuit e va k series name model numbering system k capacitance 10% tolerance of capacitance :ul1283 :c22.2 no.8 :iec/en 60384-14 712459 e78644 safety standard file no. ul cul semko unit: mm w0.5 h0.5 25min. t0.5 1.00.05 f1.0 f1.0 0.80.1 w1.0 t1.0 h1.0 92 2.00.1 (plate terminal) type: a type: b rated voltage 300vac electrical specifications vea105k vea155k vea225k vea305k VEA335K vea475k vea685k vea106k 1.0 1.5 2.2 3.0 3.3 4.7 6.8 10.0 33.0 20.5 45.0 55.0 35.5 43.5 30.5 21.5 24.5 28.0 32.5 15.0 15.5 17.5 27.5 37.5 30.5 41.0 49.5 59.5 b a safety standard class model number capacitance f10% dimensions wh t f type insulation resistance test voltage dissipation factor x2 0.001max. (at 1khz) 0.002max. (at 1khz) line to line 1,450vdc 60sec. or 1,000vac 60sec. line to case 2,100vac 50/60hz 60sec. line to line 5,000 ?fmin. line to case 30,000m min. (at 500vdc) suppression capacitors vea series noise suppression capacitor


▲Up To Search▲   

 
Price & Availability of VEA335K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X