Part Number Hot Search : 
SMDJ51A TL431CLP 111AM 89256 PJ944 153M000 NDF653 BT8E5
Product Description
Full Text Search
 

To Download USCD014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  patented uscd012 thru USCD014 surface mount schottky barrier rectifier reverse voltage - 20 to 40 volts forward current - 100 ma features mechanical data * lead free product * leadless chip form , no lead damage * lead-free solder joint , no wire bond & lead frame * plastic package has underwriters laboratory flammability classification 94v-0 * for surface mounted applications * low profile package * built-in strain relief * metal to silicon rectifier , majority carrier conduction * low power loss , high efficiency * high current capability , low vf * high surge capacity * for using in low voltage high frequency switching power supply, inverters , free wheeling , and polarity protection applications maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. symbols units uscd012 USCD014 maximum repetitive peak reverse voltage v rrm volts 20 40 maximum rms voltage v rms 14 28 volts maximum dc blocking voltage v dc 20 40 volts average forward rectified current i o 100 ma peak forward surge current at 8.3 ms single half sine-wave i fsm 2.0 amps maximum instantaneous forward voltage at 0.1 a v f 0.40 volts maximum dc reverse current at rated dc blocking voltage i r 50 ua maximum dc reverse current at 10 v i r 20 ua storage temperature range t stg -40 to +125 o c junction temperature t j +125 o c *dimensions in inches and (millimeters) tm patented patented zowie technology corporation rev. 0 0603 preliminary case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser marking weight : 0.003 gram 0.020(0.40) 0.012(0 30) 0.020(0.40) 0.012(0.30) 0.031(0.80) 0.020(0 50) 0.001(0.03) 0.067(1.70) r 0.008(0.20) 0.059(1.50) 0.039(1.00) 0.028(0.70) 0.031(0.80) 0.002(0.05)
ratings and characteristic curves uscd012 thru USCD014 zowie technology corporation rev. 0 0 10 1 100 5 10 15 20 1000 reverse voltage, (v) juction capacitance (pf) fig. 5 - typical junction capacitance 0 0.04 0.02 0.08 0.10 0.06 0.12 50 75 100 150 25 125 0 average forward current, (a) lead temperature, ( o c ) fig. 1 - typical forward current derating curve 0.0 .001 10 0.01 0.10 1.00 0.1 0 2 0.3 0.4 0.5 0.7 0 6 iinstantaneous forward current, amperes forward voltage, (v) fig 3 - typical nstantaneous forward characteristics ta = 25 o c fig.2 - max mum non-repetitive peak forward surge current peak forward surge current, (a) number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 1.0 1.5 2.0 0.5 2.5 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.10 0.01 0 20 1.0 10 100 1000 t j =100 o c t j =25 o c 40 60 80 100


▲Up To Search▲   

 
Price & Availability of USCD014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X