Part Number Hot Search : 
SM5063 HSP451 JQ250 VQGT610A ZPD68 C24FJ256 DG401BDJ UF5408GP
Product Description
Full Text Search
 

To Download T583D107M010AHE055P000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/14/2017 - 777cfa44-c5d8-4d0b-a321-83b2f8ae4dae kemet part number: T583D107M010AHE055P000 tantalum, polymer tantalum, space, t583, 100 uf, 20%, 10 v, 7343, smd, polymer, molded, aerospace, n/a, 55 mohms, height max = 3.1mm dimensions footprint 7343 l 7.3mm +/-0.3mm w 4.3mm +/-0.3mm h 2.8mm +/-0.3mm s 1.3mm +/-0.3mm f 2.4mm +/-0.1mm packaging specifications weight: 352.36 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: polymer tantalum style: smd chip series: t583 description: smd, polymer, molded, aerospace features: aerospace rohs: no termination: solder coated specifications capacitance: 100 uf capacitance tolerance: 20% voltage dc: 10 vdc (105c) temperature range: -55/+105c dissipation factor: 10% 120hz 25c failure rate: n/a resistance: 55 mohms (100khz 25c) current: 2 a (45c) leakage current: 100 ua (5min 25c) testing and reliability: not serialized ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T583D107M010AHE055P000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X