Part Number Hot Search : 
ME112S03 DTA144W HMC607 TDA938X CMP404 T74FCT LM117G LM339AF
Product Description
Full Text Search
 

To Download SSF2N60D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 1 of 7 rev.1.0 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 2 i d @ tc = 100c continuous drain current, v gs @ 10v 1.3 i dm pulsed drain current 8 a power dissipation 34 w p d @tc = 25c linear derating factor 0.27 w/c v ds drain-source voltage 600 v v gs gate-to-source voltage 30 v e as single pulse avalanche energy @ l=30mh 115 mj i as avalanche current @ l=30mh 2.52 a t j t stg operating junction and storage temperature range -55 to +150 c v dss 600v r ds (on) 3.7 (typ.) i d 2a to-252 marking and pin assignment schematic diagram ? advanced mosfet process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 150 operating temperature ? lead free product it utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 2 of 7 rev.1.0 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 3.7 /w r ja junction-to-ambient (t 10s) 110 /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 600 v v gs = 0v, id = 250a 3.7 4.2 v gs =10v,i d = 1.0a r ds(on) static drain-to-source on-resistance 8.2 t j = 125 2 4 v ds = v gs , i d = 250a v gs(th) gate threshold voltage 2.2 v t j = 125 1 v ds = 600v,v gs = 0v i dss drain-to-source leakage current 50 a t j = 125 100 v gs =30v i gss gate-to-source forward leakage -100 na v gs = -30v q g total gate charge 5.67 q gs gate-to-source charge 1.74 q gd gate-to-drain("miller") charge 1.99 nc i d = 2.0a, v ds =480v, v gs = 10v t d(on) turn-on delay time 9.2 t r rise time 23.4 t d(off) turn-off delay time 15.3 t f fall time 20.1 ns v gs =10v, vds=300v, r gen =25, id=2.0a c iss input capacitance 250.1 c oss output capacitance 35.7 c rss reverse transfer capacitance 1.1 pf v gs = 0v v ds = 25v ? = 1mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 2 a i sm pulsed source current (body diode) 8 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 1.4 v i s =2.0a, v gs =0v t rr reverse recovery time 356.8 ns q rr reverse recovery charge 1030 nc t j = 25c, i f =2a, di/dt = 100a/s
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 3 of 7 rev.1.0 test circuits and waveforms switch waveforms: notes : the maximum current rating is limited by bond-wires. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 4 of 7 rev.1.0 typical electrical and thermal characteristics figure 2. gate to source cut-off voltage figure 1: typical output characteristics figure 3. drain-to-source breakdown voltage vs. case temperature figure 4: normalized on-resistance vs. case temperature
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 5 of 7 rev.1.0 figure 5. maximum drain current vs. case temperature typical electrical and thermal characteristics figure 6.typical capacitance vs. drain-to-source voltage
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 6 of 7 rev.1.0 mechanical data min nom max min nom max a 0.400 0.900 1.400 0.016 0.035 0.055 b 5.350 5.850 6.350 0.211 0.230 0.250 c 4.800 5.300 5.800 0.189 0.209 0.228 d 0.980 0.100 1.020 0.039 0.004 0.040 e 5.800 6.300 6.800 0.228 0.248 0.268 f 2.200 2.300 2.400 0.087 0.091 0.094 g 0.600 0.700 0.800 0.024 0.028 0.031 h 0.200 0.700 1.200 0.008 0.028 0.047 i 0.700 0.800 0.900 0.028 0.031 0.035 j 0.408 0.508 0.608 0.016 0.020 0.024 k 2.050 2.300 2.550 0.081 0.091 0.100 l 0.550 0.800 1.050 0.022 0.031 0.041 m 0.408 0.508 0.608 0.016 0.020 0.024 n 1.050 1.300 1.550 0.041 0.051 0.061 o 1.250 1.500 1.750 0.049 0.059 0.069 symbol dimension in millimeters dimension in inches to-252 package outline dimension
SSF2N60D2 600v n-channel mosfet preliminary www.goodark.com page 7 of 7 rev.1.0 ordering and marking information device marking: SSF2N60D2 package (available) to-252 dpak operating temperature range c : -55 to 150 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to-252 80 50 4000 10 40000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 150 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =150 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSF2N60D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X