Part Number Hot Search : 
00TT4 2SC488 UF4003S SSP3N90 B14NK60Z UF4003S HCT04 UF4003S
Product Description
Full Text Search
 

To Download SR20200LCT-TO-220AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r s r 2 0 2 0 0 l c t low vf schottky barrier rectifier reverse voltage - 200 volts forward current - 20.0amperes features mechanical data maximum ratings (ratings at 25 ! ambient temperature unless otherwise specified ) plastic package has underwriters laboratory flammability classification 94v-0 metal silicon junction ,majority carrier conductionguard ring for overvoltage protection low power loss ,high efficiency high current capability ,low forward voltage drop high surge capability high temperature soldering guaranteed:260 ! /10 seconds at terminals component in accordance to rohs 2011 / 65 / eu s e m i c o n d u c t o r maximum repetitive peak reverse voltage v rrm v a a i f(av) i fsm t stg t j maximum average forward rectified current (see fig.1) operating junction temperature range storage temperature range peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method at rated tl) 10.0 200 -55 to+150 -55 to+150 ! ! 200 symbol unit sr20200lct jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com dimensions in inches and (millimetrers) typical applications for use in low voltage ,high frequency inverters ,dc / dc converters , free wheeling ,and polarity protection applications parameter p r i m a r y c h a r a c t e r i s t i c s i f(av) v rrm i fsm vf at if = 10 . 0a per leg t jmax 20 . 0 a 200v 200a 150 ! 0 . 71v 3 - 1 case: jedec to-220ab molded plastic body terminals: lead solderable per mil-std-750,method 2026polarity: as marked mounting position: any p b r o h s c o m p l i a n t t o-220ab 0.159(4.05) 0.105(2.67) 0.208(5.28) 0.037(0.94) 0.114(2.90) 0.161(4.10) 0.055(1.39) 0.185(4.70) 0.283(7.20) 0.560(14.22) 0.023(0.58) 0.138(3.50) 0.095(2.41) 0.192(4.88) 0.027(0.68) 0.102(2.60) 0.147(3.74) dia 0.045(1.14) 0.175(4.44) 0.244(6.20) 0.516(13.10) 0.014(0.35) 0.410(10.41) pin 0.390(9.91) 1 2 3 1.161(29.50) 1.106(28.10) 0.053(1.34) 0.047(1.20) 0.114(2.90) 0.098(2.50) j f s r 2 0 2 0 0 l c t per leg total device 20.0
electrical characteristcs ? t a = 25 ! unless otherwise noted ) notes: 1.pulse test: 300 ? s pulse width,1% duty cycle 2.pulse test: pulse width "d 40ms thermal characteristcs ? t a = 25 ! unless otherwise noted ) jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com 3 - 2 ratings and characteristic of sr20200lct parameter test conditions symbol typ . max . unit i n s t a n e o u s f o r w a r d v o l t a g e t a = 2 5 ! t a = 1 0 0 ! r e v e r s e c u r r e n t v r = 2 0 0 v t a = 2 5 ! t a = 2 5 ! v f i r 0 . 8 6 v 0 . 1 1 ? a ma 2 5 t y p i c a l j u n c t i o n c a p a c i t a n c e 4 v , 1 m h z c j pf 1 ) 2 ) t a = 1 2 5 ! t a = 1 2 5 ! 0 . 7 1 0 . 7 3 - 0 . 6 1 5 7 0 t a = 2 5 ! t a = 1 0 0 ! t a = 1 2 5 ! 0 . 7 7 0 . 6 6 0 . 6 3 - - - parameter typical thermal resistance r jc 2 . 5 ! /w symbol unit sr20200lc t 3 ) availabale pack information package carton sizel w h ( mm ) quantity ( pcs / box ) box size l w h ( mm ) quantity ( box / carton ) p / t 565 225 1 70 1000 558 148 38 5 product code sr20200lct - to - 220ab 3.thermal resistance from junction to case p e r l e g i f = 1 0 . 0 a p e r l e g i f = 5 . 0 a - - v r = 1 4 0 v v r = 2 0 0 v ? a
0.0001 0.001 0.1 0.01 1 2 20 0 40 60 80 100 0 20 40 60 80 100 120 150 0 10 .0 15 .0 5 .0 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (v) percent of rated peak reverse voltage% number of cycles at 60hz case temperature ( ! ) t j =25 ! resistive or inductive load fig.5-typical junction capacitance t j =100 ! t j =125 ! jinan jingheng electronics co., ltd. http :// www.jinghenggroup.com 3 - 3 reverse voltage. volts 0.1 1 10 100 100 4000 1000 j u n c t i o n c a p a c i t a n c e ( p f ) 1 4 0 ratings and characteristic of sr20200lct 0 50 100 150 2 00 250 30 0 1 10 100 t j =t j max 8.3ms single half sine-wave (jedec method) 20 .0 25 .0 0 0.1 0.2 0.3 0.4 0.5 0.8 0.7 0.6 2 4 6 8 1 0 1 2 1 4 1 6 pulse width=300 ? s 1% duty cycle t j =25 ! t j =25 ! t j =125 ! t j =125 ! t j =100 ! t j =100 ! 30 .0 0. 9


▲Up To Search▲   

 
Price & Availability of SR20200LCT-TO-220AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X