Part Number Hot Search : 
FA7613CP FM340 RGP40 7815C LC863 AO8816L FM340 RGP40
Product Description
Full Text Search
 

To Download SR20200CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r s e m i c o n d u c t o r notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.thermal resistance from junction to case features mechanical data maximum ratings and electrical characteristics case : jedec to -263 molded plastic body t erminals : solderable per mil -std -202,method 208 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conductionguard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier constructionhigh surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applicationshigh temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case component in accordance to r ohs 2002 / 95 / ec and weee 2002 / 96 / ec s r 2 0 2 0 c t t h r u s r 2 0 2 0 0 c t schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 20amperes maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum instantaneous for ward voltage at 20.0 a t =25 c t =125 c c c t ypical thermal resistance (note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blockingvoltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+150 -65 to+150 3 . 0 0.2 30 50 c/w c c t j 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 150 10.0 20.0 200.0 symbols units sr 2020ct sr 2030ct sr 2040ct sr 2050ct sr 2060ct sr 2080ct sr 20100ct sr 20150ct sr 20200ct 150 105 200 140 200 100 dimensions in inches and (millimeters) f j t s r 2 0 6 0 c 0 . 7 0 0.60 0 . 9 0 0 . 7 5 0 . 8 5 0 . 9 5 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 9 ) 0 . 0 3 7 ( 0 . 9 4 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 3 6 ( 0 . 9 2 ) 0 . 0 6 6 ( 1 . 6 8 ) 0 . 1 6 0 ( 4 . 0 6 ) t o - 2 6 3 d 2 p a k 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 5 3 ( 1 . 3 4 ) jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 1- 14 2 maximum average for ward rectified current(see f ig.1) per leg t otal device
0.001 0.01 1 0.1 10 50 80 120 160 100 140 20 0 40 60 80 100 1 10 100 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) instantaneous forward voltage (volts) reverse voltage. volts t, pulse duration ,sec. percent of rated peak reverse voltage% number of cycles at 60hz t j =t j max 8.3ms single half sine-wave (jedec method) t j =125 c t j =25 c t j =75 c 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 1000 4000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p 0 50 100 150 0 4 12 8 20 16 a v e r a g e f o r w a r d c u r r e n t a m p e r e s lead temperature ( c) inductive or resistive load 0.01 0.1 1 50 10 0 0.2 0.1 0.3 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 pulse width=300 s 1% duty cycle t j =125 c t j =25 c 180 200 r a t i n g s a n d c h a r a c t e r i s t i c c u r v e s s r 2 0 2 0 c t t h r u s r 2 0 2 0 0 c t jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 1- 14 3


▲Up To Search▲   

 
Price & Availability of SR20200CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X