Part Number Hot Search : 
NTE2302 KA220 ULA6111 BDT29DF CHV21H28 CY7C6801 SM4004 HCT40
Product Description
Full Text Search
 

To Download SN74ABT16601DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 1 post office box 655303 ? dallas, texas 75265  members of the texas instruments widebus ? family  state-of-the-art epic- ii b ? bicmos design significantly reduces power dissipation  ubt ? (universal bus transceiver) combines d-type latches and d-type flip-flops for operation in transparent, latched, clocked, or clock-enabled mode  latch-up performance exceeds 500 ma per jedec standard jesd-17  typical v olp (output ground bounce) < 0.8 v at v cc = 5 v, t a = 25 c  flow-through architecture optimizes pcb layout  package options include plastic 300-mil shrink small-outline (dl) and thin shrink small-outline (dgg) packages and 380-mil fine-pitch ceramic flat (wd) package using 25-mil center-to-center spacings description these 18-bit universal bus transceivers combine d-type latches and d-type flip-flops to allow data flow in transparent, latched, clocked, and clock-enabled modes. data flow in each direction is controlled by output-enable (oeab and oeba ), latch-enable (leab and leba), and clock (clkab and clkba) inputs. the clock can be controlled by the clock-enable (clkenab and clkenba ) inputs. for a-to-b data flow, the device operates in the transparent mode when leab is high. when leab is low, the a data is latched if clkab is held at a high or low logic level. if leab is low, the a data is stored in the latch/flip-flop on the low-to-high transition of clkab. output enable oeab is active low. when oeab is low, the outputs are active. when oeab is high, the outputs are in the high-impedance state. data flow for b to a is similar to that of a to b, but uses oeba , leba, clkba, and clkenba . to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. the sn54abt16601 is characterized for operation over the full military temperature range of 55 c to 125 c. the sn74abt16601 is characterized for operation from 40 c to 85 c. copyright ? 1997, texas instruments incorporated production data information is current as of publication date. products conform to specifications per the terms of texas instruments standard warranty. production processing does not necessarily include testing of all parameters. please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. widebus, epic- ii b, and ubt are trademarks of texas instruments incorporated. sn54abt16601 . . . wd package sn74abt16601 . . . dgg or dl package (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 oeab leab a1 gnd a2 a3 v cc a4 a5 a6 gnd a7 a8 a9 a10 a11 a12 gnd a13 a14 a15 v cc a16 a17 gnd a18 oeba leba clkenab clkab b1 gnd b2 b3 v cc b4 b5 b6 gnd b7 b8 b9 b10 b11 b12 gnd b13 b14 b15 v cc b16 b17 gnd b18 clkba clkenba
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 2 post office box 655303 ? dallas, texas 75265 function table 2 inputs output clkenab oeab leab clkab a b x h x x x z x lh xl l x lh xh h h ll xxb 0 3 h ll xxb 0 3 l ll ll l ll hh l ll lxb 0 3 l l l h x b 0 2 a-to-b data flow is shown: b-to-a flow is similar but uses oeba , leba, clkba, and clkenba . 3 output level before the indicated steady-state input conditions were established output level before the indicated steady-state input conditions were established, provided that clkab was low before leab went low
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 3 post office box 655303 ? dallas, texas 75265 logic diagram (positive logic) ce 1d c1 clk ce 1d c1 clk b1 oeab clkenab clkab leab leba clkba clkenba oeba a1 1 56 55 2 28 30 29 27 3 54 to 17 other channels absolute maximum ratings over operating free-air temperature range (unless otherwise noted) 2 supply voltage range, v cc 0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (except i/o ports) (see note 1) 0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . voltage range applied to any output in the high or power-off state, v o 0.5 v to 5.5 v . . . . . . . . . . . . . . . . . . . current into any output in the low state, i o : sn54abt16601 96 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . sn74abt16601 128 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0) 18 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output clamp current, i ok (v o < 0) 50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, q ja (see note 2): dgg package 81 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dl package 74 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg 65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 stresses beyond those listed under aabsolute maximum ratingso may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated under arecommended operating conditi onso is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observe d. 2. the package thermal impedance is calculated in accordance with eia/jedec std jesd51.
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 4 post office box 655303 ? dallas, texas 75265 recommended operating conditions (see note 3) sn54abt16601 sn74abt16601 unit min max min max unit v cc supply voltage 4.5 5.5 4.5 5.5 v v ih high-level input voltage 2 2 v v il low-level input voltage 0.8 0.8 v v i input voltage 0 v cc 0 v cc v i oh high-level output current 24 32 ma i ol low-level output current 48 64 ma d t/ d v input transition rise or fall rate outputs enabled 10 10 ns/v t a operating free-air temperature 55 125 40 85 c note 3: unused pins (input or i/o) must be held high or low to prevent them from floating. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions t a = 25 c sn54abt16601 sn74abt16601 unit parameter test conditions min typ 2 max min max min max unit v ik v cc = 4.5 v, i i = 18 ma 1.2 1.2 1.2 v v cc = 4.5 v, i oh = 3 ma 2.5 2.5 2.5 v oh v cc = 5 v, i oh = 3 ma 3 3 3 v v oh v cc =45v i oh = 24 ma 2 2 v v cc = 4 . 5 v i oh = 32 ma 2* 2 v ol v cc =45v i ol = 48 ma 0.55 0.55 v v ol v cc = 4 . 5 v i ol = 64 ma 0.55* 0.55 v v hys 100 mv i i control inputs v cc =55v v i =v cc or gnd 1 1 1 m a i i a or b ports v cc = 5 . 5 v , v i = v cc or gnd 20** 100 20 m a i off v cc = 0, v i or v o 4.5 v 100 100 m a i cex v cc = 5.5 v, v o = 5.5 v outputs high 50 50 50 m a i o 3 v cc = 5.5 v, v o = 2.5 v 50 100 180 50 180 50 180 ma i ozh v cc = 5.5 v, v o = 2.7 v 10 10 10 m a i ozl v cc = 5.5 v, v o = 0.5 v 10 10 10 m a v cc = 5.5 v, outputs high 1.9 3 2 3 i cc a or b ports v cc = 5 . 5 v , i o = 0, outputs low 28 36 35 36 ma v i = v cc or gnd outputs disabled 1.6 3 2 3 d i ? v cc = 5.5 v, one input at 3.4 v, 50 50 m a d i cc ? cc ,, other inputs at v cc or gnd 1.5 ma c i control inputs v i = 2.5 v or 0.5 v 3 pf c io a or b ports v o = 2.5 v or 0.5 v 9 pf * on products compliant to mil-prf-38535, this parameter does not apply. ** this limit applies only to the sn74abt16601. 2 all typical values are at v cc = 5 v. 3 not more than one output should be tested at a time, and the duration of the test should not exceed one second. the parameters i ozh and i ozl include the input leakage current. ? this is the increase in supply current for each input that is at the specified ttl voltage level rather than v cc or gnd.
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 5 post office box 655303 ? dallas, texas 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see figure 1) sn54abt16601 sn74abt16601 unit min max min max unit f clock clock frequency 0 150 0 150 mhz t pulse duration leab or leba high 2.5 2.5 ns t w p u lse d u ration clkab or clkba high or low 3 3 ns a before clkab or b before clkba 4.6 4 t setu p time a before leab or b before leba ??k ???? ?? ?? ?? ? ? ??? ??? ? ????? ???? ?? ? ????? ???? ??k ??? ?? ? ?? ??k?? ????? ??k 2.9 2.5 a after clkab or b after clkba 0.4 0 t h hold time a after leab or b after leba 2.8 2 ns clken after clk 0 0 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, c l = 50 pf (unless otherwise noted) (see figure 1) sn54abt16601 parameter from (input) to (output) v cc = 5 v, t a = 25 c min max unit min typ max f max 150 200 150 mhz t plh aorb bora 1.5 2.5 4.1 1 4.6 ns t phl a or b b or a 1.5 3.4 4.7 1 5.1 ns t plh leab or leba bora 2 3.4 4.7 1 5.6 ns t phl leab or leba b or a 2 3.7 5 1 5.5 ns t plh clkab or clkba bora 1.5 3.2 4.5 1 5.2 ns t phl clkab or clkba b or a 1.5 3.2 4.4 1 5 ns t pzh oeab or oeba bora 2 4 5 1 5.7 ns t pzl oeab or oeba b or a 2 4.2 5.6 1 6 ns t phz oeab or oeba bora 2 4.5 5.8 1 6.8 ns t plz oeab or oeba b or a 1.5 3.4 5.3 1 6.3 ns
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 6 post office box 655303 ? dallas, texas 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, c l = 50 pf (unless otherwise noted) (see figure 1) sn74abt16601 parameter from (input) to (output) v cc = 5 v, t a = 25 c min max unit min typ max f max 150 200 150 mhz t plh aorb bora 1.5 2.5 3.6 1.5 4 ns t phl a or b b or a 1.5 3.4 4.7 1.5 4.9 ns t plh leab or leba bora 2 3.4 4.7 2 5 ns t phl leab or leba b or a 2 3.7 5 2 5.2 ns t plh clkab or clkba bora 1.5 3.2 4.5 1.5 4.7 ns t phl clkab or clkba b or a 1.5 3.2 4.4 1.5 4.6 ns t pzh oeab or oeba bora 2 4 5 2 5.5 ns t pzl oeab or oeba b or a 2 4.2 5.6 2 5.8 ns t phz oeab or oeba bora 2 4.5 5.4 2 6.2 ns t plz oeab or oeba b or a 1.5 3.4 4.7 1.5 5.4 ns
sn54abt16601, sn74abt16601 18-bit universal bus transceivers with 3-state outputs scbs210c june 1992 revised january 1997 7 post office box 655303 ? dallas, texas 75265 parameter measurement information 1.5 v t h t su from output under test c l = 50 pf (see note a) load circuit s1 7 v open gnd 500 w 500 w data input timing input 1.5 v 3 v 0 v 1.5 v 1.5 v 3 v 0 v 3 v 0 v 1.5 v t w input voltage waveforms setup and hold times voltage waveforms propagation delay times inverting and noninverting outputs voltage waveforms pulse duration t plh t phl t phl t plh v oh v oh v ol v ol 1.5 v 1.5 v 3 v 0 v 1.5 v 1.5 v input 1.5 v output control output waveform 1 s1 at 7 v (see note b) output waveform 2 s1 at open (see note b) v ol v oh t pzl t pzh t plz t phz 1.5 v 1.5 v 3.5 v 0 v 1.5 v v ol + 0.3 v 1.5 v v oh 0.3 v 0 v 3 v voltage waveforms enable and disable times low- and high-level enabling output output t plh /t phl t plz /t pzl t phz /t pzh open 7 v open test s1 output control notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 w , t r 2.5 ns, t f 2.5 ns. d. the outputs are measured one at a time with one transition per measurement. 1.5 v figure 1. load circuit and voltage waveforms
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1998, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74ABT16601DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X