Part Number Hot Search : 
Q6270 6041A 30BF20 DM9701F BR262 XFGIB10 D62121 SK301
Product Description
Full Text Search
 

To Download SIR888DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SIR888DP new product document number: 68627 s-81010-rev. a, 05-may-08 www.vishay.com 1 n-channel 25-v (d-s) mosfet features ? halogen-free ? trenchfet ? power mosfet ? 100 % r g tested ? 100 % avalanche tested applications ? low-side switch in synchronous buck converter product summary v ds (v) r ds(on) ( ) i d (a) a q g (typ.) 25 0.00325 at v gs = 10 v 40 g 35.5 nc 0.0040 at v gs = 4.5 v 40 g ordering information: SIR888DP-t1-ge3 (lead (pb)-free and halogen-free) 1 2 3 4 5 6 7 8 s s s g d d d d 6.15 mm 5.15 mm powerpak so-8 bottom view n-channel mosfet g d s notes: a. based on t c = 25 c. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. see solder profile ( http://www.vishay.com/ppg?73257 ). the powerpak so-8 is a leadless package . the end of the lead terminal is exposed copper (not plated) as a result of the si ngulation process in manufacturing. a solder fillet at the exposed copper tip cannot b e guaranteed and is not required to ensure adequate bottom side solder interconnection. e. rework conditions: manual soldering with a sol dering iron is not recommended for leadless components. f. maximum under steady state conditions is 70 c/w. g. package limited. absolute maximum ratings t a = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 25 v gate-source voltage v gs 16 continuous drain current (t j = 150 c) t c = 25 c i d 40 g a t c = 70 c 40 g t a = 25 c 29 b, c t a = 70 c 23 b, c pulsed drain current i dm 70 continuous source-drain diode current t c = 25 c i s 40 g t a = 25 c 4.5 b, c single pulse avalanche current l = 0.1 mh i as 40 single pulse avalanche energy e as 80 mj maximum power dissipation t c = 25 c p d 48 w t c = 70 c 31 t a = 25 c 5.0 b, c t a = 70 c 3.2 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient b, f t 10 s r thja 20 25 c/w maximum junction-to-case (drain) steady state r thjc 2.1 2.6 rohs compliant
www.vishay.com 2 document number: 68627 s-81010-rev. a, 05-may-08 vishay siliconix SIR888DP new product notes: a. pulse test; pulse width 300 s, duty cycle 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 25 v v ds temperature coefficient v ds /t j i d = 250 a 26 mv/c v gs(th) temperature coefficient v gs(th) /t j - 5.6 gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 0.8 2.2 v gate-source leakage i gss v ds = 0 v, v gs = 16 v 100 na zero gate voltage drain current i dss v ds = 25 v, v gs = 0 v 1 a v ds = 25 v, v gs = 0 v, t j = 55 c 10 on-state drain current a i d(on) v ds 5 v, v gs = 10 v 30 a drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 15 a 0.0025 0.00325 v gs = 4.5 v, i d = 10 a 0.0031 0.004 forward transconductance a g fs v ds = 15 v, i d = 15 a 97 s dynamic b input capacitance c iss v ds = 15 v, v gs = 0 v, f = 1 mhz 5065 pf output capacitance c oss 655 reverse transfer capacitance c rss 295 total gate charge q g v ds = 15 v, v gs = 10 v, i d = 20 a 78 120 nc v ds = 15 v, v gs = 4.5 v, i d = 20 a 35.5 55 gate-source charge q gs 12 gate-drain charge q gd 8.1 gate resistance r g f = 1 mhz 0.2 0.55 1.1 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 i d ? 10 a, v gen = 4.5 v, r g = 1 32 55 ns rise time t r 14 25 turn-off delay time t d(off) 40 70 fall time t f 11 20 tu r n - o n d e l ay t i m e t d(on) v dd = 15 v, r l = 1.5 i d ? 10 a, v gen = 10 v, r g = 1 15 30 rise time t r 10 20 turn-off delay time t d(off) 40 70 fall time t f 918 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c 40 a pulse diode forward current a i sm 70 body diode voltage v sd i s = 2.7 a 0.78 1.1 v body diode reverse recovery time t rr i f = 5 a, di/dt = 100 a/s, t j = 25 c 36 65 ns body diode reverse recovery charge q rr 36 60 nc reverse recovery fall time t a 19 ns reverse recovery rise time t b 17
document number: 68627 s-81010-rev. a, 05-may-08 www.vishay.com 3 vishay siliconix SIR888DP new product typical characteristics 25 c, unless otherwise noted output characteristics on-resistance vs. drain current and gate voltage gate charge 0 14 2 8 42 56 70 0.0 0.5 1.0 1.5 2.0 2.5 v ds - drain-to-so u rce v oltage ( v ) i d - drain c u rrent (a) v gs =10thr u 3 v v gs =2 v 0.0020 0.0024 0.002 8 0.0032 0.0036 0.0040 0142 8 42 56 70 r ds(on) - on-resistance ( ) i d - drain c u rrent (a) v gs =10 v v gs =4.5 v 0 2 4 6 8 10 016324 8 64 8 0 i d =20a v gs - gate-to-so u rce v oltage ( v ) q g - total gate charge (nc) v ds =20 v v ds =15 v v ds =10 v transfer characteristics capacitance on-resistance vs. junction temperature 0.0 0.4 0. 8 1.2 1.6 2.0 0.0 0. 8 1.6 2.4 3.2 4.0 v gs - gate-to-so u rce v oltage ( v ) i d - drainc u rrent (a) t c = 25 c t c = 125 c t c = - 55 c c rss 0 1230 2460 3690 4920 6150 0 5 10 15 20 25 c iss v ds - drain-to-so u rce v oltage ( v ) c - capacitance (pf) c oss 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 - 50 - 25 0 25 50 75 100 125 150 t j - j u nction temperat u re (c) ( n ormalized) r ds(on) - on-resistance i d =15a v gs =4.5 v v gs =10 v
www.vishay.com 4 document number: 68627 s-81010-rev. a, 05-may-08 vishay siliconix SIR888DP new product typical characteristics 25 c, unless otherwise noted source-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 v sd - so u rce-to-drain v oltage ( v ) i s - so u rce c u rrent (a) 1 0.01 0.001 0.1 10 100 t j = 25 c t j = 150 c - 1.0 - 0.7 - 0.4 - 0.1 0.2 0.5 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a v ariance ( v ) v gs(th) t j - temperat u re (c) i d =5ma on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.000 0.003 0.006 0.009 0.012 0.015 0246 8 10 r ds(on) - on-resistance ( ) v gs - gate-to-so u rce v oltage ( v ) t j = 25 c t j = 125 c 0 40 8 0 120 160 200 0 1 1 1 0 0 . 0 0.01 time (s) po w er ( w ) 0.1 safe operating area, junction-to-ambient 0.01 100 1 100 0.01 - drain c u rrent (a) i d 0.1 v ds - drain-to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified 1ms 10 ms 100 ms 0.1 1 10 10 t a = 25 c single p u lse limited b yr ds(on) * 1s dc 10 s b v dss limited
document number: 68627 s-81010-rev. a, 05-may-08 www.vishay.com 5 vishay siliconix SIR888DP new product typical characteristics 25 c, unless otherwise noted * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resi stance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determ ine the current rating, when this rating falls below the package limit. current derating* 0 20 40 60 8 0 100 0 255075100125150 t c - case temperat u re (c) i d - drain c u rrent (a) package limited power, junction-to-case 0 12 24 36 4 8 60 0 25 50 75 100 125 150 t c - case temperat u re (c) po w er ( w ) power, junction-to-ambient 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 t c - case temperat u re (c) po w er ( w )
www.vishay.com 6 document number: 68627 s-81010-rev. a, 05-may-08 vishay siliconix SIR888DP new product typical characteristics 25 c, unless otherwise noted vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?68627 . normalized thermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 0.05 s qu are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 1 0.1 0.01 single p u lse t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja =70c/ w 3. t jm -- t a =p dm z thja (t) t 1 t 2 4. s u rface mo u nted d u ty cycle = 0.5 0.02 normalized thermal transient impedance, junction-to-case 0.1 1 0.1 0.01 0.2 d u ty cycle = 0.5 s qu are w a v ep u lse d u ration (s) n ormalized effecti v e transient thermal impedance 10 -3 10 -2 1 10 -1 10 -4 0.05 0.02 single p u lse
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SIR888DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X