Part Number Hot Search : 
TK71150 HMC383 C29AM XHZ256 FIAM2T21 G5698 ARE1324Z 471MPD
Product Description
Full Text Search
 

To Download SF1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sf1010~sf1060 to -220ac f e atures ? plas tic package has underwriters laboratory flammability classification 94v-0. flame retardant epoxy molding compound. ? ? low pow er loss, high efficiency. ? high surge capability ? ultra f ast recovery time,high voltage. ? lead free in comply with eu rohs . m echanical data ? case: to-2 20ac molded plastic ? t erminals: solder plated, solderable per mil - std - 750, method 2026 ? polarity: as marked. ? mounting position: any ma ximum ratings and electrical characteristics voltage 100 to 600 volts cu rrent 10 amperes ultrafast recovery rectifiers p age . 1 ratings at 25c a mbient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. reverse recovery test conditions: i f =0.5a, i r =1a, irr=0.25a. 3. thermal resistance from junction to case. pa rameter symbol units maximum recurrent peak reverse voltage v rr m 10 0 200 300 400 600 v maximum rms voltage v rm s 70 140 210 280 420 v maximum dc blocking voltage v dc 10 0 200 300 400 600 v maximum average forward current at t c = 1 00 c o f( av) i 1 0 a p eak forward surge current : 8.3ms single half sine-wave superimposed on rated load (jedec method) i fs m 1 5 0 a m axi mum f orward v o ltage at 10 a v f m aximum dc reverse current at rated dc blocking voltage t j =2 5 o c t j =1 25 o c i r 10 500 a t ypical junction capacitance (note 1) c j 2 00 pf ma ximum reverse recovery time (note 2) t rr 3 5 n s typical thermal resistance (note 3) r jc 3 o c / w o perating junction and storage temperature range t j ,t st g - 55 to +150 o c v 1 1 .3 1 . 7 5 00 35 0 5 00 low forward voltage, high current capability. sf1010 sf1020 sf1030 SF1040 sf1050 sf1060 jun,2015-rev.0 0 9 0 www.dyelec.com
rating and characteristic curves page . 2 fig.5 peak forward surge current no. of cycles at 60hz forwardsurgecurrent,amperes 1 10 100 15 30 45 60 75 90 105 fig.3 forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitances fig.4 typical reverse characteristics forward voltage, volts reverse voltage, volts o case temperature, c instantaneous forward current, amperes average forward current, amperes junction capacitance, pf 25 100 300 40 250 200 2010 4 100 150 2 50 1 0 0 4.0 8.0 12.0 16.0 20.0 24.0 50 75 100 125 150 175 100 .01 1 10 0.2 0.4 0.6 0.8 1.0 1.2 1.6 1.4 1.8 single phase half wave 60hz resistive or inductive load 10 0-200v 300-400v j t=25c o instantaneous reverse current,ua 1000 100 1.0 20 40 60 80 100 120 o j t=25 c o j t=125 c 1 0.1 10 40 percentage of peak reverse voltage,% 500- 600v sf 1 0 1 0~ sf 1 0 6 0 jun ,2015-rev.0 0 www. dy elec .com
important notice and disclaimer ? re producin g and modifyin g in f ormatio n of th e documen t is prohibite d withou t permission fro m diyi . ? diyi reserves the right to make changes to this document and its products and specifications at any time without notice. customers should obtain and confirm the latest product information and specifications before final design, purchase or use. ? diyi discla im s any and al l l ia bilit y arisin g ou t of th e a pplicatio n or us e of any produc t includin g d am ag es incidentall y and co n sequent i all y occurred. ? diyi do es no t as sum e any and al l im plie d warr a nti es, includin g war ran ti es of fit ness for particula r purpose , non - infring em en t and merch a nt a bilit y. ? application s show n on th e her ein documen t ar e ex am pl es of st an dar d us e and operation. customer s ar e re sponsibl e in comprehendin g th e suit ab le us e in particula r ap plicatio n s. diyi m ak es no r ep re sentatio n or warr an ty tha t suc h ap plicatio ns wil l be suitable for the specified use without further testing or modification. ? th e product s show n her ein ar e no t de signe d and authorize d for equipments requirin g high leve l of reliability or relatin g to human lif e a nd for any app licatio ns concernin g life - saving or life - sustaining , suc h as medica l instruments , tr an sportatio n equ i pment , a erosp a ce ma chiner y et cetera . customer s usin g or sellin g th ese product s for us e in suc h applications do so at th eir ow n ri sk and agre e to full y ind e mnif y diyi for any d am ag es resulting from such improper use or sale. ? sinc e diyi us es lo t numbe r as th e tr acking ba se , pl ease provid e th e lo t numbe r for tr acking when complaining. page . 3 jun ,2015-rev.0 0 sf 1 0 1 0~ sf 1 0 6 0 www. dy elec .com


▲Up To Search▲   

 
Price & Availability of SF1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X