Part Number Hot Search : 
QTLP652C LCDA15TE 1N6082B 681MN GMA2688C E100E HB0C4P EFM32
Product Description
Full Text Search
 

To Download PE91390 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 confguration ? 7/16 din male connector 1 ? 4.3-10 female connector 2 ? 50 ohm ? low pim design ? straight body geometry features ? max vswr of 1.08:1 up to 6 ghz ? pim levels lower than -166 dbc ? silver plated beryllium copper contact ? low coupling torque ? corrosion resistant tri-metal finish applications ? allows connection between series ? general purpose test ? low pim applications ? mobile communications systems ? base stations ? distributed antenna systems (das) ? small cells ? feeder cables . description pasternacks PE91390 7/16 din male to 4.3-10 female adapter is part of our full line of rf components available for same-day shipping. our 7/16 din to 4.3-10 adapter has a male to female gender confguration in a low pim design. PE91390 7/16 din male to 4.3-10 female adapter operates to 6 ghz. the pasternack rf adapter provides excellent vswr of 1.08:1 maximum and passive intermodulation of -166 dbc maximum. rf adapters are often used to enable connections between two connector types that would otherwise not mate. certain adapter confgurations can also be used to protect connectors on expensive equipment where the number of connect/ disconnect cycles is high. an rf, microwave or millimeter wave adapter is connected to the equipment, and the commonly changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters are referred to as connector savers. pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground adapter varieties to serve all of your rf, microwave and millimeter wave needs. electrical specifcations description minimum t ypical maximum units frequency range dc 6 ghz vswr 1.08:1 insertion loss 0.13 db passive intermodulation -166 dbc operating voltage (ac) 1,000 v rms dielectric withstanding voltage (ac) 2,500 v rms insulation resistance 5,000 mohms . . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: low pim 7/16 din male to 4.3-10 female adapter PE91390 PE91390 rev 1.0 low pim 7/16 din male to 4.3-10 female adapter PE91390 rf adapters technical data sheet
2 mechanical specifcations size length 1.5 in [38.1 mm] width 1.38 in [35.05 mm] weight 0.228 lbs [103.42 g] . description connector 1 connector 2 type 7/16 din male 4.3-10 female polarity standard standard mating cycles 100 100 hex size 32 mm mating torque 265 in-lbs 29.95 nm min contact retention force, min 44 lbs [19.96 kg] 6 lbs [2.72 kg] . material specifcations connector 1 connector 2 description material plating material plating type 7/16 din male 4.3-10 female contact beryllium copper silver beryllium copper silver insulation ptfe ptfe outer conductor bronze silver body brass tri-metal brass tri-metal gasket silicone coupling nut brass t ri-metal . . environmental specifcations temperature operating range -55 to +90 deg c . compliance certifcations (see product page for current document) plotted and other data notes: PE91390 rev 1.0 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: low pim 7/16 din male to 4.3-10 female adapter PE91390 low pim 7/16 din male to 4.3-10 female adapter rf adapters technical data sheet PE91390
3 low pim 7/16 din male to 4.3-10 female adapter from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: low pim 7/16 din male to 4.3-10 female adapter PE91390 url: https://www.pasternack.com/7-16-din-male-4.3-10-female-straight-adapter-PE91390-p.aspx PE91390 rev 1.0 low pim 7/16 din male to 4.3-10 female adapter rf adapters technical data sheet PE91390
4 PE91390 rev 1.0 low pim 7/16 din male to 4.3-10 female adapter PE91390 cad drawing


▲Up To Search▲   

 
Price & Availability of PE91390

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X