Part Number Hot Search : 
C1050AM EM6352 BZXSS1BO USDP120 HIR333 00MTR UFD10C10 BT324
Product Description
Full Text Search
 

To Download MX6026-2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MX6026-2G series 24+2g port rackmount managed iec61850 ethernet switches iec 61850-3, ieee 1613 (power substations) compliant up to 24 10/100mbps copper ports and 12 100mbps optical fber ports up to 2 gigabit combo ports ringon (recovery time < 15ms), rstp for network redundancy snmpv1/v2c/v3 for network management of different levels 100% burn-in test MX6026-2G series0407ds - 1/3 ?2014 henrich corporation. all rights reserved henrich electronics corpo- ration main office tel: 860-487-9869 fax: 860-487-9478 www.henrich-inc.com features product information
MX6026-2G series is designed to meet the requirements of substation automation system (iec61850-3, ieee1613), this series can be used to build high-performance ethernet backbone network. it has 120 v ~ 370 vdc or 85 v ~ 370 vac, redundant power input function, increase the communication reliability, save the cost of wiring. in addition, the rack installation design makes network programming is easy, let you for substation installation up to 26 fast ethernet front-end ports, maximum support 12 fber ports and two gigabit combo, pro vide great flexibility. introduction MX6026-2G series0407ds - 2/3 ?2014 henrich corporation. all rights reserved specifications technology standard 802.3802.3u 802.3x802.1p 802.1q processing type store and forward mac address 8k management : cli/ web browser ringon? recovery time within 15ms flow control : full duplex flow control, half duplex back pressure control protocols : igmp snooping gmrpsnmpv1/ v2c/v3 dhcp clienthttp https ntp client interface rj45 port : 10/100baset (x)or 10/100/1000baset (x)auto negotiation fiber port : 100basefx (sc/st connector) and 1000basesfp slot led indicators power, port status, 10/100m/1000m, 1000m (combo) console port : db9 male output warning : relay, standard 2 pin optical fiber 100basefx distance multi-mode 2km1310nm(62.5/125m) single mode 20km1310nm(9/125m) min,tx multi-mode -20dbm single mode -15dbm max,tx multi-mode -10dbm single mode -8dbm rx sensitivity -32dbm(single mode/multi-mode ) 1000base-lx distance single mode 20km1310nm(9/125m) min,tx single mode -8dbm max,tx single mode -2dbm rx sensitivity <-24dbm power requirements input voltage : 120v370vdc 85v 264vac input connection : grid panel terminal blocks mechanical characters package ip40metal case dimension(whd) 44344260mm installation rack mounting environment limits operating temp. : -4085 storage temp. : -4085 ambient relative humidity : 595 standards and certifcations emi fcc part 15. cispr(en55022) class a ems en61000-4-2(esd) level 3 en61000-4-3(rs) level 3 en61000-4-4(eft) level 3 en61000-4-5(surge) level 3 en61000-4-6(cs) level 3 en 61000-4-11 level 3 cispr 22 radiated level 3 cispr 22 conducted level 3 ansic63.4level 3 warranty warranty period : 3 years tel: 860-487-9869 www.henrich-inc.com
MX6026-2G series0407ds - 3/3 ?2014 henrich corporation. all rights reserved MX6026-2G-vhw rackmount managed, 24 x 100mbps copper port, 2 x 1000mbps combo port , industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-2sc-vhw rackmount managed, 22 x 100mbps copper port, 2 x 1000mbps combo port, 2 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-2ssc-vhw rackmount managed, 22 x 100mbps copper port, 2 x 1000mbps combo port, 2 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-4sc-vhw rackmount managed, 20 x 100mbps copper port, 2 x 1000mbps combo port, 4 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-4ssc-vhw rackmount managed, 20 x 100mbps copper port, 2 x 1000mbps combo port, 4 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-6sc-vhw rackmount managed, 18 x 100mbps copper port, 2 x 1000mbps combo port, 6 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-6ssc-vhw rackmount managed, 18 x 100mbps copper port, 2 x 1000mbps combo port, 6 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-8sc-vhw rackmount managed, 16 x 100mbps copper port, 2 x 1000mbps combo port, 8 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-8ssc-vhw rackmount managed, 16 x 100mbps copper port, 2 x 1000mbps combo port, 8 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-10sc-vhw rackmount managed, 14 x 100mbps copper port, 2 x 1000mbps combo port, 10 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-10ssc-vhw rackmount managed, 14 x 100mbps copper port, 2 x 1000mbps combo port, 10 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-12sc-vhw rackmount managed, 12 x 100mbps copper port, 2 x 1000mbps combo port, 12 x 100mbps fiber port, multi-mode fiber port with sc connector, 2km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac MX6026-2G-12ssc-vhw rackmount managed, 12 x 100mbps copper port, 2 x 1000mbps combo port, 12 x 100mbps fiber port, single-mode fiber port with sc connector, 20km, industrial wide temperature -40c to +85c, power input 120~370vdc or 85~264vac ? tel: 860-487-9869 www.henrich-inc.com


▲Up To Search▲   

 
Price & Availability of MX6026-2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X