Part Number Hot Search : 
C230M3 APTGT1 SMBJ150 1N522 OPB618 331M1 070906FS OPB618
Product Description
Full Text Search
 

To Download MURS405-SMC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  electrical characteristics (t =25 unless otherwise specified) pad areas murs4 0 item symbol unit test conditions repetitive peak reverse voltage v rrm v 50 100 150 200 300 400 500 600 average forward current i f(av) a 60hz half-sine wave, resistance load, t l =100 4.0 surge(non-repetitive)forward current i fsm a 60hz half-sine wave ,1 cycle , ta =25 125 junction temperature t j -55~+150 storage temperature t stg -55 ~ +150 item symbol unit test condition peak forward voltage v f v i f =4.0a maximum reverse recovery time t rr ns i f =0.5a,i r =1.0a,i rr =0.25a 35 i rrm1 t a =25 10 peak reverse current i rrm2 a v rm =v rrm t a =100 100 r j-a between junction and ambient 20 1) thermal resistance(typical) r j-l /w between junction and terminal 12 1) notes: thermal resistance from junction to ambient and from junction to lead mounted on p.c.b. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copp er v max i mum r m s v rms vo ltage 35 70 140 280 420 105 210 350 super fast recovery rectifier diode smc plastic-encapsulate diodes smc features i o 4a vrrm 50v-600v high surge current capability applications rectifier : from 05 to 60 xx marking polarity: color band denotes cathode glass passivated chip murs4xx 1 h igh diode semiconductor murs4 0 5 thru murs4 6 0 0 5 1 0 1 5 20 30 4 0 50 6 0 0 5 1 0 1 5 20 30 4 0 50 6 0 0.89 1.28 murs4 0
typical characteristics 2 h igh diode semiconductor 4.0 3.2 2.4 1.6 0.8 0 0 25 50 75 100 125 150 175 125 100 75 50 25 0 number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified amperes peak forward surge current amperes single phase half wave 60hz resistive or inductive load 1 10 100 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percentage of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current microamperes 8.3ms single half sine-wave lead temperature, c current, fig. 3-typical instantaneous forward characteristics instantaneous forward current,amperes instantaneous forward voltage, volts 0 0.4 0.8 1.2 1.6 1.8 0.1 1 20 10 t j =25 c pulse width=300 m s 2%duty cycle murs405-murs420 murs430 - murs460
0.108 (2.75) 0.123 (3.25) 0.256(6.50) 0.280(7.10) 0.217(5.50) 0.240(6.10) 0.087(2.2) 0.106(2.7) 0.035(0.90) 0.055(1.40) 0.291(7.40) 0.331(8.40) 0.012(0.30) 0.007(0.17) 0.008(0.203)max. dimensions in inches and (millimeters) package outline dimensions smc 3 suggested pad layout smc 6.5 3.5 1.8 jshd jshd h igh diode semiconductor
4 reel taping specifications for surface mount devices-smc h igh diode semiconductor


▲Up To Search▲   

 
Price & Availability of MURS405-SMC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X