Part Number Hot Search : 
THV310 B4110 BZP611D 60030 PT8A3247 HMT351 IC16F LC7232
Product Description
Full Text Search
 

To Download MM1385NN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi microminiature low-power consumption low-saturation regulator mm1385 microminiature low-power consumption low-saturation regulator monolithic ic mm1385 outline this ic is a microminiature stabilized power supply device featuring an output voltage precision of within 2% and output currents of up to 200ma; the input/output voltage difference at 50ma is only 0.1v. this chip is provided with an output noise reduction pin and output on/off control pin, and is ideal for use in portable equipment. features 1. no-load input current 95a typ. 2. i/o voltage difference 0.1v typ.(io=50ma) 3. ripple rejection ratio 70db typ. 4. output current 150ma max. 5. output noise voltage 35vrms typ. 6. output voltage rank 2~3.3v(0.1v step), 3.5v/3.8v/4v/4.2v/4.5v/4.8v/5v/5.2v 7. output on/off control high on, low off package sot-25a (mm1385 n) * the output voltage rank appears in the boxes. pin assignment 13 5 2 4 sot - 25a applications 1. cordless phones 2. portable phones, phs 3. portable minidiscs 4. other portable equipment which uses batteries 1 c ont 2 gnd 3 noise 4 v out 5 v in
mitsumi microminiature low-power consumption low-saturation regulator mm1385 block diagram absolute maximum ratings recomnended operating conditions item symbol ratings units storage temperature t stg - 40~+125 c operating temperature t opr - 20~+75 c power supply current v cc - 0.3~+12 v output current i out 200 ma power consumption pd 150 mw item symbol ratings units operating temperature top - 20~+75 c output current iop 0~150 ma operating voltage vop 1.8~12 v
mitsumi microminiature low-power consumption low-saturation regulator mm1385 measuring circuit electrical electrical characteristics (except where noted otherwise,ta=25c) item symbol measurement conditions min. typ. max. units output voltage vo v in =vo+1v, io=30ma, v out v no-load consumption current iccq1 v in =vo+1v, io=0ma 95 190 a input current while off iccq2 v in =vo+1v, v cont =0v 0.1 a i/o voltage difference vd min. v in =vo - 0.2v, io=50ma 0.1 0.2 v input fluctuations v1 v in =vo+1v~10v, io=50ma 10 20 mv load fluctuation v2 v in =vo+1v, io=0~100ma 30 60 mv output voltage temperature coefficient vo/ t tj= - 20~+75c, v in =vo+1v, io=30ma 100 ppm/c ripple rejection rate rr v in =vo+1v, io=30ma, v ripple =1v p - p , f=120hz 50 70 db output noise voltage vn v in =vo+1v, f=20~80khz, io=30ma, cn=0.01f vrms c ont pin current while on i on v cont =1.6v 5 10 a c ont pin high level h 1.6 v c ont pin low level l - 0.3 0.4 v v out - 2% v out +2% 35 (3v item) v in +0.3v output voltage rank rank voltage rank voltage w 5.2v g 3.1v a 5.0v h 3.0v z 4.8v j 2.9v x 4.6v k 2.8v b 4.5v l 2.7v v 4.2v m 2.6v c 4.0v n 2.5v y 3.8v p 2.4v i 3.6v r 2.3v d 3.5v s 2.2v e 3.3v t 2.1v f 3.2v u 2.0v
mitsumi microminiature low-power consumption low-saturation regulator mm1385 no-load input current ripple rejection rate (v in =4v, i o =30ma, vripple=1v, c out =4.7f) 0246810 0 0.5 1 02 6810 1.5 2 input voltage (v) consuption current (ma) 10 100 1k 10k 100k 1m - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 frequency (hz) ripple rejection rate (hz) consuption current (v in =4v) output noise voltage (v in =4v, i o =30ma, c out =4.7 f) 0 0 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 7 8 9 output current (ma) consuption current (ma) 0.1 0.01 0.001 0 20 40 60 80 100 noise pin capacitance ( f) output noise voltage ( vrms) i/o voltage difference (v in =2.8v) input fluctuation (i o =30ma) 0 0 0.05 0.1 0.15 0.2 0.25 0.3 0 20406080 100 120 140 160 180 200 output current (ma) i/o voltage difference (v) 4 5 6 7 8 9 1011121314 - 20 - 10 0 10 20 input voltage (v) input fiuctuation (mv) current limit (v in =4v) load fluctuation rate (v in =4v) 0 50 100 150 200 250 300 0 0.5 1 1.5 2 2.5 3 3.5 output current (ma) output voltage (v) 0 20 40 60 80 100120140160180200 - 60 - 50 - 40 - 30 - 20 - 10 0 10 20 output current (ma) load fiuctuation rate (mv) characteristics


▲Up To Search▲   

 
Price & Availability of MM1385NN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X