Part Number Hot Search : 
TLSG5101 SS12E H1270NL EPCQ64 AQW214AX B2012 8051F920 AQW214A
Product Description
Full Text Search
 

To Download MC74HC4016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 june, 2006 ? rev. 7 1 publication order number: MC74HC4016/d MC74HC4016 quad analog switch/ multiplexer/demultiplexer high ? performance silicon ? gate cmos the mc54/74hc4016 utilizes silicon ? gate cmos technology to achieve fast propagation delays, low on resistances, and low off ? channel leakage current. this bilateral switch/multiplexer/demultiplexer controls analog and digital voltages that may vary across the full power ? supply range (from v cc to gnd). the hc4016 is identical in pinout to the metal ? gate cmos mc14016 and mc14066. each device has four independent switches. the device has been designed so that the on resistances (r on ) are much more linear over input voltage than r on of metal ? gate cmos analog switches. this device is identical in both function and pinout to the hc4066. the on/off control inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. for analog switches with voltage ? level translators, see the hc4316. for analog switches with lower r on characteristics, use the hc4066. ? fast switching and propagation speeds ? high on/off output voltage ratio ? low crosstalk between switches ? diode protection on all inputs/outputs ? wide power ? supply voltage range (v cc ? gnd) = 2.0 to 12.0 volts ? analog input voltage range (v cc ? gnd) = 2.0 to 12.0 volts ? improved linearity and lower on resistance over input voltage than the mc14016 or mc14066 ? low noise ? chip complexity: 32 fets or 8 equivalent gates logic diagram 1 13 4 5 8 6 11 12 2 3 9 10 a on/off control b on/off control c on/off control d on/off control x a x b x c x d y a y b y c y d analog outputs/inputs analog inputs/outputs = x a , x b , x c , x d pin 14 = v cc pin 7 = gnd http://onsemi.com d suffix soic package case 751a ? 03 n suffix plastic package case 646 ? 06 ordering information mc54hcxxxxj mc74hcxxxxn mc74hcxxxxd ceramic plastic soic 1 14 1 14 j suffix ceramic package case 632 ? 08 1 14 pin assignment x b y b y a x a gnd c on/off control b on/off control 11 12 13 14 8 9 10 5 4 3 2 1 7 6 y d x d d on/off control a on/off control v cc x c y c function table on/off control state of input analog switch loff hon
MC74HC4016 http://onsemi.com 2 ??????????????????????? ??????????????????????? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? v cc ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ? ?? ? ???? p d ?????????????? ? ???????????? ? ?????????????? power dissipation in still air,plastic or ceramic dip? soic package? ????? ? ??? ? ????? 750 500 ??? ? ? ? ??? mw ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c ???? ? ?? ? ???? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) (ceramic dip) ????? ? ??? ? ????? 260 300 ??? ? ? ? ???  c *maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c ceramic dip: ? 10 mw/  c from 100  to 125  c soic package: ? 7 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola high ? speed cmos data book (dl129/d). recommended operating conditions ???? ???? ??????????????? ??????????????? ?? ?? ?? ?? ??? ??? ???? ???? v cc ??????????????? ??????????????? ?? ?? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ?? ?? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ?? ?? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ?? ?? ?? ?? ??? ??? ???? ???? ??????????????? ??????????????? ?? ?? ?? ?? ??? ???  c ???? ? ?? ? ? ?? ? ???? t r , t f ??????????????? ? ????????????? ? ? ????????????? ? ??????????????? input rise and fall time, on/off v cc = 2.0 v control inputs (figure 10) v cc = 4.5 v v cc = 9.0 v v cc = 12.0 v ?? ? ? ? ? ?? 0 0 0 0 ?? ? ? ? ? ?? 1000 500 400 250 ??? ? ? ? ? ? ? ??? ns *for voltage drops across the switch greater than 1.2 v (switch on), excessive v cc current may be drawn; i.e., the current out of the switch may contain both v cc and switch input components. the reliability of the device will be unaffected unless the maximum ratings are exceeded. dc electrical characteristics digital section (voltages referenced to gnd) ???? ? ?? ? ? ?? ? ???? symbol ?????????? ? ???????? ? ? ???????? ? ?????????? parameter ????????? ? ??????? ? ? ??????? ? ????????? test conditions ??? ? ? ? ? ? ? ??? v cc v ?????????? ?????????? ??? ? ? ? ? ? ? ??? unit ???? ? ?? ? ???? ? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ???? ? ?? ? ? ?? ? ???? v ih ?????????? ? ???????? ? ? ???????? ? ?????????? minimum high ? level voltage on/off control inputs ????????? ? ??????? ? ? ??????? ? ????????? r on = per spec ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? 1.5 3.15 6.3 8.4 ???? ? ?? ? ? ?? ? ???? 1.5 3.15 6.3 8.4 ???? ? ?? ? ? ?? ? ???? 1.5 3.15 6.3 8.4 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ???? v il ?????????? ? ???????? ? ?????????? maximum low ? level voltage on/off control inputs ????????? ? ??????? ? ????????? r on = per spec ??? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ???? 0.3 0.9 1.8 2.4 ???? ? ?? ? ???? 0.3 0.9 1.8 2.4 ???? ? ?? ? ???? 0.3 0.9 1.8 2.4 ??? ? ? ? ??? v ???? ? ?? ? ???? i in ?????????? ? ???????? ? ?????????? maximum input leakage current, on/off control inputs ????????? ? ??????? ? ????????? v in = v cc or gnd ??? ? ? ? ??? 12.0 ???? ? ?? ? ???? 0.1 ???? ? ?? ? ???? 1.0 ???? ? ?? ? ???? 1.0 ??? ? ? ? ??? a ???? ? ?? ? ???? i cc ?????????? ? ???????? ? ?????????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v in = v cc or gnd v io = 0 v ??? ? ? ? ??? 6.0 12.0 ???? ? ?? ? ???? 2 8 ???? ? ?? ? ???? 20 80 ???? ? ?? ? ???? 40 160 ??? ? ? ? ??? a note: information on typical parametric values can be found in chapter 2 of the motorola high ? speed cmos data book (dl129/d). this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open. i/o pins must be connected to a properly terminated line or bus.
MC74HC4016 http://onsemi.com 3 dc electrical characteristics analog section (voltages referenced to gnd) ???? ? ?? ? ? ?? ? ???? symbol ?????????? ? ???????? ? ? ???????? ? ?????????? parameter ????????? ? ??????? ? ? ??????? ? ????????? test conditions ??? ? ? ? ? ? ? ??? v cc v ?????????? ?????????? ??? ? ? ? ? ? ? ??? unit ???? ? ?? ? ???? ? 55 to 25  c ???? ? ?? ? ????  85  c ???? ? ?? ? ????  125  c ???? ? ?? ? ? ?? ? ? ?? ? ? ?? ? ???? r on ?????????? ? ???????? ? ? ???????? ? ? ???????? ? ? ???????? ? ?????????? maximum ?on? resistance ????????? ? ??????? ? ????????? v in = v ih v is = v cc to gnd i s  2.0 ma (figures 1, 2) ??? ? ? ? ??? 2.0? 4.5 9.0 12.0 ???? ? ?? ? ???? ? 320 170 170 ???? ? ?? ? ???? ? 400 215 215 ???? ? ?? ? ???? ? 480 255 255 ??? ? ? ? ? ? ? ? ? ? ? ? ? ??? ????????? ? ??????? ? ? ??????? ? ????????? v in = v ih v is = v cc or gnd (endpoints) i s  2.0 ma (figures 1, 2) ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? ? 180 135 135 ???? ? ?? ? ? ?? ? ???? ? 225 170 170 ???? ? ?? ? ? ?? ? ???? ? 270 205 205 ???? ? ?? ? ? ?? ? ???? r on ?????????? ? ???????? ? ? ???????? ? ?????????? maximum difference in ?on? resistance between any two channels in the same package ????????? ? ??????? ? ? ??????? ? ????????? v in v ih v is = 1/2 (v cc ? gnd) i s  2.0 ma ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? ? 30 20 20 ???? ? ?? ? ? ?? ? ???? ? 35 25 25 ???? ? ?? ? ? ?? ? ???? ? 40 30 30 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? i off ?????????? ? ???????? ? ? ???????? ? ?????????? maximum off ? channel leakage current, any one channel ????????? ? ??????? ? ? ??????? ? ????????? v in = v il v io = v cc or gnd switch off (figure 3) ??? ? ? ? ? ? ? ??? 12.0 ???? ? ?? ? ? ?? ? ???? 0.1 ???? ? ?? ? ? ?? ? ???? 0.5 ???? ? ?? ? ? ?? ? ???? 1.0 ??? ? ? ? ? ? ? ??? a ???? ? ?? ? ???? i on ?????????? ? ???????? ? ?????????? maximum on ? channel leakage current, any one channel ????????? ? ??????? ? ????????? v in = v ih v is = v cc or gnd (figure 4) ??? ? ? ? ??? 12.0 ???? ? ?? ? ???? 0.1 ???? ? ?? ? ???? 0.5 ???? ? ?? ? ???? 1.0 ??? ? ? ? ??? a ?at supply voltage (v cc ? gnd) approaching 2 v the analog switch ? on resistance becomes extremely non ? linear. therefore, for low ? voltage operation, it is recommended that these devices only be used to control digital signals. note: information on typical parametric values can be found in chapter 2 of the motorola high ? speed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, on/off control inputs: t r = t f = 6 ns) ????? ? ??? ? ????? symbol ????????????????? ? ??????????????? ? ????????????????? parameter ??? ? ? ? ??? v cc v ?????????? ?????????? ??? ? ? ? ??? unit ???? ????  c ???? ????  85  c ???? ????  125  c ????? ? ??? ? ? ??? ? ????? t plh , t phl ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum propagation delay, analog input to analog output (figures 8 and 9) ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? 50 10 10 10 ???? ? ?? ? ? ?? ? ???? 65 13 13 13 ???? ? ?? ? ? ?? ? ???? 75 15 15 15 ??? ? ? ? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? t plz , t phz ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum propagation delay, on/off control to analog output (figures 10 and 11) ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? 150 30 30 30 ???? ? ?? ? ? ?? ? ???? 190 38 38 38 ???? ? ?? ? ? ?? ? ???? 225 45 45 45 ??? ? ? ? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? t pzl , t pzh ????????????????? ? ??????????????? ? ? ??????????????? ? ????????????????? maximum propagation delay, on/off control to analog output (figures 10 and 11) ??? ? ? ? ? ? ? ??? 2.0 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? 125 25 25 25 ???? ? ?? ? ? ?? ? ???? 160 32 32 32 ???? ? ?? ? ? ?? ? ???? 185 37 37 37 ??? ? ? ? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? c ????????????????? ????????????????? ??? ??? ???? ???? ???? ???? ???? ???? ??? ? ? ? ? ? ? ??? pf ????????????????? ? ??????????????? ? ????????????????? control input = gnd analog i/o feedthrough ??? ? ? ? ??? ? ? ???? ? ?? ? ???? 35 1.0 ???? ? ?? ? ???? 35 1.0 ???? ? ?? ? ???? 35 1.0 notes: 1. for propagation delays with loads other than 50 pf, see c hapter 2 of the motorola high ? speed cmos data book (dl129/d). 2. information on typical parametric values can be found in chapter 2 of the motorola high ? speed cmos data book (dl129/d). c pd power dissipation capacitance (per switch)* (figure 13) typical @ 25 c, v cc = 5.0 v pf 15 * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola high ? speed cmos data book (dl129/d).
MC74HC4016 http://onsemi.com 4 additional application characteristics (voltages referenced to gnd unless noted) ???? ? ?? ? ???? symbol ??????????? ? ????????? ? ??????????? parameter ????????????? ? ??????????? ? ????????????? test conditions ???? ? ?? ? ???? v cc v ???? ? ?? ? ???? limit* 25  c 54/74hc ??? ? ? ? ??? unit ???? ? ?? ? ? ?? ? ???? bw ??????????? ? ????????? ? ? ????????? ? ??????????? maximum on ? channel bandwidth or minimum frequency response (figure 5) ????????????? ? ??????????? ? ? ??????????? ? ????????????? f in = 1 mhz sine wave adjust f in voltage to obtain 0 dbm at v os increase f in frequency until db meter reads ? 3 db r l = 50 , c l = 10 pf ???? ? ?? ? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? 150 160 160 ??? ? ? ? ? ? ? ??? mhz ???? ? ?? ? ? ?? ? ? ?? ? ? ?? ? ???? ? ??????????? ? ????????? ? ? ????????? ? ? ????????? ? ? ????????? ? ??????????? off ? channel feedthrough isolation (figure 6) ????????????? ? ??????????? ? ????????????? f in  sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600 , c l = 50 pf ???? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ???? ? 50 ? 50 ? 50 ??? ? ? ? ? ? ? ? ? ? ? ? ? ??? db ????????????? ? ??????????? ? ? ??????????? ? ????????????? f in = 1.0 mhz, r l = 50 , c l = 10 pf ???? ? ?? ? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? ? 40 ? 40 ? 40 ???? ? ?? ? ? ?? ? ? ?? ? ???? ? ??????????? ? ????????? ? ? ????????? ? ? ????????? ? ??????????? feedthrough noise, control to switch (figure 7) ????????????? ? ??????????? ? ????????????? v in  1 mhz square wave (t r = t f = 6 ns) adjust r l at setup so that i s = 0 a r l = 600 , c l = 50 pf ???? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ???? 60 130 200 ??? ? ? ? ? ? ? ? ? ? ??? mv pp ????????????? ? ??????????? ? ????????????? r l = 10 k , c l = 10 pf ???? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ???? 30 65 100 ???? ? ?? ? ? ?? ? ? ?? ? ? ?? ? ???? ? ??????????? ? ????????? ? ? ????????? ? ? ????????? ? ? ????????? ? ??????????? crosstalk between any two switches (figure 12) ????????????? ? ??????????? ? ? ??????????? ? ????????????? f in  sine wave adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600 , c l = 50 pf ???? ? ?? ? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ???? ? 70 ? 70 ? 70 ??? ? ? ? ? ? ? ? ? ? ? ? ? ??? db ????????????? ? ??????????? ? ????????????? f in = 1.0 mhz, r l = 50 , c l = 10 pf ???? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ???? ? 80 ? 80 ? 80 ???? ? ?? ? ? ?? ? ? ?? ? ???? thd ??????????? ? ????????? ? ? ????????? ? ? ????????? ? ??????????? total harmonic distortion (figure 14) ????????????? ? ??????????? ? ? ??????????? ? ? ??????????? ? ????????????? f in = 1 khz, r l = 10 k , c l = 50 pf thd = thd measured ? thd source v is = 4.0 v pp sine wave v is = 8.0 v pp sine wave v is = 11.0 v pp sine wave ???? ? ?? ? ? ?? ? ? ?? ? ???? 4.5 9.0 12.0 ???? ? ?? ? ? ?? ? ? ?? ? ???? 0.10 0.06 0.04 ??? ? ? ? ? ? ? ? ? ? ??? % *guaranteed limits not tested. determined by design and verified by qualification.
MC74HC4016 http://onsemi.com 5 160 140 120 100 80 60 40 20 0 0 .5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 120 100 80 60 40 20 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 80 70 60 50 40 30 20 10 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 v in , input voltage (volts), referenced to gnd v in , input voltage (volts), referenced to gnd v in , input voltage (volts), referenced to gnd figure 1b. typical on resistance, v cc = 4.5 v figure 1d. typical on resistance, v cc = 9.0 v figure 1c. typical on resistance, v cc = 6.0 v figure 1e. typical on resistance, v cc = 12.0 v 3000 2500 2000 1500 1000 500 0 0 .25 .50 .75 1.00 1.25 1.5 1.75 2.00 300 250 200 150 100 50 0 0 .5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v in , input voltage (volts), referenced to gnd v in , input voltage (volts), referenced to gnd r on figure 1a. typical on resistance, v cc = 2.0 v 125 c 25 c ?55 c 125 c 25 c ?55 c 125 c 25 c ?55 c 125 c 25 c ?55 c 125 c 25 c ?55 c figure 2. on resistance test set ? up plotter mini computer programmable power supply dc analyzer v cc + ? analog in common out gnd device under test , on resistance (ohms) r on , on resistance (ohms) r on , on resistance (ohms) r on , on resistance (ohms) r on , on resistance (ohms)
MC74HC4016 http://onsemi.com 6 figure 3. maximum off channel leakage current, any one channel, test set ? up off 7 14 v cc a v cc gnd v cc selected control input v il figure 4. maximum on channel leakage current, channel to channel, test set ? up on 14 v cc n/c a gnd v cc 7 selected control input v ih figure 5. maximum on ? channel bandwidth test set ? up on 14 v cc 0.1 f c l * f in db meter *includes all probe and jig capacitance. v os 7 selected control input v cc figure 6. off ? channel feedthrough isolation, test set ? up off 7 14 v cc 0.1 f c l * f in db meter *includes all probe and jig capacitance. v os r l v is selected control input figure 7. feedthrough noise, on/off control to analog out, test set ? up 14 v cc c l * *includes all probe and jig capacitance. off/on v cc gnd v in 1 mhz t r = t f = 6 ns control v cc/2 r l i s r l v os 7 selected control input v cc/2 v cc gnd analog in analog out 50% t plh t phl 50% figure 8. propagation delays, analog in to analog out
MC74HC4016 http://onsemi.com 7 figure 9. propagation delay test set ? up on 14 v cc *includes all probe and jig capacitance. test point analog out analog in c l * 7 selected control input v cc t r t f v cc gnd high impedance v ol v oh high impedance control analog out 90% 50% 10% 50% 50% 10% 90% t pzh t phz t pzl t plz figure 10. propagation delay, on/off control to analog out on/off v cc test point 14 v cc 1 k positionwhen testing t phz and t pzh c l * 1 2 1 2 figure 11. propagation delay test set ? up 1 2 positionwhen testing t plz and t pzl 7 selected control input figure 12. crosstalk between any two switches, test set ? up r l on 14 v cc or gnd c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1 f v cc/2 v cc/2 7 selected control input v cc/2 figure 13. power dissipation capacitance test set ? up 14 v cc nc off/on a nc 7 selected control input on/off control on v cc 0.1 f c l * f in r l to distortion meter *includes all probe and jig capacitance. v os v is 7 selected control input v cc figure 14. total harmonic distortion, test set ? up *includes all probe and jig capacitance. v cc v cc/2
MC74HC4016 http://onsemi.com 8 0 ?10 ?20 ?30 ?40 ?50 ? 100 1.0 2.0 frequency (khz) dbm ?60 ?70 ?80 ?90 fundamental frequency device source figure 15. plot, harmonic distortion 3.0 application information the on/off control pins should be at v cc or gnd logic levels, v cc being recognized as logic high and gnd being recognized as a logic low. unused analog inputs/outputs may be left floating (not connected). however, it is advisable to tie unused analog inputs and outputs to v cc or gnd through a low value resistor. this minimizes crosstalk and feedthrough noise that may be picked up by the unused i/o pins. the maximum analog voltage swings are determined by the supply voltages v cc and gnd. the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below gnd. in the example below, the difference between v cc and gnd is twelve volts. therefore, using the configuration in figure 16, a maximum analog signal of twelve volts peak ? to ? peak can be controlled. when voltage transients above v cc and/or below gnd are anticipated on the analog channels, external diodes (dx) are recommended as shown in figure 17. these diodes should be small signal, fast turn ? on types able to absorb the maximum anticipated current surges during clipping. an alternate method would be to replace the dx diodes with mo  sorbs (motorola high current surge protectors). mo  sorbs are fast turn ? on devices ideally suited for precise dc protection with no inherent wear ? out mechanism. analog o/i on 14 v cc = 12 v analog i/o + 12 v 0 v + 12 v 0 v other control inputs (v cc or gnd) on 14 v cc d x d x v cc d x figure 16. 12 v application figure 17. transient suppressor application 7 selected control input d x other control inputs (v cc or gnd) 7 selected control input + 12 v v cc
MC74HC4016 http://onsemi.com 9 +5 v 14 hc4016 control inputs 7 5 6 14 15 lsttl/ nmos analog signals r* r* r* r* analog signals hct buffer r* = 2 to 10 k v dd = 5 v v cc = 5 to 12 v analog signals analog signals 116 14 hc4016 control inputs 7 8 mc14504 13 3 5 7 9 11 14 2 4 6 10 5 6 14 15 channel 4 channel 3 channel 2 channel 1 1 of 4 switches common i/o 1234 control inputs input output 0.01 f lf356 or equivalent a. using pull-up resistors b. using hct buffer figure 18. lsttl/nmos to hcmos interface figure 19. ttl/nmos ? to ? cmos level converter analog signal peak ? to ? peak greater than 5 v (also see hc4316) figure 20. 4 ? input multiplexer figure 21. sample/hold amplifier + ? 1 of 4 switches +5 v 14 hc4016 control inputs 7 5 6 14 15 lsttl/ nmos analog signals analog signals 1 of 4 switches 1 of 4 switches 1 of 4 switches
MC74HC4016 http://onsemi.com 10 outline dimensions j suffix ceramic dip package case 632 ? 08 issue y min min max max inches millimeters dim a b c d f g j k l m n 0.785 0.280 0.200 0.020 0.065 0.015 0.170 15 0.040 0.750 0.245 0.155 0.015 0.055 0.008 0.125 0 0.020 19.94 7.11 5.08 0.50 1.65 0.38 4.31 15 1.01 19.05 6.23 3.94 0.39 1.40 0.21 3.18 0 0.51 0.100 bsc 0.300 bsc 2.54 bsc 7.62 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimesnion f may narrow to 0.76 (0.030) where the lead enters the ceramic body. 14 8 17 -a- -b- -t- seating plane fg n k c l m 0.25 (0.010) t a m s 0.25 (0.010) t b m s j 14 pl d 14 pl n suffix plastic dip package case 646 ? 06 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 17 14 8 b a f hg d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01  d suffix plastic soic package case 751a ? 03 issue f min min max max millimeters inches dim a b c d f g j k m p r 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0 0.228 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? p 7 pl g c k seating plane d 14 pl m j r x 45 1 7 8 14 0.25 (0.010) t b a m s s b 0.25 (0.010) m m f
MC74HC4016 http://onsemi.com 11 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 MC74HC4016/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HC4016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X