mospec mbr30100ct ? ?c?????_175?em? ?lQ??dc/dcQ?O?o ? _P ?o ohY ??p? 175Yc? ?v? 94v-o ??| eu rohs 2002/95/ec oUJ^ ?O 30 amperes 100 volts to-220ab ~? ? mbr30100ct ??? ? ?? v rrm v rwm v r 100 v ?? v r(rms) 70 v ?? ( ? ) w? ( ~?), t c =100 i f(av) 15 30 a ?? (~?, , 20khz) i fm 30 a ? (,60hz ) i fsm 250 a ??B????? Ah? (1) t j t stg -65 to +175 20~35 30%~60% rh millimeters dim min max a 14. 68 1 5 . 3 2 b 9.78 10.42 c 5.02 6.52 d 13.06 14.62 e 3.57 4.07 f 2.42 2.66 g 1.12 1.36 h 0.72 0.96 i 4.22 4.98 j 1.14 1.38 k 2.20 2.98 l 0.33 0.55 m 2.48 2.98 o 3.70 3.90 (1) ?? (Yc?) r jc 3.0 /w ? mbr30100ct Bm?? ( ? ) ( i f =15 amp t c = 25 ) 0.85 ( i f =15 amp t c = 125 ) v f 0.78 v Bm? (~??, t c = 25 ) 0.01 (~??, t c = 125 ) i r 15 ma
mbr30100ct fig-1 ~ fig-2 ?(?) average forward rectified current ( am p . ) nstantaneous forward current (amp.) case temperature ( ) forward voltage (volts) t j =25 t j =75 t j =125 fig-3 (?) fig-4 Y(?) instantaneous reverse current (ma.) junction capacitance ( p f) percent of rated reverse voltage ( ) reverse voltage (volts) t j =25 t j =75 t j =125 fig-5 ? peak forward surge current (amp.) number of cycles at 60 hz
|