Part Number Hot Search : 
133BG SSP1TKR SR203 HMNP16MM 3DS01L 31256 SZN6355 SSP1TKR
Product Description
Full Text Search
 

To Download KTC3199-BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? high dc current gain: h fe =70~700 ? excellent h fe linearity: h fe (0.1ma)/h fe (2.0ma)=0.95(typ) ? low noise: nf=1.0db(typ.), 10db(max.) ? complementary to kta1267 npn general purpose application maximum ratings symbol rating rating unit v ceo collector- emitter voltage 50 v v cbo collector-base voltage 50 v v ebo emitter- base voltage 5.0 v i c collector current 150 ma i e emitter current 150 ma p c collector power dissipation 400 mw t j junction temperature -55 to +150 o c t stg storage temp erature -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units off characteristics i cbo collector- base cutoff current (v cb =50vdc,i e =0) --- --- 0.1 uadc i ebo emitter- base cutoff current (v eb =5.0vdc, i c =0) --- --- 0.1 uadc on characteristics h fe dc current gain (1) (i c =2.0madc, v ce =6.0vdc) 70 --- 700 --- v ce(sat) collector- emitter saturation voltage (i c =100madc, i b =10madc) --- 0.1 0.25 vdc f t transistor frequency (v ce =10vdc, i c =1.0madc) 80 --- --- mhz c ob collector output capacitance (v cb =10vdc, i e =0, f=1.0mhz) --- 2.0 3.5 pf nf noise figure (v ce =6.0vdc, i c =0.1madc, f=1.0khz, rg=10kohm) --- 1.0 10 db (1) h fe classification o: 70~140, y: 120~240, gr: 200~400, bl: 300~700  
 omponents 20736 marilla street chatsworth       
     mcc tm micro commercial components x marking: c3199 www. mccsemi .com 1 of 4 ktc3199-o ktc3199-y ktc3199-gr KTC3199-BL ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) revision: c 2013/01/01 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 to-92s inches mm dim min max min max note a .056 .064 1.42 1.62 b b .154 .161 3.90 4.10 c .12 0 .128 3.05 3.25 c d e dimensions 1 2 3 1 2 3 bent lead straight lead bulk pack ammo pack .050 1.27 d .086 .110 2.20 2.80 e .096 .104 2.44 2.64 .173 .220 4.40 5.60 l .594 .610 15.10 15.50 * for ammo packing detailed specification, click here to visit our website of product packaging for details. straight lead bent lead straight lead bent lead 1. gnd 2. out 3. in h alogen free available upon request by adding suffix "-hf"
mcc ktc3199 tm micro commercial components www. mccsemi .com 2 of 4 revision: c 2013/01/01
mcc ktc3199 tm micro commercial components mccsemi com 3 of 4 reision c 21311
mcc revision: c 2013/01/01 tm micro commercial components www. mccsemi .com 4 of 4 part number-bp bulk: 100kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-ap ammo packing: 3 0kpcs/carton note : adding "-hf" suffix for halogen free, eg. part number-ap-hf


▲Up To Search▲   

 
Price & Availability of KTC3199-BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X