Part Number Hot Search : 
1N5352 1N5242B 2SA186 FN4707 SE12005 LMG5278 PT6302 SOT143
Product Description
Full Text Search
 

To Download JESD22-A113-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  alm -2812 reliability data sheet description avago technologies alm-2812 is a dual band low noise amplifer, which is fabricated using avagos phemt c process. the alm-2812 was tested at various stress intervals for dc and rf functionality i.e. vdd, vcontrol, idd, icontrol, iip3, iip3l, nf, gain. the following data was gathered from the product qualifcation test results. (see table 1. life tests) reliability prediction model an exponential cumulative failure function (constant failure rate) was used as the reliability prediction model to predict failure rate and mean time to failure (mttf) at various temperatures as shown in table 2. the wearout mechanisms are therefore not considered. the arrhenius temperature de-rating equation is used. avago assumes no failure mechanism change between stress and use conditions. bias and temperature are alterable stresses and must be considered with the thermal resistance of the devices when determining the stress condition. the failure rate will have a direct relationship to the life stress. using bare phemt die, the process was tested to determine activation energy of 2.2ev. confdence intervals are based upon the chi-squared prediction method associated with exponential distribution. table 1. life tests demonstrated performance test name stress test condition total units tested total device hours no. of failed units high temperature operating life tch = 150c dc bias 72 72,000 0 failure criteria: electrical parameter drifts of idd>20% iip3>+3dbm iip3l>+3dbm nf>+0.5db gain>+0.5db table 2. estimates for various channel temperatures are as follows: channel temp. (c) point typical performance mttf hours [1] 90% confdence mttf hours point typical performance fit 90% confdence fit 150 7.2 x 10 4 3.12 x 10 4 13889 32014 125 3.19x10 6 1.38x10 6 313 722 100 2.35x10 8 1.02x10 8 4.3 9.8 85 4.14x10 9 1.79x10 9 0.2 0.6 [1] point mttf is simply the total device hours divided by the number of failures. however, in cases for which no failures are observed, the point estimate is calculated under the assumption that one unit failed.
2 table 3. product qualifcation C operational life test results stress conditions duration failures/number tested high temperature operating life (htol) vd 3.3v, vcontrol 3.3v, id 15ma(2ghz) and id 23.4ma(5ghz) with junction temperature of 150 c. 1000 hours 0/72 wet & high temperature operating life (whtol) 85c/85% rh, vd 3.3v, vcontrol 3.3v id 15ma(2ghz) and id 23.4ma(5ghz) 1000 hours 0/72 note : both 2ghz and 5ghz bands are turned on during burn-in process table 4. product qualifcation C environment stress results stress conditions duration failures/number tested thermal cycle -55/125c, 15 minutes dwell, 10 minutes transfer. 1000 cycles 0/80 thermal shock -65/150c, 5 minutes dwell, 10 sec transfer. 1000 cycles 0/80 high temperature storage life (htsl) ta=125c 1000 hours 0/80 low temperature storage life (ltsl) ta=-40c 1000 hours 0/80 table 5. product qualifcation C mechanical test results stress conditions duration failures/number tested drop test (weight = 150g, height = 1.8m) 2x on each 6 sides, 2x on each 8 corners, 1x on each 6 side. total = 34 drops 34 drops 0/30 cycle bending test mci amplitude 1.0mm, total displacement 2.0mm. bending rate 80mm per min. 5x 0/20 shear test 10n, 60 sec 4 sides 0/20 bending test bending up to 7 mm with drop in resistance below 10% of original value. maintained in bend state for 5 +/- 1s 7x 0/20 solderability solder dip and look test 245c, 5sec 2x 0/22 note : all mechanical tests are tested on daisy chain device except solderability table 6. thermal resistance information stress conditions theta jc ( q jc) thermal resistance vdd=3.3v 29.9 c/watt table 7. electrostatic discharge (esd) test results esd test reference: results human body model eia/jesd22-a114-b 250 v(class 1a) machine model eia/jesd22-a115-a 50v(class a)
hbm class 0 is esd voltage level < 240v, class 1a is voltage level between 250v and 500v, class 1b is voltage level between 500v and 1000v, class 1c is voltage level between 1000v and 2000v, class 2 is voltage level between 2000v and 4000v, class 3a is voltage level between 4000v and 8000v, class 3b is voltage level > 8000v. mm class a is esd voltage level <200v, class b is voltage level between 200v and 400v, class c is voltage level > 400v. note: the device is classifed as esd sensitive. pre-caution has to be taken as follow: 1) ensure faraday cage or conductive shield bag is used when the device is transported from one destination to another. 2) at smt assembly station, if the static charge is above the device sensitivity level, place an ionizer near to the device for charge neutralization purpose. 3) personal grounding has to be worn at all time when handling the device. moisture sensitivity classifcation: class 2 preconditioning per JESD22-A113-D class 2 was performed on all devices prior to reliability testing except for esd classifcation, solderability and mechanical daisy chain test msl 2 preconditioning (jesd22-a113d): 125c htsl for 24hrs + 85c/60%rh for 168hrs + 3x pbfree refow, 260c max. for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies, limited in the united states and other countries. data subject to change. copyright ? 2007 avago technologies limited. all rights reserved. av02-0635en - july 30, 2007


▲Up To Search▲   

 
Price & Availability of JESD22-A113-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X