Part Number Hot Search : 
25X22 PIC16F87 SLB12804 00BZXI B140N DH0165D DS2705UT RP0011
Product Description
Full Text Search
 

To Download J1021BS312VDC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant j102 15.5 x 10.5 x 11.25 mm contact data* features e197851 general data* ? high sensitivity ? super light weight ? low coil power consumption ? pc board mounting ? ideal for high density mounting contact arrangement 1a = spst n.o. 1b = spst n.c. 1c = spdt contact resistance < 50 milliohms initial contact material agni + au, ag + au maximum switching power 150w maximum switching voltage 300vac, 150vdc maximum switching current 5a coil data* electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 1250v rms min. @ sea level initial contact to contact 500v rms min. @ sea level initial shock resistance 100m/s 2 for 11 ms vibration resistance 1.50mm double amplitude 10~40hz terminal (copper alloy) strength 5n operating temperature -40 o c to +85 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 3.5g contact rating agni 3a & 5a @125vac, general use, 20k cycles for n.o., 10k cycles f or n.c. 3a & 5a @ 30vdc, resistive use, 50k cycles for n.o., 30k cycles for n.c. ag 1a & 3a @125vac, general use 1a & 3a @ 30vdc, resistive use pilot duty 270va, 120vac, n.o., 30k cycles pilot duty 270va, 120vac, n.c., 6k cycles a t u r e s * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the applica- tion. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 75% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max .20w .36w .45w 3 3.9 45 25 20 2.25 .3 .20 .36 .45 55 5 6.5 125 75 56 3.75 .5 6 7.8 180 100 800 4.50 .6 9 11.7 405 225 180 6.75 .9 12 15.6 720 400 320 9.00 1.2 24 31.2 2880 1600 1280 18.00 2.4
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j102 page 2 dimensions units = mm 15.54 [.61] 10.58 [.42] 11.60 [.46] 3.45 typ [.14] 10.16 [.40] 2.54 [.10] 7.62 [.30] ordering information 1. series j102 1c s 3 12vdc .45 j102 j102k 2. contact arrangement 1a = spst n.o. 1b = spst n.c. 1c = spdt 3. sealing options s = sealed 4. contact options 1 = 1amp ag (requires .2, .36 or .45 watt coil) 3 = 3amp agni (requires .2, .36 or .45 watt coil) 3p = 3amp ag (requires .2, .36 or .45 watt coil) 5 = 5amp agni (requires .45 watt coil) 5. coil voltage 3vdc 5vdc 6vdc 9vdc 12vdc 24vdc 6. coil power .20 = .20w .36 = .36w .45 = .45w
page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. j102 bottom views schematics & pc layouts j102 10.16 [.40] 2.54 [.10] 7.62 [.30] (6x) ? 1.00 [.04] 1a 1b 1c j102k 7.62 [.30] 10.16 [.40] 2.54 [.10] (5x) ? 1.00 [.04] 1a 1b 1c


▲Up To Search▲   

 
Price & Availability of J1021BS312VDC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X