Part Number Hot Search : 
LGU2A ZD22V0 MCH3320 MPC536 CJ100A X4400 TTINY2 LV5813TT
Product Description
Full Text Search
 

To Download IXTL2X180N10T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2012 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 100 v v dgr t j = 25 c to 175 c, r gs = 1m 100 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c 100 a i l(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 450 a i a t c = 25 c25a e as t c = 25 c 750 mj p d t c = 25 c 150 w dv/dt i s i dm , v dd v dss , t j 175c 3 v/ns t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6mm (0.062 in.) from case for 10s 300 c t sold plastic body for 10s 260 c f c mounting force 20..120 /9..27 n/lb. weight 8 g n-channel enhancement mode avalanche rated fast intrinsic rectifier v dss = 100v i d25 = 2x100a r ds(on) 9m ds99752b(05/12) trench tm power mosfet common-gate pair IXTL2X180N10T (electrically isolated back surface) symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 100 v v gs(th) v ds = v gs , i d = 250 a 2.5 4.5 v i gss v gs = 20v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 5 a t j = 150 c 250 a r ds(on) v gs = 10v, i d = 50a, note 1 9 m features z silicon chip on direct-copper bond (dcb) substrate z isolated mounting surface z 2500v~ electrical isolation z 175c operating temperature z avalanche rated z high current handling capability z fast intrinsic rectifier z low r ds(on) and q g advantages z high power density z easy to mount z space savings applications z automotive - motor drives - dc/dc conversion - 42v power bus - abs systems z dc/dc converters and off-line ups z primary switch for 24v and 48v systems z high current switching applications z distributed power architechtures and vrms z electronic valve train systems z high voltage synchronous recifier preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions . IXTL2X180N10T ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 60a, note 1 70 110 s c iss 6900 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 923 pf c rss 162 pf r gi gate input resistance 3.0 t d(on) 33 ns t r 54 ns t d(off) 42 ns t f 31 ns q g(on) 151 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 25a 39 nc q gd 45 nc r thjc 1.0 c/w r thcs 0.15 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 180 a i sm repetitive, pulse width limited by t jm 450 a v sd i f = 50a, v gs = 0v, note 1 1.0 v t rr 60 ns i f = 25a, v gs = 0v -di/dt = 100a/ s, v r = 50v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 25a r g = 3.3 (external) note 1. pulse test, t 300 s, duty cycle, d 2%. isoplus i5-pak tm (ixtl) outline 1,5 = drain 2,4 = source 3 = gate 6 = isolated preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.


▲Up To Search▲   

 
Price & Availability of IXTL2X180N10T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X