Part Number Hot Search : 
MAZ8024 2SB1026 STD9N10 TDA1387 T40HF40 SI2329DS SMCJ40A SC530
Product Description
Full Text Search
 

To Download HFM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.0a gl ass passivated ultrafast recovery diode 30 c /w ns v 50 100 200 300 400 600 800 1000 v reverse recovery time (note 2) t HFM101 ? hfm108 characteristi c s ymbol device marking code HFM101 ? hfm108 4 pf 25 a w e ight: 0.01 grams (approx.) case: sod-123fl, molded plastic surge overload rating to 25a peak ultra-fast recovery time ideally suited for automatic assembly low power loss classification rating 94v-o -65 to +150 c features ! ! lo w forward voltage drop, high efficiency ! ! ! ! plastic case material has ul flammability  mechanic al d ata ! ! te rminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! ! lead free: for rohs / lead free version maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rm s reverse voltage v r(rm s) av erage rectified output current @t l = 100 c i o 1.0 a non-repet i tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm forward v o ltage @i f = 1. 0a v fm pe a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 100 c i rm 10 500 a t y pical junction capacitance (note 2) c j t y pical thermal resistance (note 3) r  jl operat i ng and storage temperature range t j, t stg note: 1. measured with i f = 0. 5a , i r = 1 .0a, i rr = 0.25a. see figure 5. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. 3. mounted on p.c. board with 8.0mm 2 land area. 1 of 2 1.0  0.2 2.8  0.1 1.9 0. 1 cath ode band top view 3.7  0.2 0.6  0.25 1.4 0 .15 0.10-0.30 sod - 123fl dimensions in millimeters glass passivated device ! ! 101 hfm units z ibo seno electronic engineering co., ltd. www.senocn.com 102 103 104 105 106 107 rr 108 1.0 1.3 1.7 50 75 hfm hfm hfm hfm hfm hfm hfm alldatasheet
 i , peak forward surge current (a) fsm 0 10 20 30 1 10 100 number of cycles at 60 hz fig. 3 peak forward surge current pulse width 8.3ms single half-sine-wave (jedec method) 1 10 100 1 10 100 c , cap acitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25c f = 1mhz j 0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 175 200 i , a verage fwd rectified current (a) (av) t , ambient temperature (c) fig. 1 forward derating curve a single phase half-wave 60 hz resistive or inductive load 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under t est t rr settimebasefor5 /10ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 i , inst antaneous fwd current (a) f v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f t = 25c j pulse width = 300 s 2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com HFM101 ? hfm108 HFM101 ? hfm108 alldatasheet


▲Up To Search▲   

 
Price & Availability of HFM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X