Part Number Hot Search : 
F052105 54HC4060 D4242 MJE52T MOC70T3 R3040 D52003 AD805107
Product Description
Full Text Search
 

To Download HFM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  current: 1.0 a HFM101 - hfm108 p a r a m e t e r s y m b o l s y m b ol 101 h fm 102 h fm 103 h fm 104 h fm 105 h fm 106 h fm 107 h fm 108 u nit m a x i m u m r e p e t i t i v e p ea k r e v e r s e v o l t a ge v rrm 5 0 10 0 20 0 30 0 40 0 600 80 0 100 m a x i m u m r s m v o l t a ge v r sm 3 5 7 0 14 0 21 0 28 0 42 0 56 0 700 v m a x i m u m dc bl o c k ing v o l t a ge v dc 5 0 10 0 20 0 30 0 40 0 60 0 80 0 1000 v m a x i m u m a v e r a g e f o r w a r d r e c t i f i e d c u rr e nt 0 . 375 " ( 9 . 5 mm ) l ea d l e ng t h a t t a = 75 c if (av) a p ea k f o r w a r d s u r g e c u rr e n t 8 . 3 m s s ingl e h a l f s in e - w a ve s up e r i m p o s e d o n r a t e d l oa d ( j e d e c m e t h o d) i f sm a m a x i m u m f ull l oa d r e v e r s e c u rr e n t, f ull c y c le a v e r a g e , 0 . 375 " ( 9 . 5 mm ) l ea d l e ng t h s a t t a = 55 c i r (av) a t y pi c a l t h e r m a l r e s i s t a n c e ( n o t e 2 ) j a c /w o p e r a t ing jun c t i o n a nd s t o r a g e t e m p e r a t u r e r a nge t j, t s tg c e l ec t r i ca l c h a r ac t e r i s t i cs r a t i ngs a t 25 c am bi e n t t em p e r a t u r e unl ess o t h e r w i se s p ec i f i e d. p a r a m e t e r s y m b o l s y m b ol h fm 101 h fm 102 h fm 103 h fm 104 h fm 105 h fm 106 h fm 107 h fm 108 u nit m a x i m u m in s t a n t a n eo u s f o r w a r d v o l t a g e a t 1 . 0a v f v m a x i m u m dc r e v e r s e c u rr e n t t a = 25 c a t r a t e d dc bl o c k ing v o l t a g e t a = 100 c ir a t y pi c a l r e v e r s e r e c o v e r y t i m e ( n o t e 1 ) t r r ns t y pi c a l jun c t i o n c a p a c i t a n c e a t 4 . 0 v , 1 m h z c j pf n o t es: 1 . if = 0 . 5 a , i r = 1 . 0 a , i rr = 0 . 25a 2 . t h e r m a l r e s i s t a n c e f r o m jun c t i o n t o a m bi e n t a t 0 . 375 ( 9 . 5 mm ) l ea d l e ng t h , p . c . b . m o un t ed 75 17 1 .0 30 100 50 C 50 t o +150 1 . 0 0 1 . 30 50 1 . 85 5 .0 50 surface mount high efficiency rectifier diodes voltage range: 50 - 1000v ! glass passivated die construction ! ! low forward voltage drop, high efficiency ! ! ! plastic case material has ul flammability ideally suited for automatic assembly ultra-fast recovery time classification rating 94v-o low power loss features maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. case: sma/do-214ac, molded plastic ! ! terminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! weight: 0.064 grams (approx.) mechanical data a b c d g h e j dim minmax a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.10 0.20 h 0.76 1.52 j 2.01 2.62 all dimensions in mm sma(do-214ac) 0 v r 1 of 2 www.sunmate.tw hfm
f i g. 1 C f o r w a r d c u rr e n t d e r a ti ng c u r ve f i g. 2 C m a x im u m n o n -r e p e titi v e p e ak f o r w a r d s u r g e c u rr e nt f i g 4. C t y p i c a l r e v e r s e c h a r a c t e r i s ti cs f i g 3. C t y p i c a l i n s t a n t a n e o u s f o r w a rd c h a r a c t e r i s ti cs f i g 5. C t y p i c a l t r a n s i e n t t h e r m al im p e d a n ce f i g 6. C t y p i c a l j un c ti o n ca p a c it a n ce a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) j u n c t i o n c a p a c i t a n c e ( p f ) 0 25 50 75 100 125 150 175 1 10 100 0.8 1.0 1.2 1.4 1.6 1. 8 0 20 40 60 80 100 0.1 1 10 100 20 10 1.0 100 10 1.0 0.1 0.01 1.0 0.1 0.01 0.001 10 1.0 0.5 0 50 40 30 20 10 0 60 hz r e s i s t i v e or i ndu ct i v e l o ad 0 . 375 " (9 . 5 mm ) lea d le n g th t j = t j max 8 . 3 m s s i n g l e h a l f s i n e - w a ve ( j e d e c m et hod) t j = 25 c p u l s e w i d t h = 300 s 1% d u t y c y c le t j = 25 c f = 1 . 0 mhz v s i g = 50 m v p-p a m b i e n t t e m p e r a t u r e , c n u m b e r o f c y c l e s a t 60 hz i n s t a n t a n e o u s f o r w a r d v o lt a g e ( v ) p e r ce n t o f ra t e d p e a k r e v e r s e v o lt a g e (%) r e v e r s e v o lt a g e ( v) t j =125 t j =75 t j =25 t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t , p u l s e du r a ti o n, s ec 2 of 2 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of HFM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X