Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download FM740 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 general description features this high voltage mosfet uses an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. in addition, this advanced mosfet is designed to withstand high energy in avalanche and commutation modes. the new energy efficient design also offers a drain-to-source diode with a fast recovery time. designed for high voltage, high speed switching applications in power supplies, converters and pwm motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.  robust high voltage termination  avalanche energy specified  source-to-drain diode recovery time comparable to a discrete fast recovery diode  diode is characterized for use in bridge circuits  i dss and v ds (on) specified at elevated temperature pin configuration symbol to-220 top view 1 23 gate drain source d s g n-channel mosfet absolute maximum ratings rating symbol value unit drain to current  continuous  pulsed i d i dm 10 40 a gate-to-source voltage  continue  non-repetitive v gs v gsm 20 40 v v total power dissipation derate above 25  p d 125 1.0 w w/  operating and storage temperature range t j , t stg -55 to 150  single pulse drain-to-source avalanche energy  t j = 25  (v dd = 100v, v gs = 10v, i l = 10a, l = 6mh, r g = 25  ) e as 300 mj thermal resistance  junction to case  junction to ambient  jc  ja 1.7 62.5  /w maximum lead temperature for soldering purposes, 1/8 from case for 10 seconds t l 260  FM740 10a 400v power mosfet
page 2 ordering information part number package .....................FM740................................................to-220 electrical characteristics unless otherwise specified, t j = 25  . cFM740 characteristic symbol min typ max units drain-source breakdown voltage (v gs = 0 v, i d = 250  a) v (br)dss 400 v drain-source leakage current (v ds = 400 v, v gs = 0 v) (v ds = 400 v, v gs = 0 v, t j = 125  ) i dss 0.25 1.0 ma gate-source leakage current-forward (v gsf = 20 v, v ds = 0 v) i gssf 100 na gate-source leakage current-reverse (v gsr = 20 v, v ds = 0 v) i gssr ............... -100 na gate threshold voltage (v ds = v gs , i d = 250  a) v gs(th) 2.0 4.0 v static drain-source on-resistance (v gs = 10 v, i d = 5.0a) * r ds(on) ................ 0.4 .............. . 0.55  drain-source on-voltage (v gs = 10 v) (i d = 5.0 a) v ds(on) 6.0 v forward transconductance (v ds = 50 v, i d = 5.0a) * g fs .. 4.0 ................ mhos input capacitance c iss 1570 pf output capacitance c oss 230 pf reverse transfer capacitance (v ds = 25 v, v gs = 0 v, f = 1.0 mhz) c rss 55 pf turn-on delay time t d(on) 25 ns rise time t r 37 ns turn-off delay time t d(off) 75 ns fall time (v dd = 200 v, i d = 10.0 a, v gs = 10 v, r g = 10  ) * t f 31 ns total gate charge q g 46 63 nc gate-source charge q gs 10 nc gate-drain charge (v ds = 320 v, i d = 10.0 a, v gs = 10 v)* q gd 23 nc internal drain inductance (measured from the drain lead 0.25? from package to center of die) l d 4.5 nh internal drain inductance (measured from the source lead 0.25? from package to source bond pad) l s 7.5 nh source-drain diode characteristics forward on-voltage(1) v sd ................. 2.0 .................. v forward turn-on time t on ** ns reverse recovery time (i s = 10.0 a, v gs = 0 v, d is /d t = 100a/s) t rr 250 ns * pulse test: pulse width  300s, duty cycle  2% ** negligible, dominated by circuit inductance FM740 10a 400v power mosfet
page 3 typical electrical characteristics FM740 10a 400v power mosfet


▲Up To Search▲   

 
Price & Availability of FM740

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X