Part Number Hot Search : 
D2000 LTC2190 AQV21 TFR433G HMC580 66EESP 74LVT65 ZMM5256B
Product Description
Full Text Search
 

To Download AST025XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1/5 data sheet p/n AST025XX xx=number of poles 2017/05/05 st025xxhdnc illustration see enlarged drawing at the end of the document product specification ? spring clamp terminal block, solderable ? centerline 5.00 mm, direction of connection 90 ? fittable without loss of poles ? color gray ? eccentric lever
page 2/5 data sheet p/n AST025XX xx=number of poles 2017/05/05 st025xxhdnc technical data general data solder pin length 5 mm min. number of poles 2 max. number of poles 24 insulating material class cti 400 clearance/creepage dist. 4 mm protection category ip 20 overvoltage category iii iii ii pollution degree 3 2 2 rated voltage 32.0 v 200.0 v 200.0 v rated test voltage 1.5 kv 1.5 kv 1.5 kv min. insul. strip length 6 mm connection data rated wiring solid wire 0.2 - 2.0 mm2 / awg 28 - 14 rated wiring stranded wire 0.2 - 2.0 mm2 / awg 28 - 14 approvals v / a / awg 300 / 13 / 28 - 14 1 mm2 250 v / 13.5 a / t60 material insulating material pa46 flammability class v0 spring material spring steel contact material cuzn glow-wire flammability gwfi - glow-wire flammability gwit - contact surface ni + sn climatic properties upper limit temperature 105 c
page 3/5 data sheet p/n AST025XX xx=number of poles 2017/05/05 st025xxhdnc lower limit temperature -40 c general solderability acc. to jedec jesd22-b102e 245c/5s tolerance iso 2768 -mh
page 4/5 data sheet p/n AST025XX xx=number of poles 2017/05/05 st025xxhdnc illustration drawing l=(pole size - 1) x centerline + 5 [0.197]
page 5/5 data sheet p/n AST025XX xx=number of poles 2017/05/05 st025xxhdnc pcb layout powered by tcpdf (www.tcpdf.org)


▲Up To Search▲   

 
Price & Availability of AST025XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X