Part Number Hot Search : 
3EQHM53 F4905S B50N06 DTA113TL TLP3041F EA09271 TLP3041F ST10F273
Product Description
Full Text Search
 

To Download APT30M75BFLLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 22a) zero gate voltage drain current (v ds = 300v, v gs = 0v) zero gate voltage drain current (v ds = 240v, v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1ma) 050-7164 rev a 1-2003 maximum ratings all ratings: t c = 25c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms ana volts min typ max 300 44 0.075 250 1000 100 35 apt30m75 300 44 176 3040 329 2.63 -55 to 150 300 4430 1300 g d s caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com to-247 d 3 pak bfll sfll apt30m75bfll apt30m75sfll 300v 44a 0.075 ? ? lower input capacitance increased power dissipation lower miller capacitance easier to drive lower gate charge, qg to-247 or surface mount d 3 pak package fast recovery body diode power mos 7 ? is a new generation of low loss, high voltage, n-channel enhancement mode power mosfets. both conduction and switchinglosses are addressed with power mos 7 ? by significantly lowering r ds(on) and q g . power mos 7 ? combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with apt'spatented metal gate structure. power mos 7 r fredfet downloaded from: http:///
dynamic characteristics apt30m75 bfll - sfll 050-7164 rev a 1-2003 source-drain diode ratings and characteristics characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -44a) peak diode recovery dv / dt 5 reverse recovery time(i s = -44a, di / dt = 100a/s) reverse recovery charge(i s = -44a, di / dt = 100a/s) peak recovery current(i s = -44a, di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 200v i d = 44a @ 25c v gs = 15v v dd = 200v i d = 44a @ 25c r g = 0.6 min typ max 3018 771 4357 21 23 13 3 20 2 unit pf nc ns min typ max 44 176 1.3 8 t j = 25c 200 t j = 125c 400 t j = 25c 1.1 t j = 125c 2.7 t j = 25c 10 t j = 125c 15.1 thermal characteristics symbol r jc r ja min typ max 0.38 40 unitc/w characteristicjunction to case junction to ambient 1 repetitive rating: pulse width limited by maximum junction temperature 2 pulse test: pulse width < 380 s, duty cycle < 2% 3 see mil-std-750 method 3471 4 starting t j = +25c, l = 1.34mh, r g = 25 , peak i l = 44a 5 dv / dt numbers reflect the limitations of the test circuit rather than the device itself. i s - i d 44a di / dt 700a/s v r v dss t j 150 c apt reserves the right to change, without notice, the specifications and information contained herein. note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm single pulse z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.400.35 0.30 0.25 0.20 0.15 0.10 0.05 0 0.5 0.1 0.3 0.7 0.9 0.05 downloaded from: http:///
050-7164 rev a 1-2003 apt30m75 bfll - sfll typical performance curves 100 9080 70 60 50 40 30 20 10 0 1.401.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 1.21.1 1.0 0.9 0.8 0.7 0.6 6v 6.5v 7v 7.5 v gs =15 &10v 8v 8.5v v gs =10v v gs =20v t j = +125c t j = +25c t j = -55c v ds > i d (on) x r ds(on) max. 250sec. pulse test @ <0.5 % duty cycle r ds(on) , drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs(th) , threshold voltage bv dss , drain-to-source breakdown r ds(on) , drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) v ds , drain-to-source voltage (volts) figure 2, transient thermal impedance model figu re 3, low voltage output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, transfer characteristics figure 5, r ds(on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, r ds(on) vs. temperature figure 9, threshold voltage vs temperature 0 5 10 15 20 25 30 0 2 4 6 8 10 12 14 0 20 40 60 80 100 120 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 160140 120 100 8060 40 20 0 4540 35 30 25 20 15 10 50 2.52.0 1.5 1.0 0.5 0.0 normalized to v gs = 10v @ i d = 22a i d = 22a v gs = 10v 0.03290.158 0.189 0.003340.00802 0.165 power (watts) junction temp. ( c) case temperature rc model downloaded from: http:///
apt30m75 bfll - sfll 050-7164 rev a 1-2003 1ms 100s t c =+25c t j =+150c single pulse operation here limited by r ds (on) v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charge vs gate-to-source voltage figure 13, source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 10 100 300 0 10 20 30 40 50 0 10 20 30 40 50 60 70 80 0.3 0.5 0.7 0.9 1.1 1.3 1.5 176100 10 1 1612 84 0 v ds =150v v ds =60v v ds =240v i d = 44a t j =+150c t j =+25c c rss c iss c oss 10ms 20,00010,000 1,000 100 10 200100 10 1 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 3.50 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. to - 247 package outline 15.95 (.628) 16.05 (.632) 1.22 (.048) 1.32 (.052) 5.45 (.215) bsc {2 plcs.} 4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 2.67 (.105) 2.84 (.112) 0.46 (.018) {3 plcs} 0.56 (.022) dimensions in millimeters (inches) heat sink (drain) and leads are plated 3.81 (.150) 4.06 (.160) (base of lead) drain (heat sink) 1.98 (.078) 2.08 (.082) gate drain source 0.020 (.001) 0.178 (.007) 1.27 (.050) 1.40 (.055) 11.51 (.453) 11.61 (.457) 13.41 (.528) 13.51 (.532) revised 8/29/97 1.04 (.041) 1.15 (.045) 13.79 (.543) 13.99 (.551) revised 4/18/95 d 3 pak package outline apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT30M75BFLLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X