Part Number Hot Search : 
4102040 SP336E 2N5551 TFS70H33 TSHF5210 39VF80 BULT116D TFS70H33
Product Description
Full Text Search
 

To Download APT15D60KG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-220 package or surface mount d 2 pak pack- age? low forward voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters -inverters ? snubber diode ? pfc ultrafast soft recovery rectifier diode maximum ratings all ratings: t c = 25c unless otherwise speciied. static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 1.6 1.8 1.9 1.4 250 500 23 characteristic / test conditions forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 15a i f = 30a i f = 15a, t j = 125c v r = v r rated v r = v r rated, t j = 125c 1 - cathode 2 - anode back of case - cathode 1 2 characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 133c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range lead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm t j ,t stg t l unit volts amps c apt15d60k(g) 600 1532 110 -55 to 175 300 microsemi website - http://www.microsemi.com 600v 15a apt15d60k APT15D60KG* *g denotes rohs compliant, pb free terminal finish. 2 (k) 1 053-6010 rev m 7-2015 downloaded from: http:///
thermal and mechanical characteristics characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max 1.35 80 0.07 1.9 10 1.1 unit c/w oz g lb?in n?m min typ max - 21 - 80 - 95 - 3 - - 150 - 520 - 7 - - 60 - 810 - 22 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 25 c i f = 15a, di f /dt = -200a/ s v r = 400v, t c = 125 c i f = 15a, di f /dt = -1000a/ s v r = 400v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 1.401.20 1.00 0.80 0.60 0.40 0.20 0 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note : apt15d60k(g) dynamic characteristics 053-6010 rev m 7-2015 microsemi reserves the right to change, without notice, the speciications and information contained herein. downloaded from: http:///
053-6010 rev m 7-2015 apt15d60k(g) t j = 125 c v r = 400v 7.5a 15a 30a t rr q rr q rr t rr i rrm 180160 140 120 100 8060 40 20 0 3025 20 15 10 50 duty cycle = 0.5 t j = 175 c 4035 30 25 20 15 10 50 1.21.0 0.8 0.6 0.4 0.2 0.0 160140 120 100 8060 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 150 c t j = -55 c t j = 125 c t j = 25 c t j = 125 c v r = 400v 30a 7.5a 15a 6050 40 30 20 10 0 12001000 800600 400 200 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change 0 0.5 1 1.5 2 2.5 3 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 400v 30a 15a 7.5a 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 typical performance curves downloaded from: http:///
apt15d60k(g) 053-6010 rev m 7-2015 to-220 (k) package outline e3 100% sn cathode anode cathode dimensions in millimeters and [inches] apt5018bll 4 3 1 2 5 zer o 0.25 i rr m pearson 2878 current transformer di f /d t adjus t 30h d.u.t. +18v 0v v r t rr / q rr waveform figure 10. diode reverse recovery waveform deinition figure 9. diode test circuit i f - forward conduction current di f /dt - rate of diode current change through zero crossing. i rrm - maximum reverse recovery current t rr - reverse recovery time measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through i rrm and 0.25, i rrm passes through zero. q rr - area under the curve deined by i rrm and t rr. 5 1 2 3 4 downloaded from: http:///
053-6010 rev m 7-2015 apt15d60k(g) disclaimer: the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the terms of such agreement will also apply. this document and the information cont ained herein may not be modiied, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication, inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in wri ting signed by an oficer of microsemi.microsemi reserves the right to change the coniguration, functionality and performance of its produc ts at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with life-support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to itness for a particular purp ose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance speciications believed to be reliable but are not veriied and customer or user must conduct and complete all performance and other testing of this product as well as any user or customer's inal application. user or customer shall not rely on any data and performance speciications or parameters provided by microsem i. it is the customers and users re - sponsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi speciically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost proit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/terms-a-conditions. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT15D60KG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X